Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF5725TR7 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF5725TR7
Description  2.4GHz TO 2.5GHz SINGLE-BAND FRONT END MODULE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5725TR7 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RF5725TR7 Datasheet HTML 3Page - RF Micro Devices RF5725TR7 Datasheet HTML 4Page - RF Micro Devices RF5725TR7 Datasheet HTML 5Page - RF Micro Devices RF5725TR7 Datasheet HTML 6Page - RF Micro Devices RF5725TR7 Datasheet HTML 7Page - RF Micro Devices RF5725TR7 Datasheet HTML 8Page - RF Micro Devices RF5725TR7 Datasheet HTML 9Page - RF Micro Devices RF5725TR7 Datasheet HTML 10Page - RF Micro Devices RF5725TR7 Datasheet HTML 11Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7 of 11
RF5725
DS120214
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Evaluation Board Schematic
P2-1
VCC3
P2
HDR_1X6
6
5
4
3
2
1
P2-3
LNA_EN
VRX
P2-4
GND
P1-4
VCC
P1
HDR_1X4
1
2
3
4
P1-1
VREG
GND
P1-3
PDETECT
P2-5
VTX
P2-6
VBT
(LNA Vcc)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
VREG
50
 strip
J2
RX OUT
LNA_EN
50
 strip
J4
ANT
50
 strip
J1
TX IN
R1
0
C4
330 pF
PDETECT
VCC bias
L2
3 nH
C7
0.1
F
L3
1.8 nH
C8
0.1
F
J3
BT
C_TX
C_RX
C1
0.1
F
LNA
Vcc
L1
2.4 nH
VCC1
N/C
VCC2
VBT
U1
RF5725


Similar Part No. - RF5725TR7

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5722 RFMD-RF5722 Datasheet
599Kb / 10P
   3.0V TO 3.6V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5722PCK-410 RFMD-RF5722PCK-410 Datasheet
599Kb / 10P
   3.0V TO 3.6V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5722SR RFMD-RF5722SR Datasheet
599Kb / 10P
   3.0V TO 3.6V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5722TR7 RFMD-RF5722TR7 Datasheet
599Kb / 10P
   3.0V TO 3.6V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
More results

Similar Description - RF5725TR7

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFFM3482E RFMD-RFFM3482E Datasheet
1Mb / 14P
   2.4GHz TO 2.5GHz SINGLE-BAND FRONT END MODULE
RF5745 RFMD-RF5745 Datasheet
435Kb / 11P
   2.4GHz TO 2.5GHz, 802.11b/g/n SINGLE-BAND FRONT END MODULE
RFFM8209 RFMD-RFFM8209 Datasheet
545Kb / 10P
   WiFi Front-End Module 2.4GHz to 2.5GHz
RFFM3482Q RFMD-RFFM3482Q Datasheet
739Kb / 13P
   2.4GHz to 2.5GHz, Automotive WiFi Front End Module
logo
Qorvo, Inc
RFFM3482Q QORVO-RFFM3482Q Datasheet
775Kb / 13P
   2.4GHz to 2.5GHz, Automotive WiFi Front End Module
logo
RF Micro Devices
RFFM4202 RFMD-RFFM4202 Datasheet
1Mb / 15P
   5.0V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RF5605 RFMD-RF5605 Datasheet
1Mb / 17P
   5.0V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RF5385 RFMD-RF5385 Datasheet
815Kb / 11P
   2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
logo
Qorvo, Inc
RF5365 QORVO-RF5365 Datasheet
566Kb / 11P
   2.4GHz to 2.5GHz, 802.11b/g/n WiFi Front End Module
logo
RF Micro Devices
RFFM4200 RFMD-RFFM4200 Datasheet
1Mb / 15P
   3.3V TO 5.0V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com