Electronic Components Datasheet Search |
|
RF5602WL33PCK-410 Datasheet(PDF) 4 Page - RF Micro Devices |
|
RF5602WL33PCK-410 Datasheet(HTML) 4 Page - RF Micro Devices |
4 / 27 page 4 of 27 RF5602 DS120213 7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com. Parameter Specification Unit Condition Min. Typ. Max. WiMax IEEE 802.16e Nominal Condition T = 25°C, VCC = 3.3V, 4.2V, 5V, VREG = 2.9V, Freq = 2600MHz, Duty Cycle 1 to 100% unless otherwise noted Frequency Range 2500 2700 MHz Compliance IEEE 802.16e Output Power 26 26.5 dBm Measured standard IEEE 802.16e waveform (16QAM, 10MHz BW), VCC = 5.0V EVM 2.5 3 % RMS, Mean Output Power 25 25.5 dBm Measured standard IEEE 802.16e waveform (16QAM, 10MHz BW), VCC = 4.2V EVM 2 3.0 % RMS, Mean Output Power 23.5 24 dBm Measured standard IEEE 802.16e waveform (16QAM, 10MHz BW), VCC = 3.3V EVM 3 4 % RMS, Mean Gain 31 32 dB At nominal condition and VCC = 5.0V (Over VREG and fre- quency) 31 32 dB At nominal condition and VCC = 4.2V (Over VREG and fre- quency) 31 32 dB At nominal condition and VCC = 3.3V (Over VREG and fre- quency) Gain variation over temperature -2 2 dB -40°C to +85°C Power Detector +10 +29 dB Power detector usable range Low Gain Mode (Gain Reduction) 33 dB At VCC = 5.0V, VREG 1 and 3 = 2.9V, VREG 2 = Low, and Temp = 25°C (In this mode, the gain of the power amplifier drops by 33dB typical from its orig- inal gain) Input Impedance 50 Input matched to 50 Output P1dB 33 dBm At nominal conditions with CW Signal and VCC = 5.0V 32 dBm At nominal conditions with CW Signal and VCC = 4.2V 30.5 dBm At nominal conditions with CW Signal and VCC = 3.3V Power Down PA is “OFF” 0.6 VCC PA is “ON” 1.75 2.9 5.0 VDC Power Supply Operating Voltage 3 to 5 V Current Consumption 500 600 mA RF POUT = +26dBm and VCC = 5.0V (Over VREG and fre- quency) 175 225 mA Idle current, No RF and VCC = 5.0V (Over VREG and fre- quency) 400 475 mA RF POUT = +25dBm and VCC = 4.2V (Over VREG and fre- quency) 160 210 mA Idle current, No RF and VCC = 4.2V (Over VREG and fre- quency) 350 400 mA RF POUT = +23.5dBm and VCC = 3.3V (Over VREG and fre- quency) 150 180 mA Idle current, No RF and VCC = 3.3V (Over VREG and fre- quency) |
Similar Part No. - RF5602WL33PCK-410 |
|
Similar Description - RF5602WL33PCK-410 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |