Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF5604SB Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF5604SB
Description  5V, 475MHZ TO 625MHZ FEM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5604SB Datasheet(HTML) 3 Page - RF Micro Devices

  RF5604SB Datasheet HTML 1Page - RF Micro Devices RF5604SB Datasheet HTML 2Page - RF Micro Devices RF5604SB Datasheet HTML 3Page - RF Micro Devices RF5604SB Datasheet HTML 4Page - RF Micro Devices RF5604SB Datasheet HTML 5Page - RF Micro Devices RF5604SB Datasheet HTML 6Page - RF Micro Devices RF5604SB Datasheet HTML 7Page - RF Micro Devices RF5604SB Datasheet HTML 8Page - RF Micro Devices RF5604SB Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3 of 9
RF5604
DS120127
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Truth Table
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
RX Chain, cont.
Noise Figure (NF)
0.7
1.0
dB
GR1; Exclusive of PA contribution
14.5
15.7
16.5
dB
GR2; Exclusive of PA contribution
TX/RX Switch Time
500
ns
50% CTL to 10/90% RF; Receive mode C_TR=L;
Transmit mode C_TR=H
RX (added) Noise
-177
dBm/Hz
Noise contribution of PA output to RX_OUT in RX
Mode GR1
TX Chain
Frequency Range
475
625
MHz
Pass Band Ripple
0.5
dB
Transmit Gain (GT)
16.0
17.5
19.0
dB
Temp Range 0°C to +70°C over any 50MHz
Maximum Transmit Power
9.5
dBm
Minimum Transmit Power
-33
dBm
Input Third Order Intercept Point (IIP3)
14
19
Temp Range 0°C to +70°C; TX Power +1>+9dBm
Input 1dB Compression Point (IP1dB)
5.5
8.5
dBm
Temp Range 0°C to +70°C; TX Power +1>+9dBm
Noise Figure (NF)
5
dB
GT
Input Impedance (ZIN)50
Input Return Loss (S11)10
15
dB
Output Impedance (ZOUT)50
Output Return Loss (S22)10
15
dB
TX/RX Switch Time
500
ns
50% CTL to 10/90% RF; Receive mode C_TR=L;
Transmit mode C_TR=H
Transmit Gain Drift versus Temperature
0.015
dB/°C
PA Output to RX Output Isolation
24
38
dB
TX Mode (C_TR=H; C_ATT=L)
Spurious (2nd Harmonic)
-30
dBm
TX Power=9dBm; TX Mode
Spurious (All Others)
-50
dBm
TX Power=9dBm; TX Mode
Mode
C_TR
C_PD
C_ATT
TX
H
H
L/H
RX
L
H
L
RX_ATTEN
L
H
H
Shut Down
L/H
L
L/H


Similar Part No. - RF5604SB

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5601 RFMD-RF5601 Datasheet
361Kb / 9P
   4.9GHz to 5.85GHz Low Noise Amplifier with Bypass
RF5601PCK-410 RFMD-RF5601PCK-410 Datasheet
361Kb / 9P
   4.9GHz to 5.85GHz Low Noise Amplifier with Bypass
RF5601SR RFMD-RF5601SR Datasheet
361Kb / 9P
   4.9GHz to 5.85GHz Low Noise Amplifier with Bypass
RF5601TR7 RFMD-RF5601TR7 Datasheet
361Kb / 9P
   4.9GHz to 5.85GHz Low Noise Amplifier with Bypass
RF5602 RFMD-RF5602 Datasheet
2Mb / 27P
   3.0V TO 5.0V, 2.3GHz TO 2.7GHz LINEAR POWER AMPLIFIER
More results

Similar Description - RF5604SB

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
NF-SF50 MINI-NF-SF50 Datasheet
229Kb / 1P
   N-FEM to SMA-FEM
NF-NF50 MINI-NF-NF50_15 Datasheet
185Kb / 1P
   Adapter, N-FEM to N-FEM
SFR-KF50 MINI-SFR-KF50 Datasheet
224Kb / 2P
   Adapter SMA-Fem to 2.92mm-Fem
NF-NF50++ MINI-NF-NF50+ Datasheet
119Kb / 1P
   Coaxial Adapter, N-FEM to N-FEM
logo
Golledge Electronics Lt...
MP03079 GOLLEDGE-MP03079 Datasheet
72Kb / 5P
   SAW Filter 475MHz
logo
Mini-Circuits
NF-BM50 MINI-NF-BM50 Datasheet
222Kb / 1P
   N-FEM to BNC-MALE
logo
TAI-SAW TECHNOLOGY CO.,...
TA0568A TAI-SAW-TA0568A Datasheet
439Kb / 6P
   SAW Filter 475MHz SMD 5.0횞5.0mm
logo
RF Micro Devices
RFFM6403 RFMD-RFFM6403 Datasheet
553Kb / 10P
   2.5V to 4.2V, ISM Band, 1W, 405MHz to 475MHz Transmit/Receive Module
logo
Abracon Corporation
ASTMUPLD ABRACON-ASTMUPLD Datasheet
2Mb / 6P
   Any frequency between 1MHz and 625MHz
05/15/2017
logo
FCI connector
71600-060LF FCI-CONNECTOR-71600-060LF Datasheet
146Kb / 2P
   QUICKIE III FEM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com