Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF5521PCK-410 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF5521PCK-410
Description  3.3V, SWITCH AND LNA FRONT END MODULE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5521PCK-410 Datasheet(HTML) 2 Page - RF Micro Devices

  RF5521PCK-410 Datasheet HTML 1Page - RF Micro Devices RF5521PCK-410 Datasheet HTML 2Page - RF Micro Devices RF5521PCK-410 Datasheet HTML 3Page - RF Micro Devices RF5521PCK-410 Datasheet HTML 4Page - RF Micro Devices RF5521PCK-410 Datasheet HTML 5Page - RF Micro Devices RF5521PCK-410 Datasheet HTML 6Page - RF Micro Devices RF5521PCK-410 Datasheet HTML 7Page - RF Micro Devices RF5521PCK-410 Datasheet HTML 8Page - RF Micro Devices RF5521PCK-410 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2 of 10
RF5521
DS130715
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
DC Supply Voltage
5.5
V
Stability, Output VSWR
5:1
Antenna Port Nominal Impedance
50
Ω
Full Spec Compliant Temperature
Range
-10 to +75
°C
Storage Temperature
-40 to +150
°C
Moisture Sensitivity Level
MSL2
LNA Input Power (no damage)
5
dBm
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Compliance
IEEE802.11b/g/n, FCC CFR 15.247,.205,.209,
EN & JDEC. VDD=3.3V, LNA EN=2.85V,
Temp=+25°C, Freq=2.4GHz to 2.5GHz, unless
noted otherwise.
Operating Frequency
2.4
2.5
GHz
LNA Voltage Supply (VDD)
3.0
3.3
4.5
V
LNA Enable Voltage (LNA_En)
2.70
2.85
4.5
V
LNA Enabled
0
0.2
V
LNA Off.
Switch Control Voltage “HIGH”
2.4
4.5
V
Switch Control Voltage “LOW”
0.2
V
LNA Bypass (LNA_EN)
2.7
4.5
V
LNA Bypass Disabled
0.2
V
LNA Bypass Enabled
LNA Current
LNA VDD
4.5
7
14
mA
LNA in “On” state.
5
μA
LNA in “Off” state.
LNA Enable
1
mA
LNA Enabled.
LNA Bypass
1
mA
LNA Bypass Mode.
Gain, WiFi Rx
9
12
14
dB
WiFi ANT-RX. (LNA_EN High)
Bypass Mode
-5.0
-4.0
-3.0
dB
WiFi ANT-RX, (LNA_EN Low)
Noise Figure
VDD>3.0V, including switch
WiFi Rx
2.0
3.0
dB
WiFi RX Mode.
Bypass Mode
4.0
5.0
dB
LNA Bypass.
Passband Ripple
-0.2
+0.2
dB
WiFi RX Mode.
-0.2
+0.2
dB
WiFi ANT-BT
Output Return Loss
7.5
12
20
dB
LNA ON
WiFi Input/Output Impedance
50
Ω
No external matching.
Cau t ion! ESD sensitive de vice.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical
performance or functional operation of the device under Absolute Maximum Rating
conditions is not implied.
RoHS status based on EU Directive 201 1/65/EU (at time of this document revision).
The information in this publication is believed to be accurate and reliable. However,
no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for
any infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.


Similar Part No. - RF5521PCK-410

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5501 RFMD-RF5501 Datasheet
2Mb / 10P
   3.3 V, SWITCH AND LNA FRONT END SOLUTION
RF5506 RFMD-RF5506 Datasheet
966Kb / 9P
   5.15GHz TO 5.85GHz 802.11a/n FRONT END MODULE
logo
Qorvo, Inc
RF5506 QORVO-RF5506 Datasheet
966Kb / 9P
   5.15GHz TO 5.85GHz 802.11a/n FRONT END MODULE
logo
RF Micro Devices
RF5506PCK-410 RFMD-RF5506PCK-410 Datasheet
966Kb / 9P
   5.15GHz TO 5.85GHz 802.11a/n FRONT END MODULE
logo
Qorvo, Inc
RF5506PCK-410 QORVO-RF5506PCK-410 Datasheet
966Kb / 9P
   5.15GHz TO 5.85GHz 802.11a/n FRONT END MODULE
More results

Similar Description - RF5521PCK-410

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5611 RFMD-RF5611 Datasheet
456Kb / 10P
   3.3V, SWITCH AND LNA FRONT END SOLUTION
RF5501 RFMD-RF5501 Datasheet
2Mb / 10P
   3.3 V, SWITCH AND LNA FRONT END SOLUTION
logo
AVAGO TECHNOLOGIES LIMI...
ALM-1412-TR1G AVAGO-ALM-1412-TR1G Datasheet
192Kb / 16P
   GPS LNA-Filter Front-End Module
ALM-3012 AVAGO-ALM-3012 Datasheet
1Mb / 21P
   GNSS LNA-Filter Front-End Module
logo
Broadcom Corporation.
ALM-2412 BOARDCOM-ALM-2412 Datasheet
265Kb / 13P
   GPS LNA-Filter Front-End Module
logo
AVAGO TECHNOLOGIES LIMI...
ALM-1412 AVAGO-ALM-1412 Datasheet
192Kb / 16P
   GPS LNA-Filter Front-End Module
ALM-GN001 AVAGO-ALM-GN001 Datasheet
1Mb / 21P
   GNSS Filter-LNA Front-End Module
logo
Broadcom Corporation.
ALM-1612 BOARDCOM-ALM-1612 Datasheet
325Kb / 17P
   GPS LNA-Filter Front-End Module
ALM-1412 BOARDCOM-ALM-1412 Datasheet
192Kb / 16P
   GPS LNA-Filter Front-End Module
logo
AVAGO TECHNOLOGIES LIMI...
ALM-2412 AVAGO-ALM-2412 Datasheet
265Kb / 13P
   GPS LNA-Filter Front-End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com