Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M306V0EEFS Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # M306V0EEFS
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
Download  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M306V0EEFS Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  M306V0EEFS Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M306V0EEFS Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M306V0EEFS Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M306V0EEFS Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M306V0EEFS Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M306V0EEFS Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M306V0EEFS Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M306V0EEFS Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M306V0EEFS Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 256 page
background image
M306V0ME-XXXFP
M306V0EEFP
MITSUBISHI MICROCOMPUTERS
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
5
Rev. 1.0
Item
Performance
Number of basic instructions
91 instructions
Shortest instruction execution time
100 ns(f(XIN)=10 MHz)
Memory
ROM
192K bytes
size
RAM
5K bytes
OSD ROM
44K bytes
OSD RAM
1.7K bytes
I/O port
P0 to P10
8 bits ! 8, 5 bits ! 2, 4 bits ! 1
Multifunction
TA0, TA1, TA2, TA3, TA4
16 bits ! 5
timer
TB0, TB1, TB2
16 bits ! 3
Serial I/O
UART0
1 unit: UART or clock synchronous
UART2
1 unit: UART, clock synchronous or simple I2C-BUS
interface
A-D converter
8 bits ! 6
D-A converter
8 bits ! 2
DMAC
2 channels (trigger: 21 sources)
OSD function
Triple layer, 825 kinds of fonts, 42 character ! 16 lines
Data slicer
32-bit buffer
HSYNC counter
8bits ! 2 channel
Watchdog timer
15 bits ! 1 (with prescaler)
Interrupt
20 internal and 3 external sources, 4 software sources, 7 levels
Clock generating circuit
3 built-in clock generation circuits
Power source voltage
4.5 V to 5.5V (f(XIN ) = 10 MHz)
Power consumption
250 mW
I/O
I/O withstand voltage
5 V
characteristics
Output current
5 mA
Memory expansion
Available
Operating ambient temperature
–10 o C to 70 o C
Device configuration
CMOS high performance silicon gate
Package
100-pin plastic molded QFP
Table 1.5.1 Performance outline
1.5 Performance Outline
Table 1.5.1 is a performance outline.


Similar Part No. - M306V0EEFS

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M306V2 MITSUBISHI-M306V2 Datasheet
1Mb / 276P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER?
M306V2EEFP MITSUBISHI-M306V2EEFP Datasheet
1Mb / 276P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER?
logo
Renesas Technology Corp
M306V2EEFP RENESAS-M306V2EEFP Datasheet
2Mb / 271P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M306V2EEFS MITSUBISHI-M306V2EEFS Datasheet
1Mb / 276P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER?
logo
Renesas Technology Corp
M306V2EEFS RENESAS-M306V2EEFS Datasheet
2Mb / 271P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
More results

Similar Description - M306V0EEFS

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M306V2ME MITSUBISHI-M306V2ME Datasheet
1Mb / 276P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER?
M306V5ME MITSUBISHI-M306V5ME Datasheet
1Mb / 262P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER?
M306V5ME-XXXSP MITSUBISHI-M306V5ME-XXXSP Datasheet
2Mb / 262P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Renesas Technology Corp
6V7 RENESAS-6V7 Datasheet
2Mb / 298P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
M306V5ME-XXXSP RENESAS-M306V5ME-XXXSP Datasheet
2Mb / 263P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
M306V2ME-XXXFP RENESAS-M306V2ME-XXXFP Datasheet
2Mb / 271P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
M306V7MG RENESAS-M306V7MG_15 Datasheet
2Mb / 300P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37274EFSP MITSUBISHI-M37274EFSP Datasheet
1Mb / 147P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER??????
M37271MF MITSUBISHI-M37271MF Datasheet
1Mb / 97P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER???
M37267 MITSUBISHI-M37267 Datasheet
5Mb / 80P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER WITH CLOSED CAPTION DECODER AND ON-SCREEN DISPLAY CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com