Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M2V56D40AKT-10 Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # M2V56D40AKT-10
Description  256M Double Data Rate Synchronous DRAM
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M2V56D40AKT-10 Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  M2V56D40AKT-10 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M2V56D40AKT-10 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M2V56D40AKT-10 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M2V56D40AKT-10 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M2V56D40AKT-10 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M2V56D40AKT-10 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M2V56D40AKT-10 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M2V56D40AKT-10 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M2V56D40AKT-10 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
3
MITSUBISHI ELECTRIC
Jul. '01 Preliminary
MITSUBISHI LSIs
DDR SDRAM (Rev.1.0)
M2S56D20/ 30/ 40AKT
256M Double Data Rate Synchronous DRAM
PIN FUNCTION
CLK, /CLK
Input
Clock: CLK and /CLK are differential clock inputs. All address and control
input signals are sampled on the crossing of the positive edge of CLK and
negative edge of /CLK. Output (read) data is referenced to the crossings of
CLK and /CLK (both directions of crossing).
CKE
Input
Clock Enable: CKE controls internal clock. When CKE is low, internal clock
for the following cycle is ceased. CKE is also used to select auto / self refresh.
After self refresh mode is started, CKE becomes asynchronous input. Self refresh
is maintained as long as CKE is low.
/CS
Input
Chip Select: When /CS is high, any command means No Operation.
/RAS, /CAS, /WE
Input
Combination of /RAS, /CAS, /WE defines basic commands.
A0-12
Input
A0-11 specify the Row / Column Address in conjunction with BA0,1. The
Row Address is specified by A0-12. The Column Address is specified by
A0-9,11(x4), A0-9(x8) and A0 -8(x16). A10 is also used to indicate precharge
option. When A10 is high at a read / write command, an auto precharge is
performed. When A10 is high at a precharge command, all banks are
precharged.
BA0,1
Input
DQ0-15(x16),
DQ0-7(x8),
DQ0-3(x4),
Input / Output
DQS
Vdd, Vss
Power Supply
Power Supply for the memory array and peripheral circuitry.
VddQ, VssQ
Power Supply
VddQ and VssQ are supplied to the Output Buffers only.
Bank Address: BA0,1 specifies one of four banks to which a command is
applied. BA0,1 must be set with ACT, PRE, READ, WRITE commands.
Data Input/Output: Data bus
Data Strobe: Output with read data, input with write data. Edge-aligned
with read data, centered in write data. Used to capture write data.
For the x16, LDQS corresponds to the data on DQ0 -DQ7; UDQS
correspond to the data on DQ8-DQ15
SYMBOL
TYPE
DESCRIPTION
DM
Input
Input Data Mask: DM is an input mask signal for write data. Input data
is masked when DM is sampled HIGH along with that input data
during a WRITE access. DM is sampled on both edges of DQS.
Although DM pins are input only, the DM loading matches the DQ
and DQS loading. For the x16, LDM corresponds to the data on DQ0 -DQ7;
UDM corresponds to the data on DQ8-DQ15.
Input / Output
Vref
Input
SSTL_2 reference voltage.


Similar Part No. - M2V56D40AKT-10

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M2V56D40ATP-10 MITSUBISHI-M2V56D40ATP-10 Datasheet
824Kb / 37P
   256M Double Data Rate Synchronous DRAM
M2V56D40ATP-75 MITSUBISHI-M2V56D40ATP-75 Datasheet
824Kb / 37P
   256M Double Data Rate Synchronous DRAM
M2V56D40ATP-75A MITSUBISHI-M2V56D40ATP-75A Datasheet
824Kb / 37P
   256M Double Data Rate Synchronous DRAM
More results

Similar Description - M2V56D40AKT-10

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M2S56D20 MITSUBISHI-M2S56D20 Datasheet
824Kb / 37P
   256M Double Data Rate Synchronous DRAM
logo
Elpida Memory
M2S56D20ATP ELPIDA-M2S56D20ATP Datasheet
644Kb / 41P
   256M Double Data Rate Synchronous DRAM
logo
Mitsubishi Electric Sem...
M2S56D20TP MITSUBISHI-M2S56D20TP Datasheet
300Kb / 36P
   256M Double Data Rate Synchronous DRAM
M2S12D20 MITSUBISHI-M2S12D20 Datasheet
754Kb / 38P
   512M Double Data Rate Synchronous DRAM
M2S28D20ATP MITSUBISHI-M2S28D20ATP Datasheet
1Mb / 36P
   128M Double Data Rate Synchronous DRAM
logo
Hynix Semiconductor
HY5DU56422DTP HYNIX-HY5DU56422DTP Datasheet
413Kb / 37P
   256M DDR SDRAM (268,435,456-bit CMOS Double Data Rate(DDR) Synchronous DRAM)
logo
Mitsubishi Electric Sem...
M2V56S20ATP MITSUBISHI-M2V56S20ATP Datasheet
690Kb / 49P
   256M Synchronous DRAM
M2V56S20 MITSUBISHI-M2V56S20 Datasheet
431Kb / 51P
   256M Synchronous DRAM
M2V56S20AKT MITSUBISHI-M2V56S20AKT Datasheet
694Kb / 49P
   256M Synchronous DRAM
M2V56S20TP MITSUBISHI-M2V56S20TP Datasheet
280Kb / 49P
   256M Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com