Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMPF4393 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CMPF4393
Description  SURFACE MOUNT N-CHANNEL SILICON JFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPF4393 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CMPF4393 Datasheet HTML 1Page - Central Semiconductor Corp CMPF4393 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CMPF4391
CMPF4392
CMPF4393
SURFACE MOUNT
N-CHANNEL
SILICON JFET
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
CMPF4391
CMPF4392
CMPF4393
SYMBOL
TEST CONDITIONS
MIN
MAX
MIN MAX
MIN MAX
UNITS
Crss
VGS=12V, VDS=0, f=1.0MHz
-
3.5
-
-
-
-
pF
Crss
VGS=7.0V, VDS=0, f=1.0MHz
-
-
-
3.5
-
-
pF
Crss
VGS=5.0V, VDS=0, f=1.0MHz
-
-
-
-
-
3.5
pF
tON
ID(ON)=12mA
-
15
-
-
-
-
ns
tON
ID(ON)=6.0mA
-
-
-
15
-
-
ns
tON
ID(ON)=3.0mA
-
-
-
-
-
15
ns
tOFF
VGS(OFF)=12V
-
20
-
-
-
-
ns
tOFF
VGS(OFF)=7.0V
-
-
-
35
-
-
ns
tOFF
VGS(OFF)=5.0V
-
-
-
-
-
50
ns
LEAD CODE:
1) Drain
2) Source
3) Gate
MARKING CODES:
CMPF4391: 6J
CMPF4392: 6K
CMPF4393: 6G
SOT-23 CASE - MECHANICAL OUTLINE
www.centralsemi.com
R5 (27-January 2010)


Similar Part No. - CMPF4393

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPF4393 CENTRAL-CMPF4393 Datasheet
80Kb / 2P
   N-CHANNEL JFET
CMPF4393 CENTRAL-CMPF4393 Datasheet
333Kb / 2P
   SURFACE MOUNT N-CHANNEL SILICON JFET
More results

Similar Description - CMPF4393

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPF4416A CENTRAL-CMPF4416A_10 Datasheet
328Kb / 2P
   SURFACE MOUNT N-CHANNEL SILICON JFET
CMPFJ310 CENTRAL-CMPFJ310 Datasheet
52Kb / 2P
   SURFACE MOUNT SILICON N-CHANNEL JFET
CMPF5484 CENTRAL-CMPF5484_15 Datasheet
338Kb / 2P
   SURFACE MOUNT SILICON N-CHANNEL JFET
CMPF4416A CENTRAL-CMPF4416A_15 Datasheet
328Kb / 2P
   SURFACE MOUNT N-CHANNEL SILICON JFET
CMPFJ310 CENTRAL-CMPFJ310_15 Datasheet
53Kb / 2P
   SURFACE MOUNT SILICON N-CHANNEL JFET
CMPF5484 CENTRAL-CMPF5484_10 Datasheet
331Kb / 2P
   SURFACE MOUNT N-CHANNEL SILICON JFET
CMPF4391 CENTRAL-CMPF4391_10 Datasheet
333Kb / 2P
   SURFACE MOUNT N-CHANNEL SILICON JFET
CMPF5460 CENTRAL-CMPF5460_15 Datasheet
63Kb / 2P
   SURFACE MOUNT SILICON P-CHANNEL JFET
CMPFJ174 CENTRAL-CMPFJ174 Datasheet
59Kb / 2P
   SURFACE MOUNT SILICON P-CHANNEL JFET
CMPF5460 CENTRAL-CMPF5460 Datasheet
63Kb / 2P
   SURFACE MOUNT SILICON P-CHANNEL JFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com