Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5486 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # 2N5486
Description  SILICON N-CHANNEL JFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

2N5486 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  2N5486 Datasheet HTML 1Page - Central Semiconductor Corp 2N5486 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2N5484
2N5485
2N5486
SILICON
N-CHANNEL JFET
LEAD CODE:
1) Drain
2) Source
3) Gate
MARKING:
FULL PART NUMBER
TO-92 CASE - MECHANICAL OUTLINE
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
2N5484
2N5485
2N5486
SYMBOL
TEST CONDITIONS
MIN
MAX
MIN
MAX
MIN
MAX
UNITS
NF
VDS=15V, VGS=0, RG=1MΩ, f=1.0KHz
-
2.5
-
2.5
-
2.5
dB
NF
VDS=15V, ID=1.0mA, RG=1KΩ, f=100MHz -
3.0
-
-
-
-
dB
NF
VDS=15V, ID=1.0mA, RG=1KΩ, f=200MHz -
4.0TYP
-
-
-
-
dB
NF
VDS=15V, ID=4.0mA, RG=1KΩ, f=100MHz -
-
-
2.0
-
2.0
dB
NF
VDS=15V, ID=4.0mA, RG=1KΩ, f=400MHz -
-
-
4.0
-
4.0
dB
GPS
VDS=15V, ID=1.0mA, f=100MHz
16
25
-
-
-
-
dB
GPS
VDS=15V, ID=1.0mA, f=200MHz
-
14 TYP
-
-
-
-
dB
GPS
VDS=15V, ID=4.0mA, f=100MHz
-
-
18
30
18
30
dB
GPS
VDS=15V, ID=4.0mA, f=400MHz
-
-
10
20
10
20
dB
www.centr a lsemi.com
R1 (2-May 2014)


Similar Part No. - 2N5486

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N5486 ONSEMI-2N5486 Datasheet
278Kb / 8P
   JFET VHF/UHF Amplifiers
1997
logo
Intersil Corporation
2N5486 INTERSIL-2N5486 Datasheet
4Mb / 122P
   P-CHANNEL JFET
logo
Fairchild Semiconductor
2N5486 FAIRCHILD-2N5486 Datasheet
196Kb / 2P
   SFET RF,VHF, UHF, Amplitiers
logo
New Jersey Semi-Conduct...
2N5486 NJSEMI-2N5486 Datasheet
145Kb / 1P
   N-CHANNEL JFETS
logo
Fairchild Semiconductor
2N5486 FAIRCHILD-2N5486 Datasheet
73Kb / 7P
   N-Channel RF Amplifier
More results

Similar Description - 2N5486

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N4391 CENTRAL-2N4391 Datasheet
536Kb / 2P
   N-CHANNEL SILICON JFET
2N4857 CENTRAL-2N4857 Datasheet
539Kb / 2P
   N-CHANNEL SILICON JFET
PN4391 CENTRAL-PN4391_15 Datasheet
329Kb / 2P
   N-CHANNEL SILICON JFET
2N4859 CENTRAL-2N4859 Datasheet
539Kb / 2P
   N-CHANNEL SILICON JFET
2N4856 CENTRAL-2N4856 Datasheet
539Kb / 2P
   N-CHANNEL SILICON JFET
2N4858 CENTRAL-2N4858_15 Datasheet
528Kb / 2P
   N-CHANNEL SILICON JFET
PN4391 CENTRAL-PN4391 Datasheet
329Kb / 2P
   N-CHANNEL SILICON JFET
logo
New Jersey Semi-Conduct...
2N5395 NJSEMI-2N5395 Datasheet
78Kb / 1P
   N-CHANNEL SILICON JFET
logo
Central Semiconductor C...
2N4858 CENTRAL-2N4858 Datasheet
528Kb / 2P
   N-CHANNEL SILICON JFET
CMPF4416A CENTRAL-CMPF4416A Datasheet
77Kb / 2P
   SILICON N-CHANNEL JFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com