Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJG1312PC1-C2 Datasheet(PDF) 6 Page - New Japan Radio

Part # NJG1312PC1-C2
Description  SPDT SWITCH DRIVER AMPLIFIRE GaAs MMIC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1312PC1-C2 Datasheet(HTML) 6 Page - New Japan Radio

  NJG1312PC1-C2 Datasheet HTML 1Page - New Japan Radio NJG1312PC1-C2 Datasheet HTML 2Page - New Japan Radio NJG1312PC1-C2 Datasheet HTML 3Page - New Japan Radio NJG1312PC1-C2 Datasheet HTML 4Page - New Japan Radio NJG1312PC1-C2 Datasheet HTML 5Page - New Japan Radio NJG1312PC1-C2 Datasheet HTML 6Page - New Japan Radio NJG1312PC1-C2 Datasheet HTML 7Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
NJG1312PC1
- 6 -
nAPPLICATION CIRCUIT
nRECOMMENDED PCB DESIGN
[1] Chip parts list
Parts ID
Comment
C1~C11
MURATA GRM36 Series
L1~L4
TAIYO-YUDEN HK1005 Series
PCB: FR-4
19.0x26.0mm, t=0.2mm
MICROSTRIP LINE WIDTH=0.4mm (Zo=50
Ω)
CHIP SIZE:1005
RF
OUT
P2
P1
V
CTR1
V
CTR2
VDD
GND
C1
C2
C10
C11
C3
L4
L1
R1
R2
L3
C8
C9
L2
C6
C7
RF
OUT
C7
100pF
C8
39pF
C9
1000pF
(TOP VIEW)
V
CTR1
P1
8
6
9
7
10
5
L3
15nH
C3
100pF
C2
100pF
L1
8.2nH
L2
15nH
C6
0.75pF
11
12
V
DD=2.9V
C11
10pF
C1
100pF
C10
10pF
13
14
15
16
1
2
3
4
NJG1312PC1
R2
180
L4
10nH
V
CTR2
P2
R1
270


Similar Part No. - NJG1312PC1-C2

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1301V NJRC-NJG1301V Datasheet
244Kb / 7P
   MEDIUM POWER AMPLIFIER GaAs MMIC
NJG1301V-C1 NJRC-NJG1301V-C1 Datasheet
244Kb / 7P
   MEDIUM POWER AMPLIFIER GaAs MMIC
NJG1301V-C2 NJRC-NJG1301V-C2 Datasheet
244Kb / 7P
   MEDIUM POWER AMPLIFIER GaAs MMIC
NJG1301V-C3 NJRC-NJG1301V-C3 Datasheet
244Kb / 7P
   MEDIUM POWER AMPLIFIER GaAs MMIC
NJG1301V-C4 NJRC-NJG1301V-C4 Datasheet
244Kb / 7P
   MEDIUM POWER AMPLIFIER GaAs MMIC
More results

Similar Description - NJG1312PC1-C2

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1516KC1 NJRC-NJG1516KC1 Datasheet
256Kb / 14P
   SPDT SWITCH GaAs MMIC
NJG1660HA8 NJRC-NJG1660HA8 Datasheet
363Kb / 7P
   SPDT SWITCH GaAs MMIC
NJG1517KB2 NJRC-NJG1517KB2 Datasheet
184Kb / 12P
   SPDT SWITCH GaAs MMIC
NJG1518KB2 NJRC-NJG1518KB2 Datasheet
177Kb / 12P
   SPDT SWITCH GaAs MMIC
NJG1535HD3 NJRC-NJG1535HD3 Datasheet
207Kb / 12P
   SPDT SWITCH GaAs MMIC
NJG1512V NJRC-NJG1512V Datasheet
247Kb / 10P
   SPDT SWITCH GaAs MMIC
NJG1505R NJRC-NJG1505R Datasheet
183Kb / 9P
   SPDT SWITCH GaAs MMIC
NJG1506R NJRC-NJG1506R Datasheet
398Kb / 12P
   SPDT SWITCH GaAs MMIC
NJG1509F NJRC-NJG1509F Datasheet
431Kb / 13P
   SPDT SWITCH GaAs MMIC
NJG1522KB2 NJRC-NJG1522KB2 Datasheet
182Kb / 11P
   SPDT SWITCH GaAs MMIC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com