Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELCM-1MH Datasheet(PDF) 1 Page - Tyco Electronics

Part # ELCM-1MH
Description  E-Series Surface Mount Mixer 2 - 500 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ELCM-1MH Datasheet(HTML) 1 Page - Tyco Electronics

  ELCM-1MH Datasheet HTML 1Page - Tyco Electronics ELCM-1MH Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
E-Series Surface Mount Mixer — 2 - 500 MHz
ELCM-1MH
M/A-COM Division of AMP Incorporated s North America: Tel. (800) 366-2266, Fax (800) 618-8883 s Asia/Pacific: Tel.+85 2 2111 8088,
Fax +85 2 2111 8087 s Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks.
Specifications subject to change without notice.
V1.00
S 1456 A
Features
• LO Power +13 dBm
• Up to +9 dBm RF
• Surface Mount
• Low Profile
Description
M/A-COM’s ELCM-1MH is a Low Cost,Broadband,high
Performance Double Balanced Mixer designed for use in high
volume wireless applications. The device has been optimised by
careful selection of the Schottky Diode and Balun Transformer for
excellent performance. ELCM-1MH is available in an SM-89
surface mount package and reflows using standard soldering
reflow profiles.
SM-89 Package
Electrical Specifications @ +25°C, Z
0 = 50 Ohms, LO = +7dBm
Parameter
Units
Minimum
Typical
Maximum
Frequency Range
RF
2 - 500
LO
2 - 500
IF
DC - 500
MHz
MHz
MHz
Conversion Loss
2 - 250
250 - 500
dB
dB
5.5
6.0
7.0
8.0
Isolation
(LO - RF)
2 - 20
20 - 250
250 - 500
MHz
MHz
MHz
45
30
25
55
44
30
Isolation
(LO - IF)
2 - 20
20 - 250
250 - 500
MHz
MHz
MHz
40
25
25
55
35
29
E-Series Surface Mount Mixer
2 – 500 MHz
ELCM-1MH
Note: Non Hermetic Package


Similar Part No. - ELCM-1MH

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ELCM-1MH MACOM-ELCM-1MH Datasheet
129Kb / 2P
   E-Series Surface Mount Mixer 2-500MHz
logo
M/A-COM Technology Solu...
ELCM-1MH MA-COM-ELCM-1MH Datasheet
163Kb / 2P
   E-Series Surface Mount Mixer 2 - 500 MHz
logo
Tyco Electronics
ELCM-1MHTR MACOM-ELCM-1MHTR Datasheet
129Kb / 2P
   E-Series Surface Mount Mixer 2-500MHz
ELCM-1MH MACOM-ELCM-1MH_1 Datasheet
129Kb / 2P
   E-Series Surface Mount Mixer 2-500MHz
More results

Similar Description - ELCM-1MH

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAMX-007674-LCM1MH MA-COM-MAMX-007674-LCM1MH Datasheet
137Kb / 2P
   E-Series Surface Mount Mixer 2 - 500 MHz
ELCM-1MH MA-COM-ELCM-1MH Datasheet
163Kb / 2P
   E-Series Surface Mount Mixer 2 - 500 MHz
logo
Tyco Electronics
EMRS-1MHX2 MACOM-EMRS-1MHX2 Datasheet
100Kb / 1P
   2 - 500 MHz E-Series Surface Mount Mixer
MAMX-007674-LCM1MH MACOM-MAMX-007674-LCM1MH Datasheet
127Kb / 2P
   E-Series Surface Mount Mixer 2 - 500 MHz
EMRS-1LH MACOM-EMRS-1LH Datasheet
60Kb / 1P
   E-Series Surface Mount Mixer 0.5 - 500 MHz
ELCM-1 MACOM-ELCM-1 Datasheet
199Kb / 2P
   E-Series Surface Mount Mixer 0.5 - 500 MHz
logo
M/A-COM Technology Solu...
MAMX-007607-ELCM1H MA-COM-MAMX-007607-ELCM1H Datasheet
136Kb / 2P
   E-Series Surface Mount Mixer 0.5 - 500 MHz
logo
Tyco Electronics
ELCM-1H MACOM-ELCM-1H Datasheet
212Kb / 2P
   E-Series Surface Mount Mixer 0.5 - 500 MHz
MAMXES0022 MACOM-MAMXES0022 Datasheet
51Kb / 2P
   E-Series Surface Mount Mixer 0.5 . 500 MHz
logo
M/A-COM Technology Solu...
ELCM-1H MA-COM-ELCM-1H Datasheet
162Kb / 2P
   E-Series Surface Mount Mixer 0.5 - 500 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com