Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2150-14 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC2150-14
Description  14-Bit 250Msps/ 210Msps/170Msps ADCs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2150-14 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC2150-14_15 Datasheet HTML 7Page - Linear Technology LTC2150-14_15 Datasheet HTML 8Page - Linear Technology LTC2150-14_15 Datasheet HTML 9Page - Linear Technology LTC2150-14_15 Datasheet HTML 10Page - Linear Technology LTC2150-14_15 Datasheet HTML 11Page - Linear Technology LTC2150-14_15 Datasheet HTML 12Page - Linear Technology LTC2150-14_15 Datasheet HTML 13Page - Linear Technology LTC2150-14_15 Datasheet HTML 14Page - Linear Technology LTC2150-14_15 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
11
21521014fa
LTC2152-14/
LTC2151-14/LTC2150-14
For more information www.linear.com/LTC2152-14
TYPICAL PERFORMANCE CHARACTERISTICS
LTC2151-14: SNR vs Input Frequency,
–1dBFS, 1.5V Range, 210Msps
LTC2151-14: Frequency Response
INPUT FREQUENCY (MHz)
0
65
75
700
55
50
200
400
100
900
300
500
800
600
1000
45
40
60
70
21521014 G39
1000
100
INPUT FREQUENCY (MHz)
–4.0
–1.5
–1.0
–0.5
–5.0
–2.5
–4.5
–2.0
–5.5
–6.0
–3.0
–3.5
21521014 G40
LTC2151-14: SNR vs Input
Level, fIN = 71MHz, 1.5V Range,
210Msps
LTC2151-14: SFDR vs Input
Frequency, –1dBFS, 1.5V Range,
210Msps
INPUT FREQUENCY (MHz)
0
50
70
90
700
30
20
200
400
100
900
300
500
800
600
1000
10
0
40
60
80
21521014 G38
INPUT LEVEL (dBFS)
10
0
20
30
40
50
80
70
60
–70
–50
–30
–60
–40
–20 –10
0
21521014 G37
dBFS
dBc


Similar Part No. - LTC2150-14_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2150-14 LINER-LTC2150-14 Datasheet
1,000Kb / 36P
   300MHz Digital Predistortion Receiver
LTC2150-14 LINER-LTC2150-14 Datasheet
635Kb / 16P
   50廓 Gain Block IF Amplifier n 20MHz to 1700MHz Bandwidth
LTC2150-14 LINER-LTC2150-14 Datasheet
1Mb / 28P
   Dual 12-Bit 310Msps ADC
More results

Similar Description - LTC2150-14_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2152-14 LINER-LTC2152-14_15 Datasheet
1Mb / 32P
   14-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2151-14 LINER-LTC2151-14_15 Datasheet
1Mb / 32P
   14-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2152-14 LINER-LTC2152-14 Datasheet
4Mb / 32P
   14-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2155-14 LINER-LTC2155-14_15 Datasheet
1,014Kb / 34P
   Dual 14-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2156-14 LINER-LTC2156-14_15 Datasheet
1,014Kb / 34P
   Dual 14-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2157-14 LINER-LTC2157-14_15 Datasheet
1,014Kb / 34P
   Dual 14-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2156-12 LINER-LTC2156-12_15 Datasheet
928Kb / 32P
   Dual 12-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2151-12 LINER-LTC2151-12_15 Datasheet
677Kb / 30P
   Single 12-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2150-12 LINER-LTC2150-12_15 Datasheet
677Kb / 30P
   Single 12-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2152-12 LINER-LTC2152-12_15 Datasheet
677Kb / 30P
   Single 12-Bit 250Msps/ 210Msps/170Msps ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com