Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSP400-20FBGB Datasheet(PDF) 1 Page - Sparkle Power Inc.

Part # FSP400-20FBGB
Description  Complied with Flex ATX standard
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPI [Sparkle Power Inc.]
Direct Link  http://www.sparklepower.com
Logo SPI - Sparkle Power Inc.

FSP400-20FBGB Datasheet(HTML) 1 Page - Sparkle Power Inc.

  FSP400-20FBGB Datasheet HTML 1Page - Sparkle Power Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Input Characteristics
Input Range: 90 ~ 264Vac, Full Range Input
Frequency: 47 ~ 63Hz
Input Current: Max 6.0A @ 115Vac, 3.0A @ 230Vac
Inrush Current: No Damage
Sparkle Power Inc.
A Leading Power Supply Manufacturer
Web site: www.sparklepower.com
Specification
Temperature Range: Operating: 0°C ~ +50°C on full load
Storage : -20°C ~ +80°C
Humidity: Operating : 85% RH, Non-condensing,
Storage : 95% RH, Non-condensing
Dielectric Withstand: Primary frame ground 1800V AC for
2 second
Efficiency: Typical > 90%
Altitude: operating up to 5K Meter.
Meet ErP: 5Vsb power is less than 0.5W input at power off
mode (PS_ON input at high state) which is comply with EuP
Lot 6 , year 2013 requirement.
Rise time: Less than 20ms
Hold-up Time: 16 ms minimum at nominal input voltage
Power Good Signal: Power on delay time 100 ~ 500ms, off
delay 1ms minimum (TTL and CMOS compatible)
Leakage Current: Less than 3.5mA at 264Vac 50Hz.
MTBF: 100,000 hours on maximum load at +25°C
Dimensions (LxWxH): 190x81.5x40.5mm
/ 7.48x3.2x1.6 inch
Output Characteristics
Output Voltage
Minimum Load
Maximum Load
Load Reg.
Ripple & Noise
+12V1
0A
32.1A
± 5%
120mV P-P
+5Vsb
0A
3.0A
± 5%
50mV P-P
* Total output for this subject power supply is 400W
FSP400-20FBGB
(80PLUS Gold, RoHS Compliant)
400 Watts Flex ATX Switching Power Supply
Sparkle Power Inc.
Main Office
1000 Rock Avenue
San Jose, CA 95131
TEL: 408-519-8888
FAX: 408-519-9999
E-MAIL: info@sparklepower.com
Sparkle Power Inc.
Los Angeles Office
17071 Green Drive
City of Industry, CA 91745
TEL: 626-839-7180
FAX: 626-839-3395
Features
Complied with Flex ATX standard
Active Power Factor Correction (PFC) meet EN61000-3-2
High efficiency and reliability
Compatible with European Union Directive 2011/65/EU (Restriction on
Hazardous Substances).
Remote ON/OFF function
Internal 12V DC fan included
Low noise and ripple
Output over voltage, short circuit, and over current protection
100% Hi-pot, ATE, and burn-in tested
Re-settable power shut down
Complies with FCC part 15 subpart J class B 115Vac operation, and
CISPR 22 class B at 230Vac operation
Approved by : UL/CUL60950-1 2nd TUV EN60950-1 2nd, CB 60950-1 2nd ,
FCC, EMC


Similar Part No. - FSP400-20FBGB

ManufacturerPart #DatasheetDescription
logo
FSP TECHNOLOGY INC.
FSP400-20FBGB FSP-FSP400-20FBGB_15 Datasheet
82Kb / 1P
   industrial level of switching power
More results

Similar Description - FSP400-20FBGB

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
FSP250-20FGGBC SPI-FSP250-20FGGBC Datasheet
37Kb / 1P
   Complied with Flex ATX standard
FSP300-20FGGBC SPI-FSP300-20FGGBC Datasheet
104Kb / 1P
   Complied with Flex ATX standard
FSP150-50FGBBB SPI-FSP150-50FGBBB Datasheet
60Kb / 1P
   Complied with Flex ATX standard
FSP400-40FBGB SPI-FSP400-40FBGB Datasheet
90Kb / 1P
   Complied with Flex ATX standard
FSP300-60PFN SPI-FSP300-60PFN Datasheet
358Kb / 1P
   Complied with atx AND ATX12V standard
SPI350U4BB SPI-SPI350U4BB Datasheet
48Kb / 1P
   Complied with ATX and ATX12V standard
SPI-250G SPI-SPI-250G Datasheet
472Kb / 2P
   Complied with AT standard
SPI300EP SPI-SPI300EP Datasheet
46Kb / 1P
   Complied with ATX12V standard
FSP100-50LM SPI-FSP100-50LM Datasheet
99Kb / 1P
   Complied with ATX12V standard
FSP250-60PFG SPI-FSP250-60PFG Datasheet
46Kb / 1P
   Complied with ATX12V standard
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com