Electronic Components Datasheet Search |
|
FSP350-60GHS Datasheet(PDF) 1 Page - Sparkle Power Inc. |
|
FSP350-60GHS Datasheet(HTML) 1 Page - Sparkle Power Inc. |
|
1 / 1 page Sparkle Power Inc. A Leading Power Supply Manufacturer Website: www.sparklepower.com FSP350-50GHS (80Plus Standard, RoHS Compliant) 350 Watts SFX Power Supply Features Complied with SFX12V standard High efficiency and reliability Compatible with European Union Directive 2002/95/EC (Restriction on Hazardous Substances). Remote ON/OFF function Internal 12V DC fan included Noise Killer (thermal fan speed control function) Low noise and ripple Output over voltage, short circuit, and over current protection 100% Hi-pot, ATE, and burn-in tested Re-settable power shut down Complies with FCC part 15 subpart J class B 115Vac operation, and CISPR 22 class B at 230Vac operation Approved by CUL/UL60950-1, TUV EN60950-1,CB 60950-1 report, FCC,EMC. Specification Temperature Range: Operating: +0°C ~ +50°C on full load Storage & Shipping: -20°C ~ +80°C Humidity: 5-95% RH (non-condensing) on operating & on storage Dielectric Withstand: Primary to frame ground 1800V AC for 1 second Rise time: Less than 20ms Hold-up Time: 17 m sec. minimum Power Good Signal: Power on delay time 100 ~ 500ms, off delay 1ms minimum (TTL and CMOS compatible) Leakage Current: Less than 3.5mA MTBF: 100,000 hours on maximum load at +25°C Dimensions (LxWxH):100x125x63.5mm / 3.94x4.92x2.5inch Input Characteristics Input Range: 115Vac ~ 230Vac, Frequency: 47 ~ 63Hz Input Current: Max 4.5A @ 115Vac, 2.5A @ 230Vac Inrush Current: No damage. Output Characteristics * +3.3V & +5V total output does not exceed 125W * Total output continuous shall not exceed 350 watts * +12V2 peak current is 19A (less than 10m sec) minimum voltage during peak is >10.8VDC * 5VSB peak current is 3A (less than 500m sec) Minimum voltage during peak is >4.5 VDC Sparkle Power Inc. Main Office 1000 Rock Avenue San Jose, CA 95131 TEL: 408-519-8888 FAX: 408-519-9999 E-MAIL: info@sparklepower.com Sparkle Power Inc. Los Angeles Office 17071 Green Drive City of Industry, CA 91745 TEL: 626-839-7180 FAX: 626-839-3395 |
Similar Part No. - FSP350-60GHS |
|
Similar Description - FSP350-60GHS |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |