Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT8580 Datasheet(PDF) 9 Page - Linear Technology

Part # LT8580
Description  Boost/SEPIC/Inverting DC/DC Converter with 1A, 65V Switch, Soft-Start and Synchronization
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8580 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT8580_15 Datasheet HTML 5Page - Linear Technology LT8580_15 Datasheet HTML 6Page - Linear Technology LT8580_15 Datasheet HTML 7Page - Linear Technology LT8580_15 Datasheet HTML 8Page - Linear Technology LT8580_15 Datasheet HTML 9Page - Linear Technology LT8580_15 Datasheet HTML 10Page - Linear Technology LT8580_15 Datasheet HTML 11Page - Linear Technology LT8580_15 Datasheet HTML 12Page - Linear Technology LT8580_15 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
LT8580
9
8580f
For more information www.linear.com/LT8580
Start-Up Operation
Several functions are provided to enable a very clean
start-up for the LT8580.
• First, the SHDN pin voltage is monitored by an internal
voltage reference to give a precise turn-on voltage level.
Anexternalresistor(orresistordivider)canbeconnected
from the input power supply to the SHDN pin to provide
a user-programmable undervoltage lockout function.
• Second, the soft-start circuitry provides for a gradual
ramp-up of the switch current. When the part is brought
out of shutdown, the external SS capacitor is first
discharged (providing protection against SHDN pin
glitches and slow ramping), then an integrated 280k
resistor pulls the SS pin up to ~2.1V. By connecting an
external capacitor to the SS pin, the voltage ramp rate
on the pin can be set. Typical values for the soft-start
capacitor range from 100nF to 1µF.
• Finally,thefrequencyfoldbackcircuitreducestheswitch-
ing frequency when the FBX pin is in a nominal range
of 300mV to 920mV. This feature reduces the minimum
duty cycle that the part can achieve thus allowing better
control of the switch current during start-up. When the
FBX voltage is pulled outside of this range, the switching
frequency returns to normal.
Current Limit and Thermal Shutdown Operation
The LT8580 has a current limit circuit not shown in the
BlockDiagram.Theswitchcurrentisconstantlymonitored
and not allowed to exceed the maximum switch current at
a given duty cycle (see the Electrical Characteristics table).
If the switch current reaches this value, the SR latch (SR1)
is reset regardless of the state of the comparator (A1/
A2). Also, not shown in the Block Diagram is the thermal
shutdown circuit. If the temperature of the part exceeds
approximately165°C,theSR2latchissetregardlessofthe
state of the amplifier (A1/A2). When the part temperature
falls below approximately 160°C, a full soft-start cycle will
then be initiated. The current limit and thermal shutdown
circuits protect the power switch as well as the external
components connected to the LT8580.
operaTion


Similar Part No. - LT8580_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8580 LINER-LT8580 Datasheet
448Kb / 32P
   Boost/SEPIC/Inverting DC/DC Converter with 1A, 65V Switch, Soft-Start and Synchronization
logo
Analog Devices
LT8580 AD-LT8580 Datasheet
1Mb / 30P
   Low IQ Boost/SEPIC/Flyback/Inverting Converter with 0.5A, 140V Switch
LT8580 AD-LT8580 Datasheet
1Mb / 24P
   28V, 5A Low IQ Synchronous Step-Up Silent Switcher with PassThru
LT8580 AD-LT8580 Datasheet
2Mb / 30P
   Low IQ Boost/SEPIC/Inverting Converter with 1.5A, 150V Switch
Rev. A
More results

Similar Description - LT8580_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8580 LINER-LT8580 Datasheet
448Kb / 32P
   Boost/SEPIC/Inverting DC/DC Converter with 1A, 65V Switch, Soft-Start and Synchronization
LT8570 LINER-LT8570_15 Datasheet
663Kb / 34P
   Boost/SEPIC/Inverting DC/DC Converter with 65V Switch, Soft-Start and Synchronization
LT8570-1 LINER-LT8570-1_15 Datasheet
663Kb / 34P
   Boost/SEPIC/Inverting DC/DC Converter with 65V Switch, Soft-Start and Synchronization
LT3580IDD LINER-LT3580IDD Datasheet
274Kb / 28P
   Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
LT3580 LINER-LT3580_15 Datasheet
300Kb / 28P
   Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
LT3580 LINER-LT3580 Datasheet
460Kb / 28P
   Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
LT1946 LINER-LT1946_15 Datasheet
544Kb / 12P
   1.2MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
LT1946A LINER-LT1946A Datasheet
312Kb / 12P
   2.7MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
LT3489 LINER-LT3489 Datasheet
219Kb / 12P
   2MHz Boost DC/DC Converter with 2.5A Switch and Soft-Start
LT3489 LINER-LT3489_15 Datasheet
225Kb / 12P
   2MHz Boost DC/DC Converter with 2.5A Switch and Soft-Start
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com