Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF2884 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF2884
Description  BROADBAND LOW NOISE AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2884 Datasheet(HTML) 3 Page - RF Micro Devices

  RF2884 Datasheet HTML 1Page - RF Micro Devices RF2884 Datasheet HTML 2Page - RF Micro Devices RF2884 Datasheet HTML 3Page - RF Micro Devices RF2884 Datasheet HTML 4Page - RF Micro Devices RF2884 Datasheet HTML 5Page - RF Micro Devices RF2884 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3 of 6
RF2884
DS20130228
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at ((+1) 336-678-5570 or ssales-support@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
FM LNA, cont.
S22
-15
dB
BYPASS MODE
Gain
-12
dB
Input IP3
25
dBm
Current
0
mA
S11
-3.0
dB
S22
-2.2
dB


Similar Part No. - RF2884

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
RF28-01-T-00-50-G ADAM-TECH-RF28-01-T-00-50-G Datasheet
77Kb / 1P
   909 Rahway Avenue
RF28-01-T-00-50-G-TR ADAM-TECH-RF28-01-T-00-50-G-TR Datasheet
84Kb / 1P
   RF CONNECTOR RECEPTACLE
logo
Samtec, Inc
RF280 SAMTEC-RF280 Datasheet
286Kb / 1P
   SMA TO 18 GHz
RF280-01BJ1-0100 SAMTEC-RF280-01BJ1-0100 Datasheet
286Kb / 1P
   SMA TO 18 GHz
RF280-01RP1-0100 SAMTEC-RF280-01RP1-0100 Datasheet
286Kb / 1P
   SMA TO 18 GHz
More results

Similar Description - RF2884

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAL-011130 MA-COM-MAAL-011130 Datasheet
1Mb / 12P
   Broadband Low Noise Amplifier
logo
Maxim Integrated Produc...
MAX3524 MAXIM-MAX3524 Datasheet
176Kb / 7P
   Low-Noise, High-Linearity Broadband Amplifier
Rev 2; 6/05
logo
Marki Microwave
APM-6848 MARKIMICROWAVE-APM-6848 Datasheet
1Mb / 15P
   GaAs Broadband Low Phase Noise Amplifier
APM-6849 MARKIMICROWAVE-APM-6849 Datasheet
1Mb / 14P
   GaAs Broadband Low Phase Noise Amplifier
logo
HBH Microwave GmbH
HA6003 HBH-HA6003 Datasheet
20Kb / 1P
   6 - 13 GHz Broadband Low Noise Amplifier
logo
Infineon Technologies A...
BGB741L7ESD INFINEON-BGB741L7ESD_12 Datasheet
1Mb / 22P
   Robust Low Noise Broadband RF Amplifier MMIC
Revision 2.0, 2012-09-10
logo
Tyco Electronics
MAALSS0024 MACOM-MAALSS0024 Datasheet
260Kb / 4P
   Broadband Low Noise Amplifier 1.7 - 2.1 GHz
logo
RF Micro Devices
RF2860 RFMD-RF2860 Datasheet
191Kb / 12P
   PCS CDMA LOW NOISE AMPLIFIER/MIXER BROADBAND DOWNCONVERTER
logo
Skyworks Solutions Inc.
SKYA21051 SKYWORKS-SKYA21051 Datasheet
4Mb / 22P
   200 to 6000 MHz Broadband Low-Noise Amplifier
logo
RF Micro Devices
RF2860 RFMD-RF2860_1 Datasheet
430Kb / 20P
   PCS CDMA LOW NOISE AMPLIFIER/MIXER BROADBAND DOWNCONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com