Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJG1308F-C2 Datasheet(PDF) 3 Page - New Japan Radio

Part # NJG1308F-C2
Description  DRIVER-AMPLIFIER GaAs MMIC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1308F-C2 Datasheet(HTML) 3 Page - New Japan Radio

  NJG1308F-C2 Datasheet HTML 1Page - New Japan Radio NJG1308F-C2 Datasheet HTML 2Page - New Japan Radio NJG1308F-C2 Datasheet HTML 3Page - New Japan Radio NJG1308F-C2 Datasheet HTML 4Page - New Japan Radio NJG1308F-C2 Datasheet HTML 5Page - New Japan Radio NJG1308F-C2 Datasheet HTML 6Page - New Japan Radio NJG1308F-C2 Datasheet HTML 7Page - New Japan Radio NJG1308F-C2 Datasheet HTML 8Page - New Japan Radio NJG1308F-C2 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
NJG1308F
- 3 -
nELECTRICAL CHARACTERISTICS 3 (Application circuit 3)
(T
a=+25°C, Zs=Zl=50Ω)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Frequency
freq
V
DD=3.0V
1890
1900
1920
MHz
Drain Voltage
V
DD
2.7
3.0
5.0
V
Operating Current
I
DD
V
DD=3.0V, Pout=+8dBm
-
15
21
mA
Small Signal Gain
Gain
V
DD=3.0V, Pin=-10dBm
11
14
17
dB
Gain Flatness
G
flat
V
DD=3.0V, Pin=-10dBm
-
0.5
-
dB
Pout at 1dB Gain
Compression point
P
-1dB
V
DD=3.0V
-
+11
-
dBm
Adjacent Channel
Leakage Power
(PHS Regulation)
P
acp
V
DD=3.0V, Pout=+8dBm
offset=600kHz
P
in; π/4 DQPSK
-
-60
-
dBc
Input VSWR
VSWR
i
V
DD=3.0V
-
1.5
-
Output VSWR
VSWR
o
V
DD=3.0V
-
1.5
-
nELECTRICAL CHARACTERISTICS 4 (Application Circuit 4)
(T
a=+25°C, Zs=Zl=50Ω)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Frequency
freq
V
DD=3.0V
1750
1765
1780
MHz
Supply Voltage
V
DD
2.7
3.0
5.0
V
Operating Current
I
DD
V
DD=3.0V, Pout=+8dBm
-
15
-
mA
Power Gain
Gain
V
DD=3.0V, Pin=-10dBm
-
14
-
dB
Gain Flatness
G
flat
V
DD=3.0V, Pin=-10dBm
-
0.5
-
dB
Pout at 1dB
Compression point
P
-1Db
V
DD=3.0V
-
+11
-
dBm
Input VSWR
VSWR
I
V
DD=3.0V
-
1.5
-
Output VSWR
VSWR
o
V
DD=3.0V
-
1.5
-


Similar Part No. - NJG1308F-C2

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1301V NJRC-NJG1301V Datasheet
244Kb / 7P
   MEDIUM POWER AMPLIFIER GaAs MMIC
NJG1301V-C1 NJRC-NJG1301V-C1 Datasheet
244Kb / 7P
   MEDIUM POWER AMPLIFIER GaAs MMIC
NJG1301V-C2 NJRC-NJG1301V-C2 Datasheet
244Kb / 7P
   MEDIUM POWER AMPLIFIER GaAs MMIC
NJG1301V-C3 NJRC-NJG1301V-C3 Datasheet
244Kb / 7P
   MEDIUM POWER AMPLIFIER GaAs MMIC
NJG1301V-C4 NJRC-NJG1301V-C4 Datasheet
244Kb / 7P
   MEDIUM POWER AMPLIFIER GaAs MMIC
More results

Similar Description - NJG1308F-C2

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1307R NJRC-NJG1307R Datasheet
657Kb / 14P
   DRIVER AMPLIFIER GaAs MMIC
logo
Analog Devices
HMC635LC4 AD-HMC635LC4 Datasheet
330Kb / 6P
   GaAs PHEMT MMIC DRIVER AMPLIFIER
HMC635 AD-HMC635 Datasheet
326Kb / 8P
   GaAs PHEMT MMIC DRIVER AMPLIFIER
HMC633 AD-HMC633 Datasheet
315Kb / 8P
   GaAs PHEMT MMIC DRIVER AMPLIFIER
HMC-AUH256 AD-HMC-AUH256 Datasheet
420Kb / 6P
   GaAs HEMT MMIC DRIVER AMPLIFIER
HMC634LC4 AD-HMC634LC4 Datasheet
423Kb / 8P
   GaAs PHEMT MMIC DRIVER AMPLIFIER
HMC-AUH249 AD-HMC-AUH249 Datasheet
722Kb / 8P
   GaAs HEMT MMIC MODULATOR DRIVER AMPLIFIER
HMC-AUH232 AD-HMC-AUH232 Datasheet
557Kb / 10P
   GaAs HEMT MMIC MODULATOR DRIVER AMPLIFIER
HMC465 AD-HMC465 Datasheet
452Kb / 8P
   GaAs pHEMT MMIC MODULATOR DRIVER AMPLIFIER
HMC326MS8G AD-HMC326MS8G_17 Datasheet
1Mb / 6P
   GaAs InGaP HBT MMIC DRIVER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com