Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJG1307R-C3 Datasheet(PDF) 5 Page - New Japan Radio

Part # NJG1307R-C3
Description  DRIVER AMPLIFIER GaAs MMIC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1307R-C3 Datasheet(HTML) 5 Page - New Japan Radio

  NJG1307R-C3 Datasheet HTML 1Page - New Japan Radio NJG1307R-C3 Datasheet HTML 2Page - New Japan Radio NJG1307R-C3 Datasheet HTML 3Page - New Japan Radio NJG1307R-C3 Datasheet HTML 4Page - New Japan Radio NJG1307R-C3 Datasheet HTML 5Page - New Japan Radio NJG1307R-C3 Datasheet HTML 6Page - New Japan Radio NJG1307R-C3 Datasheet HTML 7Page - New Japan Radio NJG1307R-C3 Datasheet HTML 8Page - New Japan Radio NJG1307R-C3 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
NJG1307R
- 5 -
nTYPICAL CHARACTERISTICS1 (Application 1 PDC800MHz)
-80
-70
-60
-50
-40
0
5
10
15
20
-10
0
10
20
Output Power (dBm)
ACP, RMS VECTOR ERROR vs. OUTPUT POWER
(V
DD
=3V, V
CONT
=2V, f=938MHz, offset=50kHz)
-30
-20
-10
0
10
20
30
40
-70
-60
-50
-40
-30
-20
-10
0
0.5
1
1.5
2
2.5
3
Frequency (GHz)
S21,S11,S22,S12 vs. FREQUENCY
(V
DD
=3V, V
CONT
=2V)
S21
S12
S11
S22
-80
-70
-60
-50
-40
0
5
10
15
20
0
0.5
1
1.5
2
V
CONT
(V)
ACP, RMS VECTOR ERROR vs. V
CONT
(V
DD
=3V, Input Power=-25dBm, f=938MHz, offset=50kHz)
-80
-70
-60
-50
-40
0
5
10
15
20
0
0.5
1
1.5
2
V
CONT
(V)
ACP, RMS VECTOR ERROR vs. V
CONT
(V
DD
=3V, Output Power=+8dBm, f=938MHz, offset=50kHz)
-20
-10
0
10
20
20
30
40
50
60
-40
-30
-20
-10
0
Input Power (dBm)
OUTPUT POWER, I
DD
vs. INPUT POWER
(V
DD
=3V, V
CONT
=2V, f=938MHz)
+10.4dBm
P-1dB
-30
-20
-10
0
10
20
30
40
1
2
3
4
5
6
7
8
0
0.5
1
1.5
2
V
CONT
(V)
GAIN, VSWR vs. V
CONT
(V
DD
=3V, f=938MHz)
VSWR
IN
VSWR
OUT
GAIN


Similar Part No. - NJG1307R-C3

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1301V NJRC-NJG1301V Datasheet
244Kb / 7P
   MEDIUM POWER AMPLIFIER GaAs MMIC
NJG1301V-C1 NJRC-NJG1301V-C1 Datasheet
244Kb / 7P
   MEDIUM POWER AMPLIFIER GaAs MMIC
NJG1301V-C2 NJRC-NJG1301V-C2 Datasheet
244Kb / 7P
   MEDIUM POWER AMPLIFIER GaAs MMIC
NJG1301V-C3 NJRC-NJG1301V-C3 Datasheet
244Kb / 7P
   MEDIUM POWER AMPLIFIER GaAs MMIC
NJG1301V-C4 NJRC-NJG1301V-C4 Datasheet
244Kb / 7P
   MEDIUM POWER AMPLIFIER GaAs MMIC
More results

Similar Description - NJG1307R-C3

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1308F NJRC-NJG1308F Datasheet
1Mb / 12P
   DRIVER-AMPLIFIER GaAs MMIC
logo
Analog Devices
HMC635LC4 AD-HMC635LC4 Datasheet
330Kb / 6P
   GaAs PHEMT MMIC DRIVER AMPLIFIER
HMC635 AD-HMC635 Datasheet
326Kb / 8P
   GaAs PHEMT MMIC DRIVER AMPLIFIER
HMC633 AD-HMC633 Datasheet
315Kb / 8P
   GaAs PHEMT MMIC DRIVER AMPLIFIER
HMC-AUH256 AD-HMC-AUH256 Datasheet
420Kb / 6P
   GaAs HEMT MMIC DRIVER AMPLIFIER
HMC634LC4 AD-HMC634LC4 Datasheet
423Kb / 8P
   GaAs PHEMT MMIC DRIVER AMPLIFIER
HMC-AUH249 AD-HMC-AUH249 Datasheet
722Kb / 8P
   GaAs HEMT MMIC MODULATOR DRIVER AMPLIFIER
HMC-AUH232 AD-HMC-AUH232 Datasheet
557Kb / 10P
   GaAs HEMT MMIC MODULATOR DRIVER AMPLIFIER
HMC465 AD-HMC465 Datasheet
452Kb / 8P
   GaAs pHEMT MMIC MODULATOR DRIVER AMPLIFIER
HMC326MS8G AD-HMC326MS8G_17 Datasheet
1Mb / 6P
   GaAs InGaP HBT MMIC DRIVER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com