Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJG1107KB2-C3 Datasheet(PDF) 9 Page - New Japan Radio

Part # NJG1107KB2-C3
Description  1.5/1.9GHz LNA GaAs MMIC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1107KB2-C3 Datasheet(HTML) 9 Page - New Japan Radio

Back Button NJG1107KB2-C3 Datasheet HTML 5Page - New Japan Radio NJG1107KB2-C3 Datasheet HTML 6Page - New Japan Radio NJG1107KB2-C3 Datasheet HTML 7Page - New Japan Radio NJG1107KB2-C3 Datasheet HTML 8Page - New Japan Radio NJG1107KB2-C3 Datasheet HTML 9Page - New Japan Radio NJG1107KB2-C3 Datasheet HTML 10Page - New Japan Radio NJG1107KB2-C3 Datasheet HTML 11Page - New Japan Radio NJG1107KB2-C3 Datasheet HTML 12Page - New Japan Radio NJG1107KB2-C3 Datasheet HTML 13Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
NJG1107KB2
- 9 -
nTYPICAL CHARACTERISTICS (1.9GHz Band)
Equations of OIP3 and IIP3
2
3
IM
-
Pout
×
3
=
3
OIP
Gain
-
3
OIP
=
3
IIP
@ Pin=-30dBm
-6
-4
-2
0
2
4
6
8
2.5
3
3.5
4
4.5
5
5.5
P-1dB vs. V
DD
(f=1.96GHz)
V
DD
(V)
0.4
0.8
1.2
1.6
2
2.4
-3
-2
-1
0
1
2
-40
-20
0
20
40
60
80
100
NF, P-1dB vs. Temperature
(V
DD
=2.7V, f=1.96GHz)
Temperature (
)
oC
-4
-3
-2
-1
0
1
2
3
4
5
6
10
11
12
13
14
15
16
17
18
19
20
2.5
3
3.5
4
4.5
5
5.5
IIP3, OIP3 vs. V
DD
(f=1.96+1.9601GHz, Pin=-30dBm)
V
DD
(V)
14
15
16
17
18
2.25
2.5
2.75
3
3.25
-40
-20
0
20
40
60
80
100
Gain, I
DD
vs. Temperature
(V
DD
=2.7V, f=1.96GHz)
Temperature (
)
oC
-7
-6
-5
-4
-3
-2
-1
0
1
12
13
14
15
16
17
18
19
20
-40
-20
0
20
40
60
80
100
IIP3, OIP3 vs. Temperature
(V
DD
=2.7V, f=1.96+1.9601GHz, Pin=-30dBm)
Temperature (
)
oC


Similar Part No. - NJG1107KB2-C3

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1107HB3 NJRC-NJG1107HB3 Datasheet
184Kb / 8P
   LOW NOISE AMPLIFIER GaAs MMIC
More results

Similar Description - NJG1107KB2-C3

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1556KB2 NJRC-NJG1556KB2 Datasheet
309Kb / 15P
   1.5/1.9GHz BAND MIXER GaAs MMIC
NJG1103F1 NJRC-NJG1103F1 Datasheet
238Kb / 13P
   1.5/1.9GHz LOW NOISE AMPLIFIER GaAs MMIC
NJG1705V NJRC-NJG1705V Datasheet
564Kb / 26P
   1.5/1.9GHz BAND FRONT-END GaAs MMIC
NJG1709KC1 NJRC-NJG1709KC1 Datasheet
780Kb / 29P
   1.5/1.9GHz BAND FRONT-END GaAs MMIC
NJG1552F NJRC-NJG1552F Datasheet
577Kb / 19P
   1.5ghZ/1.9ghZ mixer gAaS mmic
NJG1714KC1 NJRC-NJG1714KC1 Datasheet
397Kb / 18P
   1.9GHz BAND FRONT-END GaAs MMIC
NJG1553BF NJRC-NJG1553BF Datasheet
414Kb / 9P
   1.9ghZ band mixer gAaS mmic
NJG1553F NJRC-NJG1553F Datasheet
594Kb / 21P
   1.5ghZ/1.9ghZ mixer gAaS mmic
logo
Broadcom Corporation.
DEMO-MGA8756-3 BOARDCOM-DEMO-MGA8756-3 Datasheet
132Kb / 9P
   GaAs MMIC LNA
logo
New Japan Radio
NJG1106KB2 NJRC-NJG1106KB2 Datasheet
171Kb / 11P
   800MHz BAND LNA GaAs MMIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com