Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3955 Datasheet(PDF) 8 Page - Linear Technology

Part # LT3955
Description  60VIN LED Converter with Internal PWM Generator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3955 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT3955_15 Datasheet HTML 4Page - Linear Technology LT3955_15 Datasheet HTML 5Page - Linear Technology LT3955_15 Datasheet HTML 6Page - Linear Technology LT3955_15 Datasheet HTML 7Page - Linear Technology LT3955_15 Datasheet HTML 8Page - Linear Technology LT3955_15 Datasheet HTML 9Page - Linear Technology LT3955_15 Datasheet HTML 10Page - Linear Technology LT3955_15 Datasheet HTML 11Page - Linear Technology LT3955_15 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
LT3955
8
3955fb
For more information www.linear.com/LT3955
SYNC (Pin 1): Frequency Synchronization Pin. Used to
synchronize the internal oscillator to an outside clock. If
this feature is used, an RT resistor should be chosen to
program a switching frequency 20% slower than SYNC
pulse frequency. Tie the SYNC pin to PWMOUT if this
feature is not used.
EN/UVLO (Pin 2): Enable and Undervoltage Detect Pin. An
accurate 1.22V falling threshold with externally program-
mable hysteresis causes the switching regulator to shut
down when power is insufficient to maintain output regu-
lation. Above the 1.24V (typical) rising enable threshold
(but below 2.5V), EN/UVLO input bias current is sub-μA.
Below the 1.22V (typical) falling threshold, an accurate
2.2μA (typical) pull-down current is enabled so the user
can define the rising hysteresis with the external resistor
selection. An undervoltage condition causes the switch to
turn off and the PWMOUT pin to transition low and resets
soft-start. Tie to 0.4V, or less, to disable the device and
reduce VIN quiescent current below 1μA. Can be tied to
VIN through a 100k resistor.
INTVCC(Pin3):Currentlimited,lowdropoutlinearregula-
tor regulates to 7.85V (typical) from VIN. Supplies internal
loads, SW and PWMOUT drivers. Must be bypassed with
a 1µF ceramic capacitor placed close to the pin and to the
exposed pad GND of the IC.
VIN (Pin 6): Power Supply for Internal Loads and INTVCC
Regulator. Must be locally bypassed with a 0.22µF (or
larger) low ESR capacitor placed close to the pin.
GNDK (Pin 12): Kelvin Connection Pin between PGND
and GND. Kelvin connect this pin to the GND plane close
to the IC. See the Board Layout section.
PGND (Pins 13 to 17): Source Terminal Switch and the
GND Input to the Switch Current Comparator.
PWMOUT (Pin 23): Buffered Version of PWM Signal for
Driving LED Load Disconnect NMOS or Level Shift. This
pin also serves in a protection function for the FB over-
voltage condition—will toggle if the FB input is greater
than the FB regulation voltage (VFB) plus 60mV (typical).
The PWMOUT pin is driven from INTVCC. Use of a FET
with gate cut-off voltage higher than 1V is recommended.
FB (Pin 25): Voltage Loop Feedback Pin. FB is intended for
constant-voltageregulationorforLEDprotectionandopen
LEDdetection.Theinternaltransconductanceamplifierwith
output VC will regulate FB to 1.25V (nominal) through the
DC/DC converter. If the FB input exceeds the regulation
voltage, VFB, minus 50mV and the voltage between ISP
and ISN has dropped below the C/10 threshold of 25mV
(typical), the VMODE pull-down is asserted. This action
may signal an open LED fault. If FB is driven above the
FB overvoltage threshold, the PWMOUT pin will be driven
low and the internal power switch is turned off, to protect
the LEDs from an overcurrent event. Do not leave the FB
pin open. If not used, connect to GND.
ISN (Pin 27): Connection Point for the Negative Terminal
of the Current Feedback Resistor. The constant output
current regulation can be programmed by ILED = 250mV/
RLED when CTRL > 1.2V or ILED = (CTRL – 100mV)/(4 •
RLED). If ISN is greater than INTVCC, input bias current
is typically 20μA flowing into the pin. Below INTVCC, ISN
bias current decreases until it flows out of the pin.
ISP (Pin 28): Connection Point for the Positive Terminal of
the Current Feedback Resistor. Input bias current depends
upon CTRL pin voltage. When it is greater than INTVCC it
flowsintothepin.BelowINTVCC,ISPbiascurrentdecreases
until it flows out of the pin. If the difference between ISP
and ISN exceeds 600mV (typical), then an overcurrent
event is detected. In response to this event, the switch is
turned off and the PWMOUT pin is driven low to protect
the switching regulator, a 1.5mA pull-down on PWM and
a 9mA pull-down on the DIM/SS pin are activated for 4µs.
VC (Pin 30): Transconductance Error Amplifier Output
Pin Used to Stabilize the Switching Regulator Control
Loop with an RC Network. The VC pin is high impedance
when PWM is low. This feature allows the VC pin to store
the demand current state variable for the next PWM high
transition. Connect a capacitor between this pin and GND;
a resistor in series with the capacitor is recommended for
fast transient response.
CTRL (Pin 31): Current Sense Threshold Adjustment Pin.
Constant current regulation point VISP-ISN is one-fourth
VCTRL plus an offset for 0V ≤ CTRL ≤ 1V. For CTRL >
pin FuncTions


Similar Part No. - LT3955_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3955EUHE LINER-LT3955EUHE Datasheet
410Kb / 8P
   60VIN 80VOUT LED Driver
More results

Similar Description - LT3955_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3955 LINER-LT3955 Datasheet
425Kb / 30P
   60VIN LED Converter with Internal PWM Generator
LT3761 LINER-LT3761_15 Datasheet
393Kb / 28P
   60VIN LED Controller with Internal PWM Generator
LT3761 LINER-LT3761 Datasheet
584Kb / 32P
   60VIN LED Controller with Internal PWM Generator
LT3761A LINER-LT3761A Datasheet
649Kb / 30P
   60VIN LED Controller with Internal PWM Generator
LT3954 LINER-LT3954_15 Datasheet
327Kb / 26P
   40VIN LED Converter with Internal PWM Generator
logo
Analog Devices
LT8355-1 AD-LT8355-1 Datasheet
2Mb / 30P
   60VIN/120VOUT Dual LED Controller with Exponential PWM and Scalable Dimming
Rev. 0
LT8355-1 AD-LT8355-1_V01 Datasheet
4Mb / 31P
   60VIN/120VOUT Dual LED Controller with Exponential PWM and Scalable Dimming
Rev. A
logo
Linear Technology
LT3761EMSE LINER-LT3761EMSE Datasheet
305Kb / 8P
   High Voltage LED Controller with Internal PWM Dimming
logo
Eutech Microelectronics...
EUP2961A EUTECH-EUP2961A Datasheet
69Kb / 1P
   White LED Boost Converter with PWM
logo
Linear Technology
LT3955EUHE LINER-LT3955EUHE Datasheet
410Kb / 8P
   60VIN 80VOUT LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com