Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMP21D5UFD Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMP21D5UFD
Description  P-CHANNEL ENHANCEMENT MODE MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP21D5UFD Datasheet(HTML) 2 Page - Diodes Incorporated

  DMP21D5UFD_15 Datasheet HTML 1Page - Diodes Incorporated DMP21D5UFD_15 Datasheet HTML 2Page - Diodes Incorporated DMP21D5UFD_15 Datasheet HTML 3Page - Diodes Incorporated DMP21D5UFD_15 Datasheet HTML 4Page - Diodes Incorporated DMP21D5UFD_15 Datasheet HTML 5Page - Diodes Incorporated DMP21D5UFD_15 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DMP21D5UFD
Document number: DS35931 Rev. 4 - 2
2 of 6
www.diodes.com
August 2012
© Diodes Incorporated
DMP21D5UFD
Maximum Ratings (@T
A = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
-20
V
Gate-Source Voltage
VGSS
±8
V
Continuous Drain Current (Note 6) VGS = -4.5V
Steady
State
TA = +25°C
TA = +70°C
ID
-600
-500
mA
Continuous Drain Current (Note 6) VGS = -1.8V
Steady
State
TA = +25°C
TA = +70°C
ID
-400
-300
mA
Pulsed Drain Current (10
μs pulse, duty cycle = 1%)
IDM
-2
A
Maximum Body Diode continuous Current
IS
-800
mA
Thermal Characteristics
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 5)
PD
0.4
W
Thermal Resistance, Junction to Ambient (Note 5)
Steady state
RθJA
280
°C/W
Total Power Dissipation (Note 6)
PD
0.8
W
Thermal Resistance, Junction to Ambient (Note 6)
Steady state
RθJA
140
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@T
A = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
-20
V
VGS = 0V, ID = -1mA
Zero Gate Voltage Drain Current TJ = +25°C
IDSS
-80
-100
nA
VDS = -4.5V, VGS = 0V
VDS = -20V, VGS = 0V
Gate-Source Leakage
IGSS
±10.0
µA
VGS = ±8V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(th)
-0.5
-1.0
V
VDS = VGS, ID = -250μA
Static Drain-Source On-Resistance
RDS (ON)
0.7
1.0
Ω
VGS = -4.5V, ID = -100mA
0.9
1.5
VGS = -2.5V, ID = -80mA
1.2
2.0
VGS = -1.8V, ID = -40mA
1.5
3.0
VGS = -1.5V, ID = -30mA
5
VGS = -1.2V, ID = -1mA
Forward Transfer Admittance
|Yfs|
0.7
S
VDS = -3V, ID = -100mA
Diode Forward Voltage
VSD
-0.75
-1.2
V
VGS = 0V, IS = -330mA,
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
Ciss
46.1
pF
VDS = -10V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
7.2
Reverse Transfer Capacitance
Crss
4.9
Total Gate Charge VGS = -4.5V
Qg
0.5
nC
VDS = -10V, ID = -250mA
Total Gate Charge VGS = -8V
Qg
0.8
Gate-Source Charge
Qgs
0.1
Gate-Drain Charge
Qgd
0.1
Turn-On Delay Time
tD(on)
8.5
ns
VDD = -3V, VGS = -2.5V,
RL = 300Ω, RG = 25Ω,
ID = -100mA
Turn-On Rise Time
tr
4.3
Turn-Off Delay Time
tD(off)
20.2
Turn-Off Fall Time
tf
19.2
Notes:
5. Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with 1inch square copper plate.
7. Short duration pulse test used to minimize self-heating effect.
8. Guaranteed by design. Not subject to product testing.


Similar Part No. - DMP21D5UFD_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP21D5UFD DIODES-DMP21D5UFD_17 Datasheet
459Kb / 6P
   P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMP21D5UFD_15

ManufacturerPart #DatasheetDescription
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com