Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF2052SR Datasheet(PDF) 11 Page - RF Micro Devices

Part # RF2052SR
Description  HIGH PERFORMANCE WIDEBAND RF PLL/VCO WITH INTEGRATED RF MIXER
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2052SR Datasheet(HTML) 11 Page - RF Micro Devices

Back Button RF2052SR Datasheet HTML 7Page - RF Micro Devices RF2052SR Datasheet HTML 8Page - RF Micro Devices RF2052SR Datasheet HTML 9Page - RF Micro Devices RF2052SR Datasheet HTML 10Page - RF Micro Devices RF2052SR Datasheet HTML 11Page - RF Micro Devices RF2052SR Datasheet HTML 12Page - RF Micro Devices RF2052SR Datasheet HTML 13Page - RF Micro Devices RF2052SR Datasheet HTML 14Page - RF Micro Devices RF2052SR Datasheet HTML 15Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
11 of 37
RF2052
DS140110
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Fractional-N PLL
The IC contains a charge-pump based fractional-N phase locked loop (PLL) for controlling the three VCOs. The PLL includes
automatic calibration systems to counteract the effects of process and environmental variations, ensuring repeatable lock-
time and noise performance. The PLL is intended to use a reference frequency signal of 10MHz to 104MHz. A reference
divider (divide by 1 to divide by 7) is supplied and should be programmed to limit the frequency at the phase detector to a max-
imum of 52MHz. The reference divider bypass is controlled by bit CLK DIV_BYP, set low to enable the reference divider and set
high for divider bypass (divide by 1). The remaining three bits CLK DIV<15:13> set the reference divider value, divide by 2
(010) to 7 (111) when the reference divider is enabled.
Two PLL programming banks are provided, the first bank is preceded by the label PLL1 and the second bank is preceded by the
label PLL2. For the RF2052 the default programming bank is PLL2, selected by setting the MODE pin high.
The PLL will lock the VCO to the frequency FVCO according to:
FVCO=NEFF*FOSC/R
where NEFF is the programmed fractional N divider value, FOSC is the reference input frequency, and R is the programmed R
divider value (1 to 7).
The N divider is a fractional divider, containing a dual-modulus prescaler and a digitally spur-compensated fractional sequence
generator to allow fine frequency steps. The N divider is programmed using the N and NUM bits as follows:
First determine the desired, effective N divider value, NEFF:
NEFF=FVCO*R/FOSC
N(9:0) should be set to the integer part of NEFF. NUM should be set to the fractional part of NEFF multiplied by 224=16777216.
Example: VCO1 operating at 2220MHz, 23.92MHz reference frequency, the desired effective divider value is:
NEFF=FVCO *R / FOSC=2220 *1 / 23.92=92.80936454849.
The N value is set to 92, equal to the integer part of NEFF, and the NUM value is set to the fractional portion of NEFF multiplied
by 224:
NUM=0.80936454895 * 224=13,578,884.
Converting N and NUM into binary results in the following:
N=0 0101 1100
NUM=1100 1111 0011 0010 1000 0100
So the registers would be programmed:
P2_N=0 0101 1100
P2_NUM_MSB=1100 1111 0011 0010
P2_NUM_LSB=1000 0100
The maximum NEFF is 511, and the minimum NEFF is 15, when in fractional mode. The minimum step size is FOSC/R*224. Thus
for a 23.92MHz reference, the frequency step size would be 1.4Hz. The minimum reference frequency that could be used to
program a frequency of 2400MHz (using VCO1) is 2400/511, 4.697MHz (approx).


Similar Part No. - RF2052SR

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RF2052 QORVO-RF2052 Datasheet
1Mb / 37P
   HIGH PERFORMANCE WIDEBAND RF PLL/VCO WITH INTEGRATED RF MIXER
More results

Similar Description - RF2052SR

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RF2052 QORVO-RF2052 Datasheet
1Mb / 37P
   HIGH PERFORMANCE WIDEBAND RF PLL/VCO WITH INTEGRATED RF MIXER
RF2051 QORVO-RF2051 Datasheet
1Mb / 39P
   HIGH PERFORMANCE WIDEBAND RF PLL/VCO WITH INTEGRATED RF MIXERS
logo
RF Micro Devices
RF2051 RFMD-RF2051 Datasheet
1Mb / 39P
   HIGH PERFORMANCE WIDEBAND RF PLL/VCO WITH INTEGRATED RF MIXERS
logo
Qorvo, Inc
RFFC2071A QORVO-RFFC2071A Datasheet
2Mb / 22P
   2.7GHz RF SYNTHESIZER/VCO WITH INTEGRATED RF MIXER
logo
RF Micro Devices
RFFC2071 RFMD-RFFC2071 Datasheet
1Mb / 23P
   2.7GHz RF SYNTHESIZER/VCO WITH INTEGRATED RF MIXER
RFFC2071A RFMD-RFFC2071A Datasheet
2Mb / 22P
   2.7GHz RF SYNTHESIZER/VCO WITH INTEGRATED RF MIXER
RF2053 RFMD-RF2053 Datasheet
1Mb / 36P
   HIGH PERFORMANCE FRACTIONAL-N SYNTHESIZER WITH INTEGRATED RF MIXER
RFFC5071A RFMD-RFFC5071A Datasheet
2Mb / 26P
   WIDEBAND SYNTHESIZER/VCO WITH INTEGRATED 6GHz MIXER
logo
Qorvo, Inc
RFFC506X QORVO-RFFC506X Datasheet
4Mb / 25P
   WIDEBAND SYNTHESIZER/VCO WITH INTEGRATED 6GHz MIXER
logo
RF Micro Devices
RFFC5061 RFMD-RFFC5061 Datasheet
4Mb / 25P
   WIDEBAND SYNTHESIZER/VCO WITH INTEGRATED 6GHz MIXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com