Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF2052 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF2052
Description  HIGH PERFORMANCE WIDEBAND RF PLL/VCO WITH INTEGRATED RF MIXER
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2052 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RF2052 Datasheet HTML 3Page - RF Micro Devices RF2052 Datasheet HTML 4Page - RF Micro Devices RF2052 Datasheet HTML 5Page - RF Micro Devices RF2052 Datasheet HTML 6Page - RF Micro Devices RF2052 Datasheet HTML 7Page - RF Micro Devices RF2052 Datasheet HTML 8Page - RF Micro Devices RF2052 Datasheet HTML 9Page - RF Micro Devices RF2052 Datasheet HTML 10Page - RF Micro Devices RF2052 Datasheet HTML 11Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
7 of 37
RF2052
DS140110
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Typical Performance Characteristics: Synthesizer and VCO - VDD=3V, TA=25°C unless stated, as measured on RF2052
evaluation board, for application schematic see page 34.
VCO2 Open Loop Phase Noise
-160
-140
-120
-100
-80
-60
-40
-20
1
10
100
1000
10000
Offset Frequency (kHz)
2000MHz
1800MHz
1600MHz
VCO3 Open Loop Phase Noise
-160
-140
-120
-100
-80
-60
-40
-20
1
10
100
1000
10000
Offset Frequency (kHz)
1600MHz
1400MHz
1200MHz
VCO1 Open Loop Phase Noise
-160
-140
-120
-100
-80
-60
-40
-20
1
10
100
1000
10000
Offset Frequency (kHz)
2400MHz
2200MHz
2000MHz
VCO1 FVCO versus VT
for the same coarse tune setting
2045
2050
2055
2060
2065
2070
2075
2080
2085
2090
2095
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
VT (V)
-40
80
VCO2 Tuning Gain versus Frequency
0
5
10
15
20
25
30
35
40
1500
1600
1700
1800
1900
2000
2100
FVCO (MHz)
VCO1 Tuning Gain versus Frequency
0
5
10
15
20
25
30
35
40
45
50
1900
2000
2100
2200
2300
2400
2500
FVCO (MHz)


Similar Part No. - RF2052

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RF2052 QORVO-RF2052 Datasheet
1Mb / 37P
   HIGH PERFORMANCE WIDEBAND RF PLL/VCO WITH INTEGRATED RF MIXER
More results

Similar Description - RF2052

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RF2052 QORVO-RF2052 Datasheet
1Mb / 37P
   HIGH PERFORMANCE WIDEBAND RF PLL/VCO WITH INTEGRATED RF MIXER
RF2051 QORVO-RF2051 Datasheet
1Mb / 39P
   HIGH PERFORMANCE WIDEBAND RF PLL/VCO WITH INTEGRATED RF MIXERS
logo
RF Micro Devices
RF2051 RFMD-RF2051 Datasheet
1Mb / 39P
   HIGH PERFORMANCE WIDEBAND RF PLL/VCO WITH INTEGRATED RF MIXERS
logo
Qorvo, Inc
RFFC2071A QORVO-RFFC2071A Datasheet
2Mb / 22P
   2.7GHz RF SYNTHESIZER/VCO WITH INTEGRATED RF MIXER
logo
RF Micro Devices
RFFC2071 RFMD-RFFC2071 Datasheet
1Mb / 23P
   2.7GHz RF SYNTHESIZER/VCO WITH INTEGRATED RF MIXER
RFFC2071A RFMD-RFFC2071A Datasheet
2Mb / 22P
   2.7GHz RF SYNTHESIZER/VCO WITH INTEGRATED RF MIXER
RF2053 RFMD-RF2053 Datasheet
1Mb / 36P
   HIGH PERFORMANCE FRACTIONAL-N SYNTHESIZER WITH INTEGRATED RF MIXER
RFFC5071A RFMD-RFFC5071A Datasheet
2Mb / 26P
   WIDEBAND SYNTHESIZER/VCO WITH INTEGRATED 6GHz MIXER
logo
Qorvo, Inc
RFFC506X QORVO-RFFC506X Datasheet
4Mb / 25P
   WIDEBAND SYNTHESIZER/VCO WITH INTEGRATED 6GHz MIXER
logo
RF Micro Devices
RFFC5061 RFMD-RFFC5061 Datasheet
4Mb / 25P
   WIDEBAND SYNTHESIZER/VCO WITH INTEGRATED 6GHz MIXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com