Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RQ5E040AJ Datasheet(PDF) 2 Page - Rohm

Part # RQ5E040AJ
Description  Nch 30V 4A Middle Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RQ5E040AJ Datasheet(HTML) 2 Page - Rohm

  RQ5E040AJ Datasheet HTML 1Page - Rohm RQ5E040AJ Datasheet HTML 2Page - Rohm RQ5E040AJ Datasheet HTML 3Page - Rohm RQ5E040AJ Datasheet HTML 4Page - Rohm RQ5E040AJ Datasheet HTML 5Page - Rohm RQ5E040AJ Datasheet HTML 6Page - Rohm RQ5E040AJ Datasheet HTML 7Page - Rohm RQ5E040AJ Datasheet HTML 8Page - Rohm RQ5E040AJ Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
RQ5E040AJ
          
               
Datasheet
l
lThermal resistance
                                   
Parameter
Symbol
Values
Unit
Min.
Typ.
Max.
Thermal resistance, junction - ambient
RthJA*3
-
-
125
/W
l
lElectrical characteristics (Ta = 25°C)
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Drain - Source breakdown
voltage
V(BR)DSS VGS = 0V, ID = 1mA
30
-
-
V
Breakdown voltage
temperature coefficient
 ΔV(BR)DSS  ID = 1mA
-
18
-
mV/
   ΔTj     referenced to 25
Zero gate voltage
drain current
IDSS
VDS = 30V, VGS = 0V
-
-
1
μA
Gate - Source leakage current
IGSS
VGS = ±12V, VDS = 0V
-
-
±100
nA
Gate threshold voltage
VGS(th)
VDS = VGS, ID = 1mA
0.5
-
1.5
V
Gate threshold voltage
temperature coefficient
 ΔVGS(th)   ID = 1mA
-
-2.0
-
mV/
   ΔTj     referenced to 25
Static drain - source
on - state resistance
RDS(on)*4
VGS = 4.5V, ID = 4.0A
-
27
37
VGS = 2.5V, ID = 4.0A
-
39
54
Gate input resistance
RG
f=1MHz, open drain
-
2.5
-
Ω
Forward Transfer
Admittance
|Yfs|*4
VDS = 5V, ID = 4A
4.2
-
-
S
*1 Pw10μs , Duty cycle1%
*2 L 0.1mH, VDD = 15V, RG = 25Ω, STARTING Tch = 25Fig.3-1,3-2
*3 Mounted on a ceramic boad (30×30×0.8mm)
*4 Pulsed
                                             
 
                                           
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
2/11
20150316 - Rev.001


Similar Part No. - RQ5E040AJ

ManufacturerPart #DatasheetDescription
logo
Rohm
RQ5E040RP ROHM-RQ5E040RP Datasheet
1Mb / 14P
   Pch -30V -4A Small Signal MOSFET
20170613 - Rev.002
More results

Similar Description - RQ5E040AJ

ManufacturerPart #DatasheetDescription
logo
Rohm
HP8K22 ROHM-HP8K22 Datasheet
4Mb / 19P
   30V NchNch Middle Power MOSFET
UT6K3 ROHM-UT6K3 Datasheet
1Mb / 15P
   30V NchNch Middle Power MOSFET
QH8KA4 ROHM-QH8KA4 Datasheet
1Mb / 14P
   30V NchNch Middle Power MOSFET
SH8KA7 ROHM-SH8KA7 Datasheet
2Mb / 14P
   30V NchNch Middle Power MOSFET
HP8K24 ROHM-HP8K24 Datasheet
4Mb / 19P
   30V NchNch Middle Power MOSFET
SH8KA2 ROHM-SH8KA2 Datasheet
2Mb / 14P
   30V NchNch Middle Power MOSFET
HP8S36 ROHM-HP8S36 Datasheet
4Mb / 19P
   30V NchNch Middle Power MOSFET
QS8K2FRA ROHM-QS8K2FRA Datasheet
1Mb / 14P
   30V Nch Nch Middle Power MOSFET
SP8K2FRA ROHM-SP8K2FRA Datasheet
2Mb / 14P
   30V NchNch Middle Power MOSFET
HS8K1 ROHM-HS8K1 Datasheet
4Mb / 19P
   30V Nch plus Nch Middle Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com