Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RDA2032Z Datasheet(PDF) 10 Page - RF Micro Devices

Part # RDA2032Z
Description  50 MHz TO 1000 MHz DIGITAL VGA WITH 6-BIT 0.5 dB PARALLEL CONTROL
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RDA2032Z Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RDA2032Z Datasheet HTML 3Page - RF Micro Devices RDA2032Z Datasheet HTML 4Page - RF Micro Devices RDA2032Z Datasheet HTML 5Page - RF Micro Devices RDA2032Z Datasheet HTML 6Page - RF Micro Devices RDA2032Z Datasheet HTML 7Page - RF Micro Devices RDA2032Z Datasheet HTML 8Page - RF Micro Devices RDA2032Z Datasheet HTML 9Page - RF Micro Devices RDA2032Z Datasheet HTML 10Page - RF Micro Devices RDA2032Z Datasheet HTML 11Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10 of 11
RDA2032Z
DS100813
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Evaluation Board Schematic


Similar Part No. - RDA2032Z

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
RDA2U4 HAMMOND-RDA2U4 Datasheet
56Kb / 1P
   Ensemble dadaptateurs de profondeur pour rails
RDA2U4 HAMMOND-RDA2U4 Datasheet
177Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
More results

Similar Description - RDA2032Z

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC627LP5 HITTITE-HMC627LP5_10 Datasheet
1,023Kb / 10P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 50 MHz - 1 GHz
HMC708LP5 HITTITE-HMC708LP5_10 Datasheet
1,017Kb / 12P
   0.5 dB LSB 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 1700 - 2200 MHz
HMC707LP5 HITTITE-HMC707LP5_10 Datasheet
989Kb / 12P
   0.5 dB LSB 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 700 - 1200 MHz
HMC708LP5 HITTITE-HMC708LP5 Datasheet
605Kb / 12P
   0.5 dB LSB 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 1700 - 2200 MHz
HMC926LP5E HITTITE-HMC926LP5E Datasheet
1Mb / 18P
   0.5 dB LSB 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 700 - 2700 MHz
HMC707LP5 HITTITE-HMC707LP5 Datasheet
585Kb / 12P
   0.5 dB LSB 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 700 - 1200 MHz
HMC624LFLP4E HITTITE-HMC624LFLP4E Datasheet
638Kb / 8P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, 60 - 500 MHz
logo
Analog Devices
ADL5330 AD-ADL5330_05 Datasheet
869Kb / 24P
   10 MHz to 3 GHz VGA with 60 dB Gain Control Range
REV. A
ADL5331 AD-ADL5331 Datasheet
702Kb / 16P
   1 MHz to 1.2 GHz VGA with 30 dB Gain Control Range
REV. 0
ADL5330 AD-ADL5330_15 Datasheet
870Kb / 24P
   10 MHz to 3 GHz VGA with 60 dB Gain Control Range
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com