Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJG1107KB2-C2 Datasheet(PDF) 8 Page - New Japan Radio

Part # NJG1107KB2-C2
Description  1.5/1.9GHz LNA GaAs MMIC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1107KB2-C2 Datasheet(HTML) 8 Page - New Japan Radio

Back Button NJG1107KB2-C2 Datasheet HTML 4Page - New Japan Radio NJG1107KB2-C2 Datasheet HTML 5Page - New Japan Radio NJG1107KB2-C2 Datasheet HTML 6Page - New Japan Radio NJG1107KB2-C2 Datasheet HTML 7Page - New Japan Radio NJG1107KB2-C2 Datasheet HTML 8Page - New Japan Radio NJG1107KB2-C2 Datasheet HTML 9Page - New Japan Radio NJG1107KB2-C2 Datasheet HTML 10Page - New Japan Radio NJG1107KB2-C2 Datasheet HTML 11Page - New Japan Radio NJG1107KB2-C2 Datasheet HTML 12Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
NJG1107KB2
- 8 -
nTYPICAL CHARACTERISTICS (1.9GHz Band)
14
14.5
15
15.5
16
16.5
17
2.5
3
3.5
4
4.5
5
5.5
Gain vs. V
DD
(f=1.96GHz)
V
DD
(V)
0.8
0.9
1
1.1
1.2
1.3
2.9
3
3.1
3.2
3.3
3.4
2.5
3
3.5
4
4.5
5
5.5
NF, I
DD
vs. V
DD
(f=1.96GHz)
V
DD
(V)
0.6
1
1.4
1.8
2.2
2.6
0
4
8
12
16
20
1.8
1.84
1.88
1.92
1.96
2
NF,Gain vs. frequency
(V
DD
=2.7V,I
DD
=3mA)
frequency (GHz)
-25
-20
-15
-10
-5
0
5
10
15
20
25
-50
-40
-30
-20
-10
0
10
20
30
40
50
1
1.5
2
2.5
3
S21,S11,S22,S12 vs. frequency
(V
DD
=2.7V,I
DD
=3mA)
frequency (GHz)
S11
S22
S21
S12
-30
-20
-10
0
10
-40
-30
-20
-10
0
Pin (dBm)
Pout vs. Pin
(V
DD
=2.7V,f=1.96GHz)
+1.17dBm
P-1dB
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
-40
-30
-20
-10
0
(V
DD
=2.7V,I
DD
=3mA,f=1.96+1.9601GHz)
Pout, IM3 vs. Pin
Pin (dBm)
IIP3
-2.21dBm
IM3
Pout


Similar Part No. - NJG1107KB2-C2

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1107HB3 NJRC-NJG1107HB3 Datasheet
184Kb / 8P
   LOW NOISE AMPLIFIER GaAs MMIC
More results

Similar Description - NJG1107KB2-C2

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1556KB2 NJRC-NJG1556KB2 Datasheet
309Kb / 15P
   1.5/1.9GHz BAND MIXER GaAs MMIC
NJG1103F1 NJRC-NJG1103F1 Datasheet
238Kb / 13P
   1.5/1.9GHz LOW NOISE AMPLIFIER GaAs MMIC
NJG1705V NJRC-NJG1705V Datasheet
564Kb / 26P
   1.5/1.9GHz BAND FRONT-END GaAs MMIC
NJG1709KC1 NJRC-NJG1709KC1 Datasheet
780Kb / 29P
   1.5/1.9GHz BAND FRONT-END GaAs MMIC
NJG1552F NJRC-NJG1552F Datasheet
577Kb / 19P
   1.5ghZ/1.9ghZ mixer gAaS mmic
NJG1714KC1 NJRC-NJG1714KC1 Datasheet
397Kb / 18P
   1.9GHz BAND FRONT-END GaAs MMIC
NJG1553BF NJRC-NJG1553BF Datasheet
414Kb / 9P
   1.9ghZ band mixer gAaS mmic
NJG1553F NJRC-NJG1553F Datasheet
594Kb / 21P
   1.5ghZ/1.9ghZ mixer gAaS mmic
logo
Broadcom Corporation.
DEMO-MGA8756-3 BOARDCOM-DEMO-MGA8756-3 Datasheet
132Kb / 9P
   GaAs MMIC LNA
logo
New Japan Radio
NJG1106KB2 NJRC-NJG1106KB2 Datasheet
171Kb / 11P
   800MHz BAND LNA GaAs MMIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com