Electronic Components Datasheet Search |
|
R3005250L Datasheet(PDF) 2 Page - RF Micro Devices |
|
R3005250L Datasheet(HTML) 2 Page - RF Micro Devices |
2 / 3 page 2 of 3 RF Micro Devices Inc. 7628 Thorndike Road, Greensboro, NC 27409-9421 DS140211 For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com. The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended application circuitry and specifications at any time without prior notice. R3005250L Nominal Operating Parameters Parameter Specification Unit Condition Min Typ Max General Performance V+ = 24V; TMB = 30°C; ZS = ZL = 75Ω Operating Frequency Range 5 300 MHz Power Gain 24.5 25.1 25.5 dB f = 5MHz 24.3 25.3 dB f = 300MHz Slope [1] -0.3 0.2 1.0 dB f = 5MHz to 300MHz Flatness of Frequency Response ±0.4 dB f = 5MHz to 300MHz Input Return Loss -20 dB f = 5MHz to 200MHz -18 dB f = 200MHz to 300MHz Output Return Loss -20 dB f = 5MHz to 300MHz -18 dB f = 200MHz to 300MHz Noise Figure 5.6 5.8 dB f = 300MHz Total Current Consumption (DC) 130.0 138.0 140.0 mA Distortion Data 5MHz to 300MHz V+ = 24V; TMB = 30°C; ZS = ZL = 75Ω CTB -71 dBc 7 ch flat; V0 = 50dBmV [2] -62 -59 dBc 42 ch flat; V0 = 44dBmV [3] XMOD -63 dBc 7 ch flat; V0 = 50dBmV [2] -63 -60 dBc 42 ch flat; V0 = 44dBmV [3] CSO -75 dBc 7 ch flat; V0 = 50dBmV [2] -70 -64 dBc 42 ch flat; V0 = 44dBmV [3] 1. The slope is defined as the difference between the gain at the start frequency and the gain at the stop frequency. 2. 7 channels, NTSC frequency raster: T7-T13 (7.0MHz to 43MHz) +50dBmV flat output level. 3. 42 channels, NTSC frequency raster: T7-T13 (7.0MHz to 43MHz), 2-6 (55.25MHz to 83.25MHz), A-W / 7-13 (121.25MHz to 295.25MHz), +44dBmV flat output level. Composite Second Order (CSO) - The CSO parameter (both sum and difference products) is defined by the NCTA. Composite Triple Beat (CTB) - The CTB parameter is defined by the NCTA. Cross Modulation (XMOD) - Cross modulation (XMOD) is measured at baseband (selective voltmeter method), referenced to 100% modulation of the carrier being tested. |
Similar Part No. - R3005250L |
|
Similar Description - R3005250L |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |