Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3651-4.2 Datasheet(PDF) 4 Page - Linear Technology

Part # LT3651-4.2
Description  Monolithic 4A Wide Input 1 Cell Li-Ion Battery Charger
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3651-4.2 Datasheet(HTML) 4 Page - Linear Technology

  LT3651-4.2_15 Datasheet HTML 1Page - Linear Technology LT3651-4.2_15 Datasheet HTML 2Page - Linear Technology LT3651-4.2_15 Datasheet HTML 3Page - Linear Technology LT3651-4.2_15 Datasheet HTML 4Page - Linear Technology LT3651-4.2_15 Datasheet HTML 5Page - Linear Technology LT3651-4.2_15 Datasheet HTML 6Page - Linear Technology LT3651-4.2_15 Datasheet HTML 7Page - Linear Technology LT3651-4.2_15 Datasheet HTML 8Page - Linear Technology LT3651-4.2_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
LT3651-4.1/LT3651-4.2
4
365142ff
For more information www.linear.com/LT3651-4.1
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT3651 is tested under pulse loaded conditions such that
TJ = TA. The LT3651E is guaranteed to meet performance specifications
from 0°C to 85°C junction temperature. Specifications over the –40°C
to 125°C operating junction temperature range are assured by design,
characterization and correlation with statistical process controls. The
LT3651I is guaranteed over the full –40°C to 125°C operating junction
temperature range. The junction temperature (TJ in °C) is calculated from
the ambient temperature (TA in °C) and power dissipation (PD in Watts)
according to the formula:
TJ = TA + PD • θJA
where
θJA (in °C/W) is the package thermal impedance.
Note 3: This IC includes overtemperature protection that is intended to
protect the device during momentary overload conditions. The maximum
rated junction temperature will be exceeded when this protection is active.
Continuous operation above the specified absolute maximum operating
junction temperature may impair device reliability or permanently damage
the device.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
TIMER Charge/Discharge Current
25
µA
TIMER Disable Threshold
l
0.1
0.25
V
Full Charge Cycle Time-Out
3
Hour
Precondition Timeout
22.5
Minute
Timer Accuracy
l
–13
13
%
Switcher Operating Frequency, fO
RT = 50kΩ
RT = 250kΩ
1.1
250
MHz
kHz
Minimum SW On-Time, tON(MIN)
150
ns
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
junction temperature range, otherwise specifications are at TA = 25°C (Note 2). VIN = 20V, SHDN = 2V, SENSE = BAT = VBAT(FLT),
CTIMER = 0.68µF, RT = 50k, CLP = CLN = VIN, BOOST – SW = 4V.


Similar Part No. - LT3651-4.2_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3651-4.2 LINER-LT3651-4.2 Datasheet
1Mb / 22P
   Monolithic 4A High Voltage Li-Ion Battery Charger
LT3651-4.2 LINER-LT3651-4.2 Datasheet
332Kb / 24P
   Monolithic 4A HIgh Voltage 2-Cell Li-Ion Battery Charger
More results

Similar Description - LT3651-4.2_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3651-4.1 LINER-LT3651-4.1_15 Datasheet
283Kb / 22P
   Monolithic 4A Wide Input 1 Cell Li-Ion Battery Charger
LT3651-8.4 LINER-LT3651-8.4_15 Datasheet
351Kb / 24P
   Monolithic 4A High Voltage 2-Cell Li-Ion Battery Charger
LT3651-8.2 LINER-LT3651-8.2 Datasheet
332Kb / 24P
   Monolithic 4A HIgh Voltage 2-Cell Li-Ion Battery Charger
LT3651-8.2 LINER-LT3651-8.2_15 Datasheet
351Kb / 24P
   Monolithic 4A High Voltage 2-Cell Li-Ion Battery Charger
LT3651-4.2 LINER-LT3651-4.2 Datasheet
1Mb / 22P
   Monolithic 4A High Voltage Li-Ion Battery Charger
logo
Torex Semiconductor
XC6801 TOREX-XC6801_15 Datasheet
468Kb / 19P
   1 Cell Li-ion Battery Linear Charger IC
XC6801-12 TOREX-XC6801-12 Datasheet
468Kb / 19P
   1 Cell Li-ion Battery Linear Charger IC
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
   Single cell Li-ion battery charger
2003 Oct 15
logo
Texas Instruments
BQ24090 TI-BQ24090_1 Datasheet
1Mb / 32P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
logo
Linear Technology
LTC4007-1 LINER-LTC4007-1_15 Datasheet
280Kb / 24P
   4A, High Efficiency, Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com