Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJG1107KB2-C1 Datasheet(PDF) 3 Page - New Japan Radio

Part # NJG1107KB2-C1
Description  1.5/1.9GHz LNA GaAs MMIC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1107KB2-C1 Datasheet(HTML) 3 Page - New Japan Radio

  NJG1107KB2-C1 Datasheet HTML 1Page - New Japan Radio NJG1107KB2-C1 Datasheet HTML 2Page - New Japan Radio NJG1107KB2-C1 Datasheet HTML 3Page - New Japan Radio NJG1107KB2-C1 Datasheet HTML 4Page - New Japan Radio NJG1107KB2-C1 Datasheet HTML 5Page - New Japan Radio NJG1107KB2-C1 Datasheet HTML 6Page - New Japan Radio NJG1107KB2-C1 Datasheet HTML 7Page - New Japan Radio NJG1107KB2-C1 Datasheet HTML 8Page - New Japan Radio NJG1107KB2-C1 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
NJG1107KB2
- 3 -
nELECTRICAL CHARACTERISTICS 3 (1.8GHz Band)
(V
DD=2.7V, f=1.76GHz, Ta=+25°C, Zs=Zl=50Ω, TEST CIRCUIT1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Operating Frequency
freq3
1.75
1.76
1.78
GHz
Drain Voltage
V
DD
2.5
2.7
5.5
V
Operating Current
I
DD
RF OFF
-
3.0
3.8
mA
Small Signal Gain
Gain
-
16.0
-
dB
Gain Flatness
G
flat
f=1.75~1.78GHz
-
0.5
-
dB
Noise Figure
NF
-
1.2
-
dB
Pout at 1dB
Compression point
P
-1dB
-
1.1
-
dBm
Input 3rd order
Intercept Point
IIP3
f=1.76+1.7601GHz
RFin=-35dBm
-
-2.0
-
dBm
RF Input Port
VSWR
VSWR
i
-
1.6
-
-
RF Output Port
VSWR
VSWR
o
-
1.6
-
-
nELECTRICAL CHARACTERISTICS 4 (1.5GHz Band ,Low Gain Version)
(V
DD=2.7V, f=1.49GHz, Ta=+25°C, Zs=Zl=50Ω, TEST CIRCUIT2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Operating Frequency
freq4
1.47
1.49
1.51
GHz
Drain Voltage
V
DD
2.5
2.7
5.5
V
Operating Current
I
DD
RF OFF
-
3.0
3.8
mA
Small Signal Gain
Gain
-
14.0
-
dB
Gain Flatness
G
flat
f=1.47~1.51GHz
-
0.5
-
dB
Noise Figure
NF
-
1.2
-
dB
Pout at 1dB
Compression point
P
-1dB
-
0.0
-
dBm
Input 3rd order
Intercept Point
IIP3
f=1.49+1.4901GHz
RFin=-35dBm
-
-3.0
-
dBm
RF Input Port
VSWR
VSWR
i
-
1.6
-
RF Output Port
VSWR
VSWR
o
-
1.6
-


Similar Part No. - NJG1107KB2-C1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1107HB3 NJRC-NJG1107HB3 Datasheet
184Kb / 8P
   LOW NOISE AMPLIFIER GaAs MMIC
More results

Similar Description - NJG1107KB2-C1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1556KB2 NJRC-NJG1556KB2 Datasheet
309Kb / 15P
   1.5/1.9GHz BAND MIXER GaAs MMIC
NJG1103F1 NJRC-NJG1103F1 Datasheet
238Kb / 13P
   1.5/1.9GHz LOW NOISE AMPLIFIER GaAs MMIC
NJG1705V NJRC-NJG1705V Datasheet
564Kb / 26P
   1.5/1.9GHz BAND FRONT-END GaAs MMIC
NJG1709KC1 NJRC-NJG1709KC1 Datasheet
780Kb / 29P
   1.5/1.9GHz BAND FRONT-END GaAs MMIC
NJG1552F NJRC-NJG1552F Datasheet
577Kb / 19P
   1.5ghZ/1.9ghZ mixer gAaS mmic
NJG1714KC1 NJRC-NJG1714KC1 Datasheet
397Kb / 18P
   1.9GHz BAND FRONT-END GaAs MMIC
NJG1553BF NJRC-NJG1553BF Datasheet
414Kb / 9P
   1.9ghZ band mixer gAaS mmic
NJG1553F NJRC-NJG1553F Datasheet
594Kb / 21P
   1.5ghZ/1.9ghZ mixer gAaS mmic
logo
Broadcom Corporation.
DEMO-MGA8756-3 BOARDCOM-DEMO-MGA8756-3 Datasheet
132Kb / 9P
   GaAs MMIC LNA
logo
New Japan Radio
NJG1106KB2 NJRC-NJG1106KB2 Datasheet
171Kb / 11P
   800MHz BAND LNA GaAs MMIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com