Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1005300L Datasheet(PDF) 1 Page - RF Micro Devices

Part # R1005300L
Description  30dB Reverse Hybrid 5MHz to 100MHz (Low Current)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

R1005300L Datasheet(HTML) 1 Page - RF Micro Devices

  R1005300L Datasheet HTML 1Page - RF Micro Devices R1005300L Datasheet HTML 2Page - RF Micro Devices R1005300L Datasheet HTML 3Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140131
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
1 of 3
R1005300L
30dB Reverse Hybrid
5MHz to 100MHz (Low Current)
The R1005300L is a hybrid reverse amplifier. The part
employs a silicon die. It has extremely low distortion and
superior return loss performance. The part also provides
optimal reliability with low noise and is well suited for 5MHz to
100MHz CATV amplifiers for reverse channel systems.
Package: SOT-115J
Features
Excellent Linearity
Superior Return Loss Performance
Extremely Low Distortion
Optimal Reliability
Low Noise
Unconditionally Stable Under All
Terminations
30.3dB Typical Gain at 100MHz
140mA Max. at 24VDC
Applications
5MHz to 100MHz CATV Amplifier
For Reverse Channel Systems
Ordering Information
R1005300L
Box with 50 pieces
Absolute Maximum Ratings
Parameter
Rating
Unit
RF Input Voltage (single tone)
65
dBmV
DC Supply Over-Voltage (5 minutes)
30
V
Storage Temperature
-40 to +100
°C
Operating Mounting Base Temperature
-30 to +100
°C
Caution! ESD sensitive device.
RoHS (Restriction of Hazardous
Substances): Compliant per EU Directive
2011/65/EU.
Exceeding any one or a combination of the Absolute
Maximum Rating conditions may cause permanent
damage to the device. Extended application of Absolute
Maximum Rating conditions to the device may reduce
device reliability. Specified typical performance or
functional operation of the device under Absolute
Maximum Rating conditions is not implie
R1005300L


Similar Part No. - R1005300L

ManufacturerPart #DatasheetDescription
logo
PREMIER DEVICES, INC.
R1005300L PDI-R1005300L Datasheet
130Kb / 4P
   Si Reverse, low current, 5 - 100MHz, 30.8dB typ. Gain @ 100MHz, 140mA max. @ 24VDC
logo
Qorvo, Inc
R1005300L QORVO-R1005300L Datasheet
264Kb / 3P
   30dB Reverse Hybrid 5MHz to 100MHz (Low Current)
More results

Similar Description - R1005300L

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
R1005300L QORVO-R1005300L Datasheet
264Kb / 3P
   30dB Reverse Hybrid 5MHz to 100MHz (Low Current)
logo
RF Micro Devices
RFRP2241 RFMD-RFRP2241 Datasheet
341Kb / 4P
   5MHZ TO 100MHZ 30DB REVERSE HYBRID (LOW CURRENT, LOW NOISE)
logo
Qorvo, Inc
RFRP2241 QORVO-RFRP2241 Datasheet
341Kb / 4P
   5MHZ TO 100MHZ 30DB REVERSE HYBRID(LOW CURRENT, LOW NOISE)
R3005300L QORVO-R3005300L Datasheet
267Kb / 3P
   30dB Reverse Hybrid 5MHz to 300MHz (Low Current)
logo
RF Micro Devices
R3005300L RFMD-R3005300L Datasheet
267Kb / 3P
   30dB Reverse Hybrid 5MHz to 300MHz (Low Current)
logo
Qorvo, Inc
R0605300L QORVO-R0605300L Datasheet
263Kb / 3P
   30dB Reverse Hybrid 5MHz to 65MHz (Low Current)
RFRP2920 QORVO-RFRP2920 Datasheet
265Kb / 3P
   Si Reverse Hybrid 5MHz to 100MHz (Low Current)
R1005250L QORVO-R1005250L Datasheet
265Kb / 3P
   25dB Reverse Hybrid 5MHz to 100MHz (Low Current)
logo
RF Micro Devices
R1005250L RFMD-R1005250L Datasheet
265Kb / 3P
   25dB Reverse Hybrid 5MHz to 100MHz (Low Current)
R2005280L RFMD-R2005280L Datasheet
265Kb / 3P
   Si Reverse Hybrid 5MHz to 200MHz (Low Current)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com