Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJG1307R Datasheet(PDF) 1 Page - New Japan Radio

Part # NJG1307R
Description  DRIVER AMPLIFIER GaAs MMIC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1307R Datasheet(HTML) 1 Page - New Japan Radio

  NJG1307R Datasheet HTML 1Page - New Japan Radio NJG1307R Datasheet HTML 2Page - New Japan Radio NJG1307R Datasheet HTML 3Page - New Japan Radio NJG1307R Datasheet HTML 4Page - New Japan Radio NJG1307R Datasheet HTML 5Page - New Japan Radio NJG1307R Datasheet HTML 6Page - New Japan Radio NJG1307R Datasheet HTML 7Page - New Japan Radio NJG1307R Datasheet HTML 8Page - New Japan Radio NJG1307R Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
NJG1307R
- 1 -
DRIVER AMPLIFIER GaAs MMIC
nGENERAL DESCRIPTION
n PACKAGE OUTLINE
NJG1307R is a GaAs MMIC designed mainly for
driver amplifier of Cellular Phone.
This is an amplifier which has high gain of 33dB
and variable gain with 40dB dynamic range.
NJG1307R features stable VSWR and low current
operation.
nFEATURES
lSingle and low voltage operation
+3.0V typ.
lLow current consumption
25mA typ. @P
OUT= 8dBm
lSmall signal gain
33dB typ. @f= 938MHz
30dB typ. @f= 1441MHz
25dB typ. @f= 1.9GHz
lPout at 1dB compression point
11dBm typ. @f= 938MHz
10dBm typ. @f= 1441MHz
8dBm typ. @f= 1.9GHz
lWide Variable range
40dB typ.
lPackage
VSP8
nPIN CONFIGURATION
4
3
5
6
1
2
8
7
NJG1307R
R TYPE
(TOP VIEW)
Pin Connection
1. RF
out1
2.
V
CONT
3.
GND1
4.
RF
in1
5.
RF
out2
6. GND2
7.
GND1
8.
RF
in2


Similar Part No. - NJG1307R

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1301V NJRC-NJG1301V Datasheet
244Kb / 7P
   MEDIUM POWER AMPLIFIER GaAs MMIC
NJG1301V-C1 NJRC-NJG1301V-C1 Datasheet
244Kb / 7P
   MEDIUM POWER AMPLIFIER GaAs MMIC
NJG1301V-C2 NJRC-NJG1301V-C2 Datasheet
244Kb / 7P
   MEDIUM POWER AMPLIFIER GaAs MMIC
NJG1301V-C3 NJRC-NJG1301V-C3 Datasheet
244Kb / 7P
   MEDIUM POWER AMPLIFIER GaAs MMIC
NJG1301V-C4 NJRC-NJG1301V-C4 Datasheet
244Kb / 7P
   MEDIUM POWER AMPLIFIER GaAs MMIC
More results

Similar Description - NJG1307R

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1308F NJRC-NJG1308F Datasheet
1Mb / 12P
   DRIVER-AMPLIFIER GaAs MMIC
logo
Analog Devices
HMC635LC4 AD-HMC635LC4 Datasheet
330Kb / 6P
   GaAs PHEMT MMIC DRIVER AMPLIFIER
HMC635 AD-HMC635 Datasheet
326Kb / 8P
   GaAs PHEMT MMIC DRIVER AMPLIFIER
HMC633 AD-HMC633 Datasheet
315Kb / 8P
   GaAs PHEMT MMIC DRIVER AMPLIFIER
HMC-AUH256 AD-HMC-AUH256 Datasheet
420Kb / 6P
   GaAs HEMT MMIC DRIVER AMPLIFIER
HMC634LC4 AD-HMC634LC4 Datasheet
423Kb / 8P
   GaAs PHEMT MMIC DRIVER AMPLIFIER
HMC-AUH249 AD-HMC-AUH249 Datasheet
722Kb / 8P
   GaAs HEMT MMIC MODULATOR DRIVER AMPLIFIER
HMC-AUH232 AD-HMC-AUH232 Datasheet
557Kb / 10P
   GaAs HEMT MMIC MODULATOR DRIVER AMPLIFIER
HMC465 AD-HMC465 Datasheet
452Kb / 8P
   GaAs pHEMT MMIC MODULATOR DRIVER AMPLIFIER
HMC326MS8G AD-HMC326MS8G_17 Datasheet
1Mb / 6P
   GaAs InGaP HBT MMIC DRIVER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com