Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NBB-X-K1 Datasheet(PDF) 6 Page - RF Micro Devices

Part # NBB-X-K1
Description  Cascadable Broadband GaAs MMIC Amplifier DC to 6GHz
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

NBB-X-K1 Datasheet(HTML) 6 Page - RF Micro Devices

  NBB-X-K1 Datasheet HTML 1Page - RF Micro Devices NBB-X-K1 Datasheet HTML 2Page - RF Micro Devices NBB-X-K1 Datasheet HTML 3Page - RF Micro Devices NBB-X-K1 Datasheet HTML 4Page - RF Micro Devices NBB-X-K1 Datasheet HTML 5Page - RF Micro Devices NBB-X-K1 Datasheet HTML 6Page - RF Micro Devices NBB-X-K1 Datasheet HTML 7Page - RF Micro Devices NBB-X-K1 Datasheet HTML 8Page - RF Micro Devices NBB-X-K1 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS131016
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
6 of 9
NLB-400
Extended Frequency InGaP Amplifier Designer’s Tool Kit (NBB-X-K1)
This tool kit was created to assist in the design-in of the RFMD NBB- and NLB- series InGap HBT gain block amplifiers. Each tool
kit contains the following:
5 each NBB-300, NBB-310 and NBB-400 Ceramic Micro-X Amplifiers
5 each NLB-300, NLB-310 and NLB-400 Plastic Micro-X Amplifiers
2 Broadband Evaluation Boards and High Frequency SMA Connectors
Broadband Bias Instructions and Specification Summary Index for ease of operation


Similar Part No. - NBB-X-K1

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
NBB-X-K1 RFMD-NBB-X-K1 Datasheet
210Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
NBB-X-K1 RFMD-NBB-X-K1 Datasheet
279Kb / 12P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 8GHz
NBB-X-K1 RFMD-NBB-X-K1 Datasheet
587Kb / 10P
   Cascadable Broadband GaAs MMIC Amplifier DC to 12GHz
NBB-X-K1 RFMD-NBB-X-K1 Datasheet
216Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
NBB-X-K1 RFMD-NBB-X-K1 Datasheet
188Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 8GHz
More results

Similar Description - NBB-X-K1

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
NLB-400 RFMD-NLB-400 Datasheet
263Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 6GHz
RF3816 RFMD-RF3816 Datasheet
59Kb / 2P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 6GHz
NBB-312 RFMD-NBB-312_1 Datasheet
310Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
NLB-310 RFMD-NLB-310_13 Datasheet
1Mb / 9P
   Cascadable Broadband GaAs MMIC Amplifier DC to 10GHz
logo
Qorvo, Inc
NBB-300 QORVO-NBB-300 Datasheet
567Kb / 11P
   Cascadable Broadband GaAs MMIC Amplifier DC to 12GHz
logo
RF Micro Devices
NBB-302 RFMD-NBB-302 Datasheet
216Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
NBB-312 RFMD-NBB-312 Datasheet
210Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
NBB-312 RFMD-NBB-312_13 Datasheet
587Kb / 10P
   Cascadable Broadband GaAs MMIC Amplifier DC to 12GHz
NBB-400 RFMD-NBB-400_13 Datasheet
563Kb / 11P
   Cascadable Broadband GaAs MMIC Amplifier DC to 8GHz
NBB-400 RFMD-NBB-400_07 Datasheet
279Kb / 12P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 8GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com