Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NBB-500-D Datasheet(PDF) 2 Page - RF Micro Devices

Part # NBB-500-D
Description  Cascadable Broadband GaAs MMIC Amplifier DC to 4GHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

NBB-500-D Datasheet(HTML) 2 Page - RF Micro Devices

  NBB-500-D Datasheet HTML 1Page - RF Micro Devices NBB-500-D Datasheet HTML 2Page - RF Micro Devices NBB-500-D Datasheet HTML 3Page - RF Micro Devices NBB-500-D Datasheet HTML 4Page - RF Micro Devices NBB-500-D Datasheet HTML 5Page - RF Micro Devices NBB-500-D Datasheet HTML 6Page - RF Micro Devices NBB-500-D Datasheet HTML 7Page - RF Micro Devices NBB-500-D Datasheet HTML 8Page - RF Micro Devices NBB-500-D Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS131004
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
2 of 11
NBB-500
Absolute Maximum Ratings
Parameter
Rating
Unit
RF Input Power
+20
dBm
Power Dissipation
300
mW
Device Current
70
mA
Channel Temperature
150
°C
Operating Temperature
-45 to +85
°C
Storage Temperature
-65 to +150
°C
Exceeding any one or a combination of these limits may cause permanent damage
.
Caution! ESD sensitive device.
RFMD Green: RoHS compliant per EU
Directive 2011/65/EU, halogen free per
IEC 61249-2-21, <1000ppm each of
antimony trioxide in polymeric materials
and red phosphorus as a flame retardant,
and <2% antimony solder.
Exceeding any one or a combination of the Absolute
Maximum Rating conditions may cause permanent
damage to the device. Extended application of Absolute
Maximum Rating conditions to the device may reduce
device reliability. Specified typical performance or
functional operation of the device under Absolute
Maximum Rating conditions is not implied.
Nominal Operating Parameters
Parameter
Specification
Unit
Condition
Min
Typ
Max
General Performance
VD = +3.9V, ICC = 35mA, Z0 = 50Ω, TA = +25°C
Small Signal Power Gain, S21
19.0
20.5
dB
f = 0.1GHz to 1.0GHz
19.5
dB
f = 1.0GHz to 2.0GHz
16.0
18.5
dB
f = 2.0GHz to 4.0GHz
Gain Flatness, GF
±0.8
dB
f = 0.1GHz to 3.0GHz
Input and Output VSWR
1.70:1
f = 0.1GHz to 4.0GHz
1.45:1
f = 4.0GHz to 6.0GHz
1.65:1
f = 6.0GHz to 10.0GHz
Bandwidth, BW
4.2
GHz
BW3 (3dB)
Output Power at -1dB
Compression, P1dB
12.3
dBm
f = 2.0GHz
14.0
dBm
f = 6.0GHz
Noise Figure, NF
3.2
dB
f = 3.0GHz
Third Order Intercept, IP3
+26.5
dBm
f = 2.0GHz
Reverse Isolation, S12
-17.0
dB
f = 0.1GHz to 10.0GHz
Device Voltage, V
D
3.6
3.9
4.2
V
Gain Temperature Coefficient,
/
-0.0015
dB/°C


Similar Part No. - NBB-500-D

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
NBB-500-D RFMD-NBB-500-D Datasheet
217Kb / 10P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 4GHz
NBB-500-D RFMD-NBB-500-D Datasheet
283Kb / 12P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 4GHz
More results

Similar Description - NBB-500-D

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
NBB-500 RFMD-NBB-500_07 Datasheet
283Kb / 12P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 4GHz
NBB-502 RFMD-NBB-502_1 Datasheet
117Kb / 2P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 4GHz
NBB-500 RFMD-NBB-500 Datasheet
217Kb / 10P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 4GHz
NBB-502 RFMD-NBB-502_13 Datasheet
1Mb / 9P
   Cascadable Broadband GaAs MMIC Amplifier DC to 4GHz
NBB-502 RFMD-NBB-502 Datasheet
213Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 4GHz
NBB-502 RFMD-NBB-502_06 Datasheet
186Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 4GHz
NBB-312 RFMD-NBB-312_1 Datasheet
310Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
NLB-310 RFMD-NLB-310_13 Datasheet
1Mb / 9P
   Cascadable Broadband GaAs MMIC Amplifier DC to 10GHz
logo
Qorvo, Inc
NBB-300 QORVO-NBB-300 Datasheet
567Kb / 11P
   Cascadable Broadband GaAs MMIC Amplifier DC to 12GHz
logo
RF Micro Devices
NBB-302 RFMD-NBB-302 Datasheet
216Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com