Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NBB-400 Datasheet(PDF) 11 Page - RF Micro Devices

Part # NBB-400
Description  Cascadable Broadband GaAs MMIC Amplifier DC to 8GHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

NBB-400 Datasheet(HTML) 11 Page - RF Micro Devices

Back Button NBB-400_13 Datasheet HTML 3Page - RF Micro Devices NBB-400_13 Datasheet HTML 4Page - RF Micro Devices NBB-400_13 Datasheet HTML 5Page - RF Micro Devices NBB-400_13 Datasheet HTML 6Page - RF Micro Devices NBB-400_13 Datasheet HTML 7Page - RF Micro Devices NBB-400_13 Datasheet HTML 8Page - RF Micro Devices NBB-400_13 Datasheet HTML 9Page - RF Micro Devices NBB-400_13 Datasheet HTML 10Page - RF Micro Devices NBB-400_13 Datasheet HTML 11Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS131004
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
11 of 11
NBB-400
RoHS Banned Material Content
RoHS Compliant:
Yes
Package Total Weight in Grams (g):
0.019
Compliance Date Code:
0602
Bill of Materials Revision:
-
Pb Free Category:
e3
Bill of Materials
Parts Per Million (PPM)
Pb
Cd
Hg
Cr VI
PBB
PBDE
Die
0
0
0
0
0
0
Molding Compound
0
0
0
0
0
0
Lead Frame
0
0
0
0
0
0
Die Attach Epoxy
0
0
0
0
0
0
Wire
0
0
0
0
0
0
Solder Plating
0
0
0
0
0
0
This RoHS banned material content declaration was prepared solely on information, including analytical data, provided to RFMD
by its suppliers, and applies to the Bill of Materials (BOM) revision noted


Similar Part No. - NBB-400_13

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
NBB-400-D RFMD-NBB-400-D Datasheet
186Kb / 10P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 8GHz
NBB-400-D RFMD-NBB-400-D Datasheet
279Kb / 12P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 8GHz
NBB-400-E RFMD-NBB-400-E Datasheet
186Kb / 10P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 8GHz
NBB-400-E RFMD-NBB-400-E Datasheet
279Kb / 12P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 8GHz
NBB-400-T1 RFMD-NBB-400-T1 Datasheet
186Kb / 10P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 8GHz
More results

Similar Description - NBB-400_13

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
NBB-402 RFMD-NBB-402_06 Datasheet
188Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 8GHz
logo
Qorvo, Inc
NBB_402 QORVO-NBB_402 Datasheet
604Kb / 8P
   Cascadable Broadband GaAs MMIC Amplifier DC to 8GHz
logo
RF Micro Devices
NBB-400 RFMD-NBB-400_07 Datasheet
279Kb / 12P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 8GHz
NBB-400 RFMD-NBB-400 Datasheet
186Kb / 10P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 8GHz
NBB-402 RFMD-NBB-402_13 Datasheet
604Kb / 8P
   Cascadable Broadband GaAs MMIC Amplifier DC to 8GHz
NBB-402 RFMD-NBB-402 Datasheet
213Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 8GHz
NBB-312 RFMD-NBB-312_1 Datasheet
310Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
NLB-310 RFMD-NLB-310_13 Datasheet
1Mb / 9P
   Cascadable Broadband GaAs MMIC Amplifier DC to 10GHz
logo
Qorvo, Inc
NBB-300 QORVO-NBB-300 Datasheet
567Kb / 11P
   Cascadable Broadband GaAs MMIC Amplifier DC to 12GHz
logo
RF Micro Devices
NBB-302 RFMD-NBB-302 Datasheet
216Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com