Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NBB-310 Datasheet(PDF) 6 Page - RF Micro Devices

Part # NBB-310
Description  Cascadable Broadband GaAs MMIC Amplifier DC to 12GHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

NBB-310 Datasheet(HTML) 6 Page - RF Micro Devices

Back Button NBB-310_13 Datasheet HTML 2Page - RF Micro Devices NBB-310_13 Datasheet HTML 3Page - RF Micro Devices NBB-310_13 Datasheet HTML 4Page - RF Micro Devices NBB-310_13 Datasheet HTML 5Page - RF Micro Devices NBB-310_13 Datasheet HTML 6Page - RF Micro Devices NBB-310_13 Datasheet HTML 7Page - RF Micro Devices NBB-310_13 Datasheet HTML 8Page - RF Micro Devices NBB-310_13 Datasheet HTML 9Page - RF Micro Devices NBB-310_13 Datasheet HTML 10Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS131004
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
6 of 11
NBB-310
Sales Criteria
– Unpackaged Die
Die Sales Information
All segmented die are sold 100% DC-tested. Testing parameters for wafer-level sales of die material shall be negotiated
on a case-by-case basis.
Segmented die are selected for customer shipment in accordance with RFMD Document #6000152 - Die Product Final
Visual Inspection Criteria
1.
Segmented die has a minimum sales volume of 100 pieces per order. A maximum of 400 die per carrier is allowable.
Die Packaging
All die are packaged in GelPak ESD protective containers with the following specification: O.D. = 2"X2", Capacity = 400
Die (20X20 segments), Retention Level = High(X0).
GelPak ESD protective containers are placed in a static shield bag. RFMD recommends that once the bag is opened the
GelPak/s should be stored in a controlled nitrogen environment. Do not press on the cover of a closed GelPak, handle by
the edges only. Do not vacuum seal bags containing GelPak containers.
Precaution must be taken to minimize vibration of packaging during handling, as die can shift during transit
2.
Package Storage
Unit packages should be kept in a dry nitrogen environment for optimal assembly, performance, and reliability.
Precaution must be taken to minimize vibration of packaging during handling, as die can shift during transit
2.
Die Handling
Proper ESD precautions must be taken when handling die material.
Die should be handled using vacuum pick-up equipment, or handled along the long side with a sharp pair of tweezers. Do
not touch die with any part of the body.
When using automated pick-up and placement equipment, ensure that force impact is set correctly. Excessive force
may damage GaAs devices.
Die Attach
The die attach process mechanically attaches the die to the circuit substrate. In addition, the utilization of proper die
attach processes electrically connect the ground to the trace on which the chip is mounted. It also establishes the thermal
path by which heat can leave the chip.
Die should be mounted to a clean, flat surface. Epoxy or eutectic die attach are both acceptable attachment methods. Top
and bottom metallization are gold. Conductive silver-filled epoxies are recommended. This procedure involves the use of
epoxy to form a joint between the backside gold of the chip and the metallized area of the substrate.
All connections should be made on the topside of the die. It is essential to performance that the backside be well
grounded and that the length of topside interconnects be minimized.
Some die utilize vias for effective grounding. Care must be exercised when mounting die to preclude excess run-out on
the topside.
Die Wire Bonding
Electrical connections to the chip are made through wire bonds. Either wedge or ball bonding methods are acceptable
practices for wire bonding.
All bond wires should be made as short as possible.
Notes
1RFMD Document #6000152 - Die Product Final Visual Inspection Criteria. This document provides guidance for die inspection
personnel to determine final visual acceptance of die product prior to shipping to customers.
2RFMD takes precautions to ensure that die product is shipped in accordance with quality standards established to minimize
material shift. However, due to the physical size of die-level product, RFMD does not guarantee that material will not shift during
transit, especially under extreme handling circumstances. Product replacement due to material shift will be at the discretion
of RFMD.


Similar Part No. - NBB-310_13

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
NBB-310-D RFMD-NBB-310-D Datasheet
280Kb / 12P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
NBB-310-PCBA-41X RFMD-NBB-310-PCBA-41X Datasheet
280Kb / 12P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
logo
Qorvo, Inc
NBB-310-PCBA-41X QORVO-NBB-310-PCBA-41X Datasheet
558Kb / 11P
   Cascadable Broadband GaAs MMIC Amplifier DC to 12GHz
logo
RF Micro Devices
NBB-310-T1 RFMD-NBB-310-T1 Datasheet
280Kb / 12P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
logo
Qorvo, Inc
NBB-310-T1 QORVO-NBB-310-T1 Datasheet
558Kb / 11P
   Cascadable Broadband GaAs MMIC Amplifier DC to 12GHz
More results

Similar Description - NBB-310_13

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
NBB-312 RFMD-NBB-312_1 Datasheet
310Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
logo
Qorvo, Inc
NBB-300 QORVO-NBB-300 Datasheet
567Kb / 11P
   Cascadable Broadband GaAs MMIC Amplifier DC to 12GHz
logo
RF Micro Devices
NBB-302 RFMD-NBB-302 Datasheet
216Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
NBB-312 RFMD-NBB-312 Datasheet
210Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
NBB-312 RFMD-NBB-312_13 Datasheet
587Kb / 10P
   Cascadable Broadband GaAs MMIC Amplifier DC to 12GHz
NBB-300 RFMD-NBB-300 Datasheet
283Kb / 11P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
NBB-312 RFMD-NBB-312_06 Datasheet
183Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
logo
Qorvo, Inc
NBB_312 QORVO-NBB_312 Datasheet
587Kb / 10P
   Cascadable Broadband GaAs MMIC Amplifier DC to 12GHz
logo
RF Micro Devices
NBB-300 RFMD-NBB-300 Datasheet
566Kb / 11P
   Cascadable Broadband GaAs MMIC Amplifier DC to 12GHz
NBB-302 RFMD-NBB-302_13 Datasheet
329Kb / 4P
   Cascadable Broadband GaAs MMIC Amplifier DC to 12GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com