Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM4609 Datasheet(PDF) 2 Page - Linear Technology

Part # LTM4609
Description  36VIN, 34VOUT High Efficiency Buck-Boost DC/DC Module Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4609 Datasheet(HTML) 2 Page - Linear Technology

  LTM4609_15 Datasheet HTML 1Page - Linear Technology LTM4609_15 Datasheet HTML 2Page - Linear Technology LTM4609_15 Datasheet HTML 3Page - Linear Technology LTM4609_15 Datasheet HTML 4Page - Linear Technology LTM4609_15 Datasheet HTML 5Page - Linear Technology LTM4609_15 Datasheet HTML 6Page - Linear Technology LTM4609_15 Datasheet HTML 7Page - Linear Technology LTM4609_15 Datasheet HTML 8Page - Linear Technology LTM4609_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LTM4609
2
4609ff
For more information www.linear.com/LTM4609
pin conFiguration
absolute MaxiMuM ratings
VIN .............................................................–0.3V to 36V
VOUT............................................................. 0.8V to 36V
INTVCC, EXTVCC, RUN, SS, PGOOD..............–0.3V to 7V
SW1, SW2 (Note 7) ...................................... –5V to 36V
VFB............................................................–0.3V to 2.4V
COMP........................................................... –0.3V to 2V
FCB, STBYMD ....................................... –0.3V to INTVCC
PLLIN........................................................ –0.3V to 5.5V
(Note 1)
LGA PACKAGE
141-LEAD (15mm
× 15mm × 2.82mm)
SW2
(BANK 2)
VIN
(BANK 1)
RSENSE
(BANK 3)
COMP
PLLFLTR
PLLIN
SW1
(BANK 4)
VOUT
(BANK 5)
INTVCC
EXTVCC
PGOOD
VFB
PGND
(BANK 6)
SENSE+
STBYMD
TOP VIEW
1
2
3
4
5
6
7
8
10
9
11
12
L
K
J
H
G
F
E
D
C
B
M
A
SS
SENSE
SGND RUN FCB
TJMAX = 125°C, θJA = 11.4°C/W, θJCtop = 15°C/W, θJCbottom = 4°C/W, WEIGHT = 1.5g
BGA PACKAGE
141-LEAD (15mm
× 15mm × 3.42mm)
SW2
(BANK 2)
VIN
(BANK 1)
RSENSE
(BANK 3)
COMP
PLLFLTR
PLLIN
SW1
(BANK 4)
VOUT
(BANK 5)
INTVCC
EXTVCC
PGOOD
VFB
PGND
(BANK 6)
SENSE+
STBYMD
TOP VIEW
1
2
3
4
5
6
7
8
10
9
11
12
L
K
J
H
G
F
E
D
C
B
M
A
SS
SENSE
SGND RUN FCB
TJMAX = 125°C, θJA = 11.4°C/W, θJCtop = 15°C/W, θJCbottom = 4°C/W, WEIGHT = 1.7g
(See Table 6 Pin Assignment)
orDer inForMation
PLLFLTR.................................................... –0.3V to 2.7V
INTVCC ................................................................ –40mA
Operating Temperature Range (Note 2)
E- and I-grades ....................................–40°C to 85°C
MP-grade........................................... –55°C to 125°C
Junction Temperature ........................................... 125°C
Storage Temperature Range...................–55°C to 125°C
Solder Temperature (Note 3)................................. 245°C
PART NUMBER
PAD OR BALL FINISH
PART MARKING*
PACKAGE
TYPE
MSL
RATING
TEMPERATURE RANGE
(Note 2)
DEVICE
FINISH CODE
LTM4609EV#PBF
Au (RoHS)
LTM4609V
e4
LGA
3
–40°C to 85°C
LTM4609IV#PBF
Au (RoHS)
LTM4609V
e4
LGA
3
–40°C to 85°C
LTM4609MPV#PBF
Au (RoHS)
LTM4609V
e4
LGA
3
–55°C to 125°C
LTM4609EY#PBF
SAC305 (RoHS)
LTM4609Y
e1
BGA
3
–40°C to 85°C
LTM4609IY#PBF
SAC305 (RoHS)
LTM4609Y
e1
BGA
3
–40°C to 85°C
LTM4609IY
SnPb (63/37)
LTM4609Y
e0
BGA
3
–40°C to 85°C
LTM4609MPY #PBF
SAC305 (RoHS)
LTM4609Y
e1
BGA
3
–55°C to 125°C
LTM4609MPY
SnPb (63/37)
LTM4609Y
e0
BGA
3
–55°C to 125°C
Consult Marketing for parts specified with wider operating temperature
ranges. *Device temperature grade is indicated by a label on the shipping
container. Pad or ball finish code is per IPC/JEDEC J-STD-609.
• Pb-free and Non-Pb-free Part Markings:
www.linear.com/leadfree
• Recommended LGA and BGA PCB Assembly and Manufacturing
Procedures:
www.linear.com/umodule/pcbassembly
• LGA and BGA Package and Tray Drawings:
www.linear.com/packaging


Similar Part No. - LTM4609_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4609EV LINER-LTM4609EV Datasheet
299Kb / 24P
   36VIN, 34VOUT High Effi ciency Buck-Boost DC/DC 關Module
LTM4609EVPBF LINER-LTM4609EVPBF Datasheet
299Kb / 24P
   36VIN, 34VOUT High Effi ciency Buck-Boost DC/DC 關Module
LTM4609IV LINER-LTM4609IV Datasheet
299Kb / 24P
   36VIN, 34VOUT High Effi ciency Buck-Boost DC/DC 關Module
LTM4609IVPBF LINER-LTM4609IVPBF Datasheet
299Kb / 24P
   36VIN, 34VOUT High Effi ciency Buck-Boost DC/DC 關Module
More results

Similar Description - LTM4609_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4607 LINER-LTM4607_15 Datasheet
355Kb / 26P
   36VIN, 24VOUT High Efficiency Buck-Boost DC/DC Module Regulator
LTM4609 LINER-LTM4609 Datasheet
299Kb / 24P
   36VIN, 34VOUT High Effi ciency Buck-Boost DC/DC 關Module
LTM4605 LINER-LTM4605_15 Datasheet
312Kb / 26P
   High Efficiency Buck-Boost DC/DC Module Regulator
LTM4607 LINER-LTM4607 Datasheet
317Kb / 24P
   36VIN, 24VOUT High Effi ciency Buck-Boost DC/DC 關Module
LTM8055 LINER-LTM8055_15 Datasheet
500Kb / 24P
   36VIN, 8.5A Buck-Boost Module Regulator
LTM8055 LINER-LTM8055 Datasheet
516Kb / 26P
   36VIN, 8.5A Buck-Boost 關Module Regulator
logo
Lowpower Semiconductor ...
LP6203 POWER-LP6203 Datasheet
282Kb / 8P
   High Efficiency Boost DC/DC Regulator
logo
Shenzhen Huazhimei Semi...
HM1531 HMSEMI-HM1531 Datasheet
518Kb / 6P
   HM1531 High Efficiency DC-DC Boost Regulator
logo
Diodes Incorporated
AP72200 DIODES-AP72200 Datasheet
1Mb / 30P
   HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK-BOOST CONVERTER
logo
Linear Technology
LTM8054 LINER-LTM8054 Datasheet
608Kb / 8P
   36VIN, 5.4A Buck-Boost 36VIN, 5.4A Buck-Boost
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com