Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6910-1 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC6910-1
Description  Digitally Controlled Programmable Gain Amplifiers in SOT-23
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6910-1 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC6910-1_15 Datasheet HTML 4Page - Linear Technology LTC6910-1_15 Datasheet HTML 5Page - Linear Technology LTC6910-1_15 Datasheet HTML 6Page - Linear Technology LTC6910-1_15 Datasheet HTML 7Page - Linear Technology LTC6910-1_15 Datasheet HTML 8Page - Linear Technology LTC6910-1_15 Datasheet HTML 9Page - Linear Technology LTC6910-1_15 Datasheet HTML 10Page - Linear Technology LTC6910-1_15 Datasheet HTML 11Page - Linear Technology LTC6910-1_15 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LTC6910-1
LTC6910-2/LTC6910-3
8
6910123fa
The q denotes the specifications that apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VS = 5V, AGND = 2.5V, Gain = 1 (Digital Inputs 001), RL = 10k
to midsupply point, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
LTC6910-2C/LTC6910-2I
LTC6910-2H
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
Specifications for LTC6910-2 Only
DC Small-Signal Output Resistance
Gain = 0
0.4
0.4
Gain = 1
0.7
0.7
Gain = 2
1
1
Gain = 4
1.6
1.6
Gain = 8
2.8
2.8
Gain = 16
5
5
Gain = 32
10
10
Gain = 64
20
20
Gain-Bandwidth Product
Gain = 64, fIN = 200kHz
9
13
16
9
13
16
MHz
q
7
13
19
7
13
19
MHz
Wideband Noise (Referred to Input)
f = 1kHz to 200kHz
Gain = 0 Output Noise
3.8
3.8
µVRMS
Gain = 1
10.7
10.7
µVRMS
Gain = 2
7.3
7.3
µVRMS
Gain = 4
5.3
5.3
µVRMS
Gain = 8
4.6
4.6
µVRMS
Gain = 16
4.2
4.2
µVRMS
Gain = 32
4
4
µVRMS
Gain = 64
3.6
3.6
µVRMS
Voltage Noise Density (Referred to Input)
f = 50kHz
Gain = 1
24
24
nV/
√Hz
Gain = 2
16
16
nV/
√Hz
Gain = 4
12
12
nV/
√Hz
Gain = 8
10.3
10.3
nV/
√Hz
Gain = 16
9.4
9.4
nV/
√Hz
Gain = 32
9
9
nV/
√Hz
Gain = 64
8.1
8.1
nV/
√Hz
Total Harmonic Distortion
Gain = 8, fIN = 10kHz, VOUT = 1VRMS
–90
–90
dB
0.003
0.003
%
Gain = 8, fIN = 100kHz, VOUT = 1VRMS
–77
–77
dB
0.014
0.014
%
AGND (Common Mode) Input Voltage Range
VS = 2.7V
q
0.85
1.55
0.85
1.55
V
(Note 10)
VS = 5V
q
0.7
3.6
0.7
3.6
V
VS = ±5V
q
– 4.3
3.4
– 4.3
3.4
V


Similar Part No. - LTC6910-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6910-1CTS8 LINER-LTC6910-1CTS8 Datasheet
250Kb / 24P
   Digitally Controlled Programmable Gain Amplifiers in SOT-23
LTC6910-1HTS8 LINER-LTC6910-1HTS8 Datasheet
250Kb / 24P
   Digitally Controlled Programmable Gain Amplifiers in SOT-23
LTC6910-1ITS8 LINER-LTC6910-1ITS8 Datasheet
250Kb / 24P
   Digitally Controlled Programmable Gain Amplifiers in SOT-23
More results

Similar Description - LTC6910-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6910-2 LINER-LTC6910-2_15 Datasheet
251Kb / 24P
   Digitally Controlled Programmable Gain Amplifiers in SOT-23
LTC6910-1 LINER-LTC6910-1 Datasheet
250Kb / 24P
   Digitally Controlled Programmable Gain Amplifiers in SOT-23
LTC6910-3 LINER-LTC6910-3_15 Datasheet
251Kb / 24P
   Digitally Controlled Programmable Gain Amplifiers in SOT-23
logo
List of Unclassifed Man...
MN2020 ETC-MN2020 Datasheet
973Kb / 6P
   Digitally Controlled Programmable-Gain Amplifier
logo
API Technologies Corp
MN2020 APITECH-MN2020 Datasheet
979Kb / 6P
   Digitally Controlled Programmable-Gain Amplifier
logo
Linear Technology
LTC6911-1 LINER-LTC6911-1_15 Datasheet
235Kb / 20P
   Dual Matched Amplifiers with Digitally Programmable Gain in MSOP
LTC6911-1 LINER-LTC6911-1 Datasheet
224Kb / 20P
   Dual Matched Amplifiers with Digitally Programmable Gain in MSOP
LTC6911-2 LINER-LTC6911-2_15 Datasheet
235Kb / 20P
   Dual Matched Amplifiers with Digitally Programmable Gain in MSOP
logo
Texas Instruments
3606BG TI-3606BG Datasheet
465Kb / 10P
[Old version datasheet]   Digitally Controlled Programmable Gain INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
3606 BURR-BROWN-3606 Datasheet
440Kb / 9P
   Digitally Controlled Programmable Gain INSTRUMENTATION AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com