Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMUDM7005 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CMUDM7005
Description  SURFACE MOUNT N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMUDM7005 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CMUDM7005_15 Datasheet HTML 1Page - Central Semiconductor Corp CMUDM7005_15 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CMUDM7005
SURFACE MOUNT
N-CHANNEL
ENHANCEMENT-MODE
SILICON MOSFET
SOT-523 CASE - MECHANICAL OUTLINE
LEAD CODE:
1) Gate
2) Source
3) Drain
MARKING CODE: 5C7
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
UNITS
gFS
VDS=10V, ID=400mA
1.0
S
Crss
VDS=16V, VGS=0, f=1.0MHz
18
pF
Ciss
VDS=16V, VGS=0, f=1.0MHz
100
pF
Coss
VDS=16V, VGS=0, f=1.0MHz
16
pF
ton
VDD=10V, VGS=4.5V, ID=200mA, RG=10Ω
10
ns
toff
VDD=10V, VGS=4.5V, ID=200mA, RG=10Ω
25
ns
PIN CONFIGURATION
(Bottom View)
www.centralsemi.com
R3 (27-September 2011)


Similar Part No. - CMUDM7005_15

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMUDM7005_8005 CENTRAL-CMUDM7005_8005 Datasheet
1Mb / 2P
   20V, 650mA, Complementary MOSFETs in the miniature SOT-523 package
More results

Similar Description - CMUDM7005_15

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMNDM7001 CENTRAL-CMNDM7001_15 Datasheet
429Kb / 2P
   SURFACE MOUNT N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CMUDM7004 CENTRAL-CMUDM7004_15 Datasheet
398Kb / 2P
   SURFACE MOUNT N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CZDM1003N CENTRAL-CZDM1003N Datasheet
940Kb / 3P
   SURFACE MOUNT SILICON N-CHANNEL ENHANCEMENT-MODE MOSFET
CMPDM303NH CENTRAL-CMPDM303NH Datasheet
349Kb / 2P
   SURFACE MOUNT N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CMUDM7001 CENTRAL-CMUDM7001 Datasheet
347Kb / 2P
   SURFACE MOUNT N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CEDM7001 CENTRAL-CEDM7001 Datasheet
361Kb / 2P
   SURFACE MOUNT N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CEDM7004 CENTRAL-CEDM7004 Datasheet
1,006Kb / 3P
   SURFACE MOUNT N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CTLDM7002A-M621H CENTRAL-CTLDM7002A-M621H Datasheet
422Kb / 2P
   SURFACE MOUNT N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CTLDM7120-M563 CENTRAL-CTLDM7120-M563 Datasheet
643Kb / 2P
   SURFACE MOUNT N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CTLDM3590 CENTRAL-CTLDM3590 Datasheet
1Mb / 3P
   SURFACE MOUNT N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CEDM7002AE CENTRAL-CEDM7002AE_15 Datasheet
811Kb / 3P
   SURFACE MOUNT SILICON N-CHANNEL ENHANCEMENT-MODE MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com