Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJG1301V-C1 Datasheet(PDF) 2 Page - New Japan Radio

Part # NJG1301V-C1
Description  MEDIUM POWER AMPLIFIER GaAs MMIC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1301V-C1 Datasheet(HTML) 2 Page - New Japan Radio

  NJG1301V-C1 Datasheet HTML 1Page - New Japan Radio NJG1301V-C1 Datasheet HTML 2Page - New Japan Radio NJG1301V-C1 Datasheet HTML 3Page - New Japan Radio NJG1301V-C1 Datasheet HTML 4Page - New Japan Radio NJG1301V-C1 Datasheet HTML 5Page - New Japan Radio NJG1301V-C1 Datasheet HTML 6Page - New Japan Radio NJG1301V-C1 Datasheet HTML 7Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
NJG1301V
- 2 -
nABSOLUTE MAXIMUM RATINGS
(T
a=+25°C, Zs=Zl=50Ω)
PARAMETER
SYMBOL
CONDITIONS
RATINGS
UNITS
Drain Voltage
V
DD1,VDD2
V
GG1,VGG2 =-0.9V
6
V
Gate Voltage
V
GG1,VGG2
V
DD1,VDD2=-3.0V
-4
V
Input Power
P
in
V
DD1,VDD2=-3.0V, VGG1,VGG2 =-0.9V
10
dBm
Power Dissipation
P
D
At on PCB boad
600
mW
Operating Temperature
T
opr
-30~+85
°C
Storage Temperature
T
stg
-40~+150
°C
nELECTRICAL CHARACTERISTICS
(T
a=25°C, Zs=Zl=50Ω)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Freq.
freq
V
DD1,2=3.0V
1.89
-
1.92
GHz
Drain Voltage
V
DD1,2
2.9
3.0
5.0
V
Gate Voltage
V
GG1,2
V
DD1,2=3.0V, Iidle=170mA
-1.25
-0.9
-0.6
V
Idle Current *1
I
idle
V
DD1,2=3.0V, RF No signal
165
170
175
mA
Operating Current *1
I
DD
V
DD1,2=3.0V, Pout=21dBm
170
185
195
mA
Gate Current *2
I
GG
V
DD1,2=3.0V, Pout=21dBm
-150
-70
-
uA
Small Signal Gain
Gain
V
DD1,2=3.0V, Iidle=170mA
20
23
26
dB
Gain Flatness
G
flat
V
DD1,2=3.0V, Iidle=170mA
0
0.5
1.0
dB
Pout at 1dB Gain
Compression point
P
-1dB
V
DD1,2=3.0V
21
22
-
dBm
Adjacent Channel
Leakage Power 1
P
acp1
V
DD1,2=3.0V, Pout=21dBm
offset=600kHz, P
in; π/4 DQPSK
-
-60
-55
dBc
Adjacent Channel
Leakage Power 2
P
acp2
V
DD1,2=3.0V, Pout=21dBm
offset=900kHz, P
in; π/4 DQPSK
-
-65
-60
dBc
Input VSWR
VSWR
i
V
DD1,2=3.0V
-
-
2.2
Load VSWR Tolerance
-
V
DD1,2=3.0V, Pout=21dBm
Load VSWR=4:1, All phase
Parasitic Osc. vs Fundamental
Signal Level -60dBc Max.
*1: Total current of V
DD1 terminal and VDD2 terminal
*2: Total current of V
GG1 terminal and VGG2 terminal


Similar Part No. - NJG1301V-C1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1302V NJRC-NJG1302V Datasheet
452Kb / 8P
   MEDIUM POWER AMPLIFIER GaAs MMIC
NJG1302V-C1 NJRC-NJG1302V-C1 Datasheet
452Kb / 8P
   MEDIUM POWER AMPLIFIER GaAs MMIC
NJG1302V-C2 NJRC-NJG1302V-C2 Datasheet
452Kb / 8P
   MEDIUM POWER AMPLIFIER GaAs MMIC
NJG1302V-C3 NJRC-NJG1302V-C3 Datasheet
452Kb / 8P
   MEDIUM POWER AMPLIFIER GaAs MMIC
NJG1302V-L1 NJRC-NJG1302V-L1 Datasheet
452Kb / 8P
   MEDIUM POWER AMPLIFIER GaAs MMIC
More results

Similar Description - NJG1301V-C1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1304E NJRC-NJG1304E Datasheet
109Kb / 8P
   MEDIUM POWER AMPLIFIER GaAs MMIC
NJG1302V NJRC-NJG1302V Datasheet
452Kb / 8P
   MEDIUM POWER AMPLIFIER GaAs MMIC
logo
Analog Devices
HMC441LH5 AD-HMC441LH5 Datasheet
1Mb / 6P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER
HMC-AUH318 AD-HMC-AUH318 Datasheet
296Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER AMPLIFIER
HMC-AUH320 AD-HMC-AUH320 Datasheet
354Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER AMPLIFIER
HMC-APH633 AD-HMC-APH633 Datasheet
216Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER AMPLIFIER
HMC383 AD-HMC383 Datasheet
286Kb / 6P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER
HMC451 AD-HMC451 Datasheet
299Kb / 6P
   GAAS PHEMT MMIC MEDIUM POWER AMPLIFIER
HMC441LC3B AD-HMC441LC3B Datasheet
1Mb / 7P
   GaAs pHEMT MMIC MEDIUM POWER AMPLIFIER
HMC441LP3E AD-HMC441LP3E Datasheet
1Mb / 7P
   GaAs pHEMT MMIC MEDIUM POWER AMPLIFIER,
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com