Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMLDM7003E Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMLDM7003E
Description  SURFACE MOUNT SILICON DUAL N-CHANNEL
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMLDM7003E Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMLDM7003E Datasheet HTML 1Page - Central Semiconductor Corp CMLDM7003E Datasheet HTML 2Page - Central Semiconductor Corp CMLDM7003E Datasheet HTML 3Page - Central Semiconductor Corp CMLDM7003E Datasheet HTML 4Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CMLDM7003E
CMLDM7003JE
ENHANCED SPECIFICATION
SURFACE MOUNT SILICON
DUAL N-CHANNEL
ENHANCEMENT-MODE
MOSFETS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMLDM7003E
and CMLDM7003JE are dual N-Channel enhancement-
mode MOSFETs, manufactured by the N-Channel
DMOS Process, designed for high speed pulsed
amplifier and driver applications. The CMLDM7003E
utilizes the USA pinout configuration, while the
CMLDM7003JE utilizes the Japanese pinout
configuration. These special dual transistor devices
offer low drain-source on state resistance (rDS(ON))
and ESD protection up to 2kV.
MARKING CODES: CMLDM7003E:
C73
CMLDM7003JE: C7J
Enhanced specification
SOT-563 CASE
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Drain-Source Voltage
VDS
50
V
Drain-Gate Voltage
VDG
50
V
Gate-Source Voltage
VGS
12
V
Continuous Drain Current
ID
280
mA
Maximum Pulsed Drain Current
IDM
1.5
A
Power Dissipation (Note 1)
PD
350
mW
Power Dissipation (Note 2)
PD
300
mW
Power Dissipation (Note 3)
PD
150
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS PER TRANSISTOR: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
IGSSF, IGSSR
VGS=5.0V
50
nA
IGSSF, IGSSR
VGS=10V
0.5
μA
IGSSF, IGSSR
VGS=12V
1.0
μA
IDSS
VDS=50V, VGS=0
50
nA
BVDSS
VGS=0, ID=10μA
50
V
VGS(th)
VDS=VGS, ID=250μA
0.49
1.2
V
VSD
VGS=0, IS=115mA
1.4
V
rDS(ON)
VGS=1.8V, ID=50mA
1.6
2.3
Ω
rDS(ON)
VGS=2.5V, ID=50mA
1.3
1.9
Ω
rDS(ON)
VGS=5.0V, ID=50mA
1.1
1.5
Ω
gFS
VDS=10V, ID=200mA
200
mS
Crss
VDS=25V, VGS=0, f=1.0MHz
5.0
pF
Ciss
VDS=25V, VGS=0, f=1.0MHz
50
pF
Coss
VDS=25V, VGS=0, f=1.0MHz
25
pF
Notes: (1) Ceramic or aluminum core PC Board with copper mounting pad area of 4.0mm2
(2) FR-4 Epoxy PC Board with copper mounting pad area of 4.0mm2
(3) FR-4 Epoxy PC Board with copper mounting pad area of 1.4mm2
FEATURES
• ESD protected up to 2kV
R5 (8-June 2015)
www.centr a lsemi.com


Similar Part No. - CMLDM7003E

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLDM7003E CENTRAL-CMLDM7003E Datasheet
527Kb / 2P
   SURFACE MOUNT DUAL N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
More results

Similar Description - CMLDM7003E

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CTLDM7120-M832D CENTRAL-CTLDM7120-M832D_15 Datasheet
475Kb / 2P
   SURFACE MOUNT DUAL, N-CHANNEL ENHANCEMENT- SILICON MOSFETS
CMLDM7003TG CENTRAL-CMLDM7003TG_15 Datasheet
779Kb / 4P
   SURFACE MOUNT SILICON DUAL N-CHANNEL ENHANCEMENT-MODE MOSFET
CTLDM303N-M832DS CENTRAL-CTLDM303N-M832DS_15 Datasheet
684Kb / 2P
   SURFACE MOUNT DUAL N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CWDM305ND CENTRAL-CWDM305ND_15 Datasheet
1Mb / 3P
   SURFACE MOUNT DUAL N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CMLDM7002A CENTRAL-CMLDM7002A_15 Datasheet
963Kb / 4P
   SURFACE MOUNT SILICON DUAL N-CHANNEL ENHANCEMENT-MODE MOSFETS
CTLDM7120-M832D CENTRAL-CTLDM7120-M832D Datasheet
475Kb / 2P
   SURFACE MOUNT DUAL, N-CHANNEL ENHANCEMENT-MODE SILICON MOSFETS
CMRDM3590 CENTRAL-CMRDM3590 Datasheet
609Kb / 2P
   SURFACE MOUNT DUAL N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CMLDM3737 CENTRAL-CMLDM3737 Datasheet
592Kb / 2P
   SURFACE MOUNT DUAL N-CHANNEL ENHANCEMENT-MODE SILICON MOSFETS
CMLDM7002A CENTRAL-CMLDM7002A_10 Datasheet
629Kb / 2P
   SURFACE MOUNT DUAL N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CMLDM7005 CENTRAL-CMLDM7005_15 Datasheet
1Mb / 4P
   SURFACE MOUNT SILICON DUAL N-CHANNEL ENHANCEMENT-MODE MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com