Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

211002B Datasheet(PDF) 1 Page - Integrated Technology Future

Part # 211002B
Description  Typical 1dB bandwidth of 9.8 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

211002B Datasheet(HTML) 1 Page - Integrated Technology Future

  211002B Datasheet HTML 1Page - Integrated Technology Future 211002B Datasheet HTML 2Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
57.6 MHz SAW Filter
Part Number 211002B
Tel: 82-32-621-1213
2013. 04. 01
I T F
Co., Ltd.
102-901, Bucheon Technopark 364, Samjeong-Dong,
Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Fax: 82-32-621-1218
http://www.itf.co.kr
sales@itf.co.kr
Rev 1.0
1. Features
Typical 1dB bandwidth of 9.8 MHz
High attenuation
Single Ended Operation
Dual In-line Package (DIP)
2. Electrical Specifications
Source and Load Impedance = 50
Operating Temperature : +25℃
Minimum
Typical
Maximum
Center Frequency (fo)
MHz
-
57.6
-
Insertion Loss
dB
-
25.0
26.5
1dB Bandwidth
MHz
9.7
9.8
-
3dB Bandwidth
MHz
-
10.5
-
40dB Bandwidth
MHz
-
13.31
13.4
Amplitude Ripple (fo ± 4.6 MHz)
dB
-
0.5
1.0
Group Delay Variation (fo ± 4.6 MHz)
nsec
-
25
60
Absolute Delay
usec
-
1.36
1.4
Ultimate Rejection
dB
50
55
-
Temperature Coefficient of Frequency
ppm/℃
-72
D2012 Package Dimension
Matching Schematic
Unmatching reqired
Pin Configuration
Input
1
Ground
2,4
12.7±0.5
5.5max 6.0max
7.6±0.2
Dimensions shown are nominal in millimeters
Base : Fe(SPCC), Au plating over Ni plated
Cap : Cu & Cr Alloy, Ni Plated
Termination : Kovar, Au Plated
Output
5
Others
Ground
Input
50Ω
Output
50Ω
1
1
1
1
5
5
5
5


Similar Part No. - 211002B

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
21100-0011 MOLEX4-21100-0011 Datasheet
71Kb / 2P
   2.54mm (.100") FFC Jumper Cable, 3 Circuits, 0.178m (7.00") Length
21100-0012 MOLEX4-21100-0012 Datasheet
70Kb / 2P
   2.54mm (.100") FFC Jumper, (Type AA) 24 Circuits, 0.114m (4.50") Length
21100-0013 MOLEX4-21100-0013 Datasheet
86Kb / 2P
   2.54mm (.100") FFC Jumper, (Type D) 4 Circuits, 0.064m (2.52") Length
21100-0015 MOLEX4-21100-0015 Datasheet
87Kb / 2P
   2.54mm (.100) FFC Jumper, 8 Circuits, 152.40m (500.0 ) Length
211000014 MOLEX4-211000014 Datasheet
87Kb / 2P
   2.54mm(100)FFC Jumper10 Circuits152.40m500.0Length
More results

Similar Description - 211002B

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
221054B ITF-221054B Datasheet
188Kb / 2P
   Typical 1dB bandwidth of 9.8 MHz
211003B ITF-211003B Datasheet
171Kb / 2P
   Typical 1dB bandwidth of 9.8 MHz
231654B ITF-231654B Datasheet
170Kb / 2P
   Typical 1dB bandwidth of 15.85 MHz
233005B ITF-233005B Datasheet
165Kb / 2P
   Typical 1dB bandwidth of 30.0 MHz
233055B ITF-233055B Datasheet
168Kb / 2P
   Typical 1dB bandwidth of 29.5 MHz
250254B ITF-250254B Datasheet
190Kb / 2P
   Typical 1dB bandwidth of 2.5 MHz
252058B ITF-252058B Datasheet
171Kb / 2P
   Typical 1dB bandwidth of 19.6 MHz
251661B ITF-251661B Datasheet
172Kb / 2P
   Typical 1dB bandwidth of 16.2 MHz
251926B ITF-251926B Datasheet
156Kb / 2P
   Typical 1dB bandwidth of 19.4 MHz
250970B ITF-250970B Datasheet
174Kb / 2P
   Typical 1dB bandwidth of 9.4 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com