Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N7002DW-7-F Datasheet(PDF) 1 Page - Diodes Incorporated

Part # 2N7002DW-7-F
Description  DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

2N7002DW-7-F Datasheet(HTML) 1 Page - Diodes Incorporated

  2N7002DW-7-F Datasheet HTML 1Page - Diodes Incorporated 2N7002DW-7-F Datasheet HTML 2Page - Diodes Incorporated 2N7002DW-7-F Datasheet HTML 3Page - Diodes Incorporated 2N7002DW-7-F Datasheet HTML 4Page - Diodes Incorporated 2N7002DW-7-F Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2N7002DW
Document number: DS30120 Rev. 16 - 2
1 of 5
www.diodes.com
November 2013
© Diodes Incorporated
2N7002DW
DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Product Summary
V(BR)DSS
RDS(ON) max
ID max
TA = +25°C
60V
7.5Ω @ VGS = 5V
0.23A
Description
This MOSFET has been designed to minimize the on-state resistance
(RDS(ON)) and yet maintain superior switching performance, making it
ideal for high efficiency power management applications.
Applications
Motor Control
Power Management Functions
Features
Dual N-Channel MOSFET
Low On-Resistance
Low Gate Threshold Voltage
Low Input Capacitance
Fast Switching Speed
Low Input/Output Leakage
Ultra-Small Surface Mount Package
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Notes 3 & 4)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SOT363
Case Material: Molded Plastic. “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Matte Tin Finish annealed over Alloy 42 leadframe
(Lead Free Plating). Solderable per MIL-STD-202, Method 208
Terminal Connections: See Diagram
Weight: 0.006 grams (approximate)
Ordering Information (Note 5)
Part Number
Compliance
Case
Packaging
2N7002DW-7-F
Standard
SOT363
3,000/Tape & Reel
2N7002DWQ-7-F
Automotive
SOT363
3,000/Tape & Reel
2N7002DW-13-F
Standard
SOT363
10,000/Tape & Reel
2N7002DWQ-13-F
Automotive
SOT363
10,000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. Product manufactured with Date Code UO (week 40, 2007) and newer are built with Green Molding Compound. Product manufactured prior to Date
Code UO are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
5. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Date Code Key
Year
1998
1999
2000
2001
2002
2003
2004
2011
2012
2013
2014
2015
2016
2017
Code
J
K
L
M
N
P
R
Y
Z
A
B
C
D
E
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
SOT363
Top View
Top View
Internal Schematic
S
1
D
1
D
2
S2
G
1
G
2
K72
YM
K72
YM
K72 = Product Type Marking Code
YM = Date Code Marking for SAT (Shanghai Assembly/ Test site)
YM = Date Code Marking for CAT (Chengdu Assembly/ Test site)
Y or Y = Year (ex: A = 2013)
M = Month (ex: 9 = September)


Similar Part No. - 2N7002DW-7-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
2N7002DW-7-F DIODES-2N7002DW-7-F Datasheet
164Kb / 3P
   DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30120 Rev. 8 - 2
2N7002DW-7-F DIODES-2N7002DW-7-F Datasheet
89Kb / 4P
   DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30120 Rev. 12 - 2
2N7002DW-7-F DIODES-2N7002DW-7-F Datasheet
402Kb / 5P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - 2N7002DW-7-F

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM7312 ANPEC-APM7312 Datasheet
118Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN7002D SYNC-POWER-SPN7002D Datasheet
258Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
logo
Taiwan Semiconductor Co...
TSM4410D TSC-TSM4410D Datasheet
164Kb / 5P
   Dual N-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM9966 ANPEC-APM9966 Datasheet
151Kb / 12P
   Dual N-Channel Enhancement Mode MOSFET
APM7322K ANPEC-APM7322K Datasheet
117Kb / 10P
   Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMG4800LSD DIODES-DMG4800LSD_15 Datasheet
249Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMN601DMK DIODES-DMN601DMK_16 Datasheet
513Kb / 7P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
logo
GUANGDONG HOTTECH INDUS...
8205A HOTTECH-8205A Datasheet
821Kb / 2P
   Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN2040LSD DIODES-DMN2040LSD Datasheet
158Kb / 4P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMG8822UTS DIODES-DMG8822UTS Datasheet
156Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com