Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD37068FV-M Datasheet(PDF) 6 Page - Rohm

Part # BD37068FV-M
Description  AEC-Q100 Qualified
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD37068FV-M Datasheet(HTML) 6 Page - Rohm

Back Button BD37068FV-M Datasheet HTML 2Page - Rohm BD37068FV-M Datasheet HTML 3Page - Rohm BD37068FV-M Datasheet HTML 4Page - Rohm BD37068FV-M Datasheet HTML 5Page - Rohm BD37068FV-M Datasheet HTML 6Page - Rohm BD37068FV-M Datasheet HTML 7Page - Rohm BD37068FV-M Datasheet HTML 8Page - Rohm BD37068FV-M Datasheet HTML 9Page - Rohm BD37068FV-M Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
6/31
Datasheet
BD37068FV-M
TSZ02201-0C2C0E100130-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
13.MAR.2014 Rev.001
www.rohm.com
TSZ22111
・15・001
Typical Performance Curve(s)
0.001
0.010
0.100
1.000
10.000
0.001
0.010
0.100
1.000
10.000
Vin [Vrms]
0.001
0.010
0.100
1.000
10.000
-10
-8
-6
-4
-2
0
2
4
6
8
10
10
100
1000
10000
1000 00
Frequency [Hz]
Figure 4. VCC vs Iq
Figure 5. VCCH vs Iq
(High-Voltage mode)
Figure 6. Gain vs frequency
(Normal / High-Voltage mode)
Figure 7. THD+n vs VIN / VO
(Gain Adjust=+6dB)
Normal Mode
f=10kHz
f=100,1kHz
0
5
10
15
20
25
30
35
40
0
1
2
3
4
5
6
7
8
9
10
VCC [V]
0
5
10
15
20
25
30
0
2
4
6
8
10
12
14
16
18
VCCH [V]
(VCC=VCCL=VCCH)
High-Voltage Mode


Similar Part No. - BD37068FV-M

ManufacturerPart #DatasheetDescription
logo
Rohm
BD37068FV-M ROHM-BD37068FV-M Datasheet
2Mb / 39P
   Sound Processor for car audio built-in High-Voltage function and 2nd order post filter
BD37068FV-ME2 ROHM-BD37068FV-ME2 Datasheet
2Mb / 39P
   Sound Processor for car audio built-in High-Voltage function and 2nd order post filter
BD37068FV-M ROHM-BD37068FV-M_16 Datasheet
2Mb / 39P
   Sound Processor for car audio built-in High-Voltage function and 2nd order post filter
More results

Similar Description - BD37068FV-M

ManufacturerPart #DatasheetDescription
logo
Rohm
BD16936EFV-M ROHM-BD16936EFV-M Datasheet
1Mb / 23P
   AEC-Q100 Qualified
BD2268G-M ROHM-BD2268G-M Datasheet
486Kb / 26P
   AEC-Q100 Qualified
BU97530KVT-M ROHM-BU97530KVT-M Datasheet
976Kb / 59P
   AEC-Q100 Qualified
BD82006FVJ-M ROHM-BD82006FVJ-M Datasheet
1Mb / 26P
   AEC-Q100 Qualified
BD16922EFV-M ROHM-BD16922EFV-M Datasheet
1Mb / 30P
   AEC-Q100 Qualified
BD2244G-M ROHM-BD2244G-M Datasheet
1Mb / 28P
   AEC-Q100 Qualified
BU97550KV-M ROHM-BU97550KV-M Datasheet
2Mb / 72P
   AEC-Q100 Qualified
BU97600XXX ROHM-BU97600XXX Datasheet
1Mb / 63P
   AEC-Q100 Qualified
BD83732HFP-M ROHM-BD83732HFP-M Datasheet
1Mb / 32P
   AEC-Q100 Qualified
logo
IXYS Corporation
IXD_609SI IXYS-IXD_609SI Datasheet
255Kb / 11P
   AEC Q100 Qualified
IXD_614SI IXYS-IXD_614SI Datasheet
260Kb / 12P
   AEC Q100 Qualified
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com