Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMN5L06KQ-7 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMN5L06KQ-7
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN5L06KQ-7 Datasheet(HTML) 1 Page - Diodes Incorporated

  DMN5L06KQ-7 Datasheet HTML 1Page - Diodes Incorporated DMN5L06KQ-7 Datasheet HTML 2Page - Diodes Incorporated DMN5L06KQ-7 Datasheet HTML 3Page - Diodes Incorporated DMN5L06KQ-7 Datasheet HTML 4Page - Diodes Incorporated DMN5L06KQ-7 Datasheet HTML 5Page - Diodes Incorporated DMN5L06KQ-7 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DMN5L06K
Document number: DS30929 Rev. 8 - 2
1 of 6
www.diodes.com
March 2014
© Diodes Incorporated
DMN5L06K
N-CHANNEL ENHANCEMENT MODE MOSFET
Product Summary
V(BR)DSS
RDS(ON)
ID
TA = +25°C
50V
2.0Ω @ VGS = 5.0V
300 mA
2.5Ω @ VGS = 2.5V
200 mA
Description and Applications
This new generation 50V N-Channel Enhancement Mode MOSFET
has been designed to minimize RDS(on) and yet maintain superior
switching performance. This device is ideal for use in Notebook
battery power management and Load switch.
Load switches
Level switches
Features and Benefits
Low On-Resistance
Very Low Gate Threshold Voltage (1.0V max)
Low Input Capacitance
Fast Switching Speed
Low Input/Output Leakage
ESD Protected Up To 2kV
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 standards for High Reliability
Mechanical Data
Case: SOT23
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish – Matte Tin annealed over Alloy 42 leadframe.
Solderable per MIL-STD-202, Method 208
Terminal Connections: See Diagram
Weight: 0.008 grams (approximate)
Ordering Information (Note 4)
Part Number
Qualification
Case
Packaging
DMN5L06K-7
Commercial
SOT23
3000/Tape & Reel
DMN5L06KQ-7
Automotive
SOT23
3000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Date Code Key
Year
2006
2007
2008
2009
2010
2011
2012
2013
2014
2015
2016
2017
Code
T
U
V
W
X
Y
Z
A
B
C
D
E
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Top View
Top View
D
G
S
SOT23
DAB = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: T = 2006)
M = Month (ex: 9 = September)
ESD PROTECTED TO 2kV
Source
Gate
Protection
Diode
Gate
Drain
DAB
Equivalent Circuit


Similar Part No. - DMN5L06KQ-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN5L06K DIODES-DMN5L06K Datasheet
143Kb / 5P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30929 Rev. 2 - 2
DMN5L06K DIODES-DMN5L06K Datasheet
175Kb / 4P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMN5L06K-7 DIODES-DMN5L06K-7 Datasheet
143Kb / 5P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30929 Rev. 2 - 2
DMN5L06K-7 DIODES-DMN5L06K-7 Datasheet
175Kb / 4P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMN5L06K DIODES-DMN5L06K_09 Datasheet
175Kb / 4P
   N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMN5L06KQ-7

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com