Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS-319PIN Datasheet(PDF) 2 Page - Tyco Electronics

Part # DS-319PIN
Description  Two-Way Power Divider 10 - 500 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

DS-319PIN Datasheet(HTML) 2 Page - Tyco Electronics

  DS-319PIN Datasheet HTML 1Page - Tyco Electronics DS-319PIN Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Two-Way Power Divider
DS-109/319
V2.00
M/A-COM, Inc.
North America:
Tel. (800) 366-2266
s
Asia/Pacific: Tel. +81 (03) 3226-1671
s
Europe: Tel. +44 (1344) 869 595
Fax (800) 618-8883
Fax +81 (03) 3226-1451
Fax +44 (1344) 300 020
2
Specifications Subject to Change Without Notice.
Typical Performance
INSERTION LOSS
ISOLATION
VSWR


Similar Part No. - DS-319PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS-319PIN MACOM-DS-319PIN Datasheet
159Kb / 3P
   Two-Way Power Divider, 10 - 500MHz
logo
M/A-COM Technology Solu...
DS-319PIN MA-COM-DS-319PIN Datasheet
76Kb / 3P
   Two-Way Power Divider, 10 - 500 MHz
More results

Similar Description - DS-319PIN

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
DS-319 MA-COM-DS-319 Datasheet
76Kb / 3P
   Two-Way Power Divider, 10 - 500 MHz
logo
Tyco Electronics
PD10-0040-S MACOM-PD10-0040-S Datasheet
15Kb / 1P
   Two-Way Power Divider 10 - 500 MHz
logo
M/A-COM Technology Solu...
DSS-333 MA-COM-DSS-333 Datasheet
105Kb / 2P
   Surface Mount Two-Way Power Divider, 10 - 500 MHz
logo
Tyco Electronics
DSS-333 MACOM-DSS-333 Datasheet
117Kb / 2P
   Surface Mount Two-Way Power Divider, 10 - 500 MHz
DSS-313 MACOM-DSS-313 Datasheet
106Kb / 2P
   Two-Way Power Divider 10 - 2000 MHz
T-1000 MACOM-T-1000 Datasheet
126Kb / 1P
   Two-Way Power Divider 10 - 1000 MHz
logo
M/A-COM Technology Solu...
DSS-313 MA-COM-DSS-313 Datasheet
73Kb / 3P
   Two-Way Power Divider, 10 - 2000 MHz
T-1000 MA-COM-T-1000 Datasheet
63Kb / 2P
   Two-Way Power Divider, 10 - 1000 MHz
DS-312 MA-COM-DS-312 Datasheet
94Kb / 3P
   Four-Way Power Divider, 10 - 500 MHz
DS-318 MA-COM-DS-318 Datasheet
106Kb / 2P
   Plug-In Two-Way Power Divider, 5 - 500 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com