Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXE-2089ZSR Datasheet(PDF) 6 Page - RF Micro Devices

Part # CXE-2089ZSR
Description  LINEAR GENERAL PURPOSE AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

CXE-2089ZSR Datasheet(HTML) 6 Page - RF Micro Devices

Back Button CXE-2089ZSR Datasheet HTML 2Page - RF Micro Devices CXE-2089ZSR Datasheet HTML 3Page - RF Micro Devices CXE-2089ZSR Datasheet HTML 4Page - RF Micro Devices CXE-2089ZSR Datasheet HTML 5Page - RF Micro Devices CXE-2089ZSR Datasheet HTML 6Page - RF Micro Devices CXE-2089ZSR Datasheet HTML 7Page - RF Micro Devices CXE-2089ZSR Datasheet HTML 8Page - RF Micro Devices CXE-2089ZSR Datasheet HTML 9Page - RF Micro Devices CXE-2089ZSR Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6 of 10
CXE-2089Z
DS110930
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Typical Performance Curves (50
)
-30
-25
-20
-15
-10
-5
0
0
200
400
600
800
1000
1200
S11 (dB)
Frequency (MHz)
Input Return Loss
-40
25
85
-30
-25
-20
-15
-10
-5
0
0
200
400
600
800
1000
1200
S12 (dB)
Frequency (MHz)
Reverse Isolation
-40
25
85
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.0
200.0
400.0
600.0
800.0
1000.0
1200.0
Noise
Figure
(dB)
Frequency (MHz)
Noise Figure
-40
25
85
-30
-25
-20
-15
-10
-5
0
0
200
400
600
800
1000
1200
S22 (dB)
Frequency (MHz)
Output Return Loss
-40
25
85
0
5
10
15
20
25
30
0
200
400
600
800
1000
1200
S21(dB)
Frequency (MHz)
Gain
-40
25
85
0
5
10
15
20
25
30
35
40
0
200
400
600
800
1000
1200
P1dB
(dB)
Frequency (MHz)
Output P1dB
-40
25
85


Similar Part No. - CXE-2089ZSR

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
CXE-2022Z RFMD-CXE-2022Z Datasheet
395Kb / 6P
   50MHz to 1000MHz MMIC 75A LOW NOISE AMPLIFIER
More results

Similar Description - CXE-2089ZSR

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2312 RFMD-RF2312_06 Datasheet
306Kb / 16P
   LINEAR GENERAL PURPOSE AMPLIFIER
RF2320 RFMD-RF2320_07 Datasheet
260Kb / 12P
   LINEAR GENERAL PURPOSE AMPLIFIER
RF2360 RFMD-RF2360_06 Datasheet
297Kb / 12P
   LINEAR GENERAL PURPOSE AMPLIFIER
logo
Qorvo, Inc
RF2312 QORVO-RF2312 Datasheet
856Kb / 13P
   Linear General Purpose Amplifier
logo
RF Micro Devices
RF2312 RFMD-RF2312 Datasheet
274Kb / 16P
   LINEAR GENERAL PURPOSE AMPLIFIER
RF2320 RFMD-RF2320 Datasheet
181Kb / 10P
   LINEAR GENERAL PURPOSE AMPLIFIER
RF2360 RFMD-RF2360_1 Datasheet
400Kb / 12P
   LINEAR GENERAL PURPOSE AMPLIFIER
RF3827 RFMD-RF3827 Datasheet
199Kb / 10P
   LINEAR GENERAL PURPOSE AMPLIFIER
RF2360 RFMD-RF2360 Datasheet
269Kb / 14P
   LINEAR GENERAL PURPOSE AMPLIFIER
RF3827 RFMD-RF3827_14 Datasheet
519Kb / 10P
   LINEAR GENERAL PURPOSE AMPLIFIER
RF2312TR7 RFMD-RF2312TR7 Datasheet
311Kb / 16P
   LINEAR GENERAL PURPOSE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com