Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSS8402DW-13-F Datasheet(PDF) 6 Page - Diodes Incorporated

Part # BSS8402DW-13-F
Description  COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BSS8402DW-13-F Datasheet(HTML) 6 Page - Diodes Incorporated

  BSS8402DW-13-F Datasheet HTML 1Page - Diodes Incorporated BSS8402DW-13-F Datasheet HTML 2Page - Diodes Incorporated BSS8402DW-13-F Datasheet HTML 3Page - Diodes Incorporated BSS8402DW-13-F Datasheet HTML 4Page - Diodes Incorporated BSS8402DW-13-F Datasheet HTML 5Page - Diodes Incorporated BSS8402DW-13-F Datasheet HTML 6Page - Diodes Incorporated BSS8402DW-13-F Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
BSS8402DW
Document number: DS30380 Rev. 21 - 2
6 of 7
www.diodes.com
February 2014
© Diodes Incorporated
BSS8402DW
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version.
0.0
5.0
10.0
-0.0
-0.2
-0.4
-0.6
-0.8
1.0
I , DRAIN CURRENT (A)
Figure 13 On-Resistance vs. Drain Current
D
15.0
20.0
25.0
V
= -8V
GS
V
= -10V
GS
V
= -3V
GS
V
= -3.5V
GS
V
= -4V
GS
V
= -6V
GS
V
= -5V
GS
-V , DRAIN-SOURCE VOLTAGE (V)
DS
Figure 14 Typical Drain-Source Leakage Current vs. Voltage
1000
5
101520
25
3035
4045
50
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
100
10
1
T , JUNCTION TEMPERATURE (°C)
Figure 15 Gate Threshold Variation vs. Ambient Temperaure
J
0.8
1
1.2
1.4
1.6
1.8
2
-50
-25
0
25
50
75
100 125
150
SOT363
Dim Min
Max
Typ
A
0.10
0.30
0.25
B
1.15
1.35
1.30
C
2.00
2.20
2.10
D
0.65 Typ
F
0.40
0.45 0.425
H
1.80
2.20
2.15
J
0
0.10
0.05
K
0.90
1.00
1.00
L
0.25
0.40
0.30
M
0.10
0.22
0.11
α
-
All Dimensions in mm
A
M
J
L
D
B C
H
K
F


Similar Part No. - BSS8402DW-13-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BSS8402DW-7 DIODES-BSS8402DW-7 Datasheet
138Kb / 5P
   COMPLEMENTARY PAIR ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30380 Rev. 4 - 2
BSS8402DW-7-F DIODES-BSS8402DW-7-F Datasheet
570Kb / 5P
   COMPLEMENTARY PAIR ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30380 Rev. 8 - 2
BSS8402DW-7-F DIODES-BSS8402DW-7-F Datasheet
179Kb / 5P
   COMPLEMENTARY PAIR ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30380 Rev. 12 - 2
More results

Similar Description - BSS8402DW-13-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMG1016UDW DIODES-DMG1016UDW_15 Datasheet
270Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4015SSD DIODES-DMC4015SSD_15 Datasheet
556Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1030UFDB DIODES-DMC1030UFDB_15 Datasheet
357Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4029SSD DIODES-DMC4029SSD_15 Datasheet
412Kb / 8P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMG1029SV DIODES-DMG1029SV_15 Datasheet
286Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1018UPD DIODES-DMC1018UPD Datasheet
508Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC3028LSDXQ DIODES-DMC3028LSDXQ Datasheet
490Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC3032LSD DIODES-DMC3032LSD_14 Datasheet
246Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
BCD Semiconductor Manuf...
DMC1028UFDB BCDSEMI-DMC1028UFDB Datasheet
666Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMC10H172SSD DIODES-DMC10H172SSD Datasheet
598Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
March 2022
DMC3730UVT DIODES-DMC3730UVT Datasheet
494Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
July 2018 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com