Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSS8402DW-7-F Datasheet(PDF) 4 Page - Diodes Incorporated

Part # BSS8402DW-7-F
Description  COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BSS8402DW-7-F Datasheet(HTML) 4 Page - Diodes Incorporated

  BSS8402DW-7-F Datasheet HTML 1Page - Diodes Incorporated BSS8402DW-7-F Datasheet HTML 2Page - Diodes Incorporated BSS8402DW-7-F Datasheet HTML 3Page - Diodes Incorporated BSS8402DW-7-F Datasheet HTML 4Page - Diodes Incorporated BSS8402DW-7-F Datasheet HTML 5Page - Diodes Incorporated BSS8402DW-7-F Datasheet HTML 6Page - Diodes Incorporated BSS8402DW-7-F Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
BSS8402DW
Document number: DS30380 Rev. 21 - 2
4 of 7
www.diodes.com
February 2014
© Diodes Incorporated
BSS8402DW
N-CHANNEL – 2N7002 Section
0
0.2
0.4
0.6
0.8
1.0
01
2
3
4
5
V , DRAIN-SOURCE VOLTAGE (V)
Figure 1 On-Region Characteristics
DS
0
1
2
3
4
5
00.2
I , DRAIN CURRENT (A)
Figure 2 On-Resistance vs. Drain Current
D
T = 25 C
j
°
6
7
0.4
0.6
0.8
1.0
1.0
1.5
2.0
2.5
3.0
-55
-30
-5
20
45
70
95
120 145
T , JUNCTION TEMPERATURE ( C)
Figure 3 On-Resistance vs. Junction Temperature
J
°
V
= 10V,
I
GS
D = 200mA
0
V , GATE TO SOURCE VOLTAGE (V)
Figure 4 On-Resistance vs. Gate-Source Voltage
GS
1
2
3
4
5
6
0
2
4
6
8
10
1214
1618
0
2
1
4
3
00.2
0.4
0.6
0.8
1
I , DRAIN CURRENT (A)
Figure 5 Typical Transfer Characteristics
D
6
5
8
7
10
9
V
= 10V
DS
0
50
100
150
200
250
025
50
75
100 125
150 175
200
T , AMBIENT TEMPERATURE ( C)
Figure 6 Max Power Dissipation vs. Ambient Temperature
A
°


Similar Part No. - BSS8402DW-7-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BSS8402DW-7-F DIODES-BSS8402DW-7-F Datasheet
570Kb / 5P
   COMPLEMENTARY PAIR ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30380 Rev. 8 - 2
BSS8402DW-7-F DIODES-BSS8402DW-7-F Datasheet
179Kb / 5P
   COMPLEMENTARY PAIR ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30380 Rev. 12 - 2
More results

Similar Description - BSS8402DW-7-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMG1016UDW DIODES-DMG1016UDW_15 Datasheet
270Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4015SSD DIODES-DMC4015SSD_15 Datasheet
556Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1030UFDB DIODES-DMC1030UFDB_15 Datasheet
357Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4029SSD DIODES-DMC4029SSD_15 Datasheet
412Kb / 8P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMG1029SV DIODES-DMG1029SV_15 Datasheet
286Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1018UPD DIODES-DMC1018UPD Datasheet
508Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC3028LSDXQ DIODES-DMC3028LSDXQ Datasheet
490Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC3032LSD DIODES-DMC3032LSD_14 Datasheet
246Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
BCD Semiconductor Manuf...
DMC1028UFDB BCDSEMI-DMC1028UFDB Datasheet
666Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMC10H172SSD DIODES-DMC10H172SSD Datasheet
598Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
March 2022
DMC3730UVT DIODES-DMC3730UVT Datasheet
494Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
July 2018 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com