Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSS8402DW-7-F Datasheet(PDF) 5 Page - Diodes Incorporated

Part # BSS8402DW-7-F
Description  COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BSS8402DW-7-F Datasheet(HTML) 5 Page - Diodes Incorporated

  BSS8402DW-7-F Datasheet HTML 1Page - Diodes Incorporated BSS8402DW-7-F Datasheet HTML 2Page - Diodes Incorporated BSS8402DW-7-F Datasheet HTML 3Page - Diodes Incorporated BSS8402DW-7-F Datasheet HTML 4Page - Diodes Incorporated BSS8402DW-7-F Datasheet HTML 5Page - Diodes Incorporated BSS8402DW-7-F Datasheet HTML 6Page - Diodes Incorporated BSS8402DW-7-F Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
BSS8402DW
Document number: DS30380 Rev. 21 - 2
5 of 7
www.diodes.com
February 2014
© Diodes Incorporated
BSS8402DW
P-CHANNEL – BSS84 Section
V , DRAIN-SOURCE VOLTAGE (V)
DS
Figure 7 Typical Drain-Source Leakage Current vs. Voltage
1000
5
1015 202530 35 404550 5560
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
100
10
1
0.8
1
1.2
1.4
1.6
1.8
2
-50
-25
0
25
50
75
100 125 150
T , JUNCTION TEMPERATURE (°C)
Figure 8 Gate Threshold Variation vs. Ambient Temperaure
J
0
-600
-500
-400
-300
-200
-100
0-2
-1
-5
-4
-3
V , DRAIN-SOURCE (V)
DS
Figure 9 Drain-Source Current vs. Drain-Source Voltage
T = 25 C
A
°
-0.0
-1.0
-0.8
-0.6
-0.4
-0.2
0-2
-3
-4
-1
-8
-7
-6
-5
V , GATE-TO-SOURCE VOLTAGE (V)
GS
Figure 10 Drain Current vs. Gate-Source Voltage
0
1
2
4
5
3
6
8
7
10
9
0-1
-2
-3
-4
-5
V , GATE TO SOURCE (V)
Figure 11 On-Resistance vs. Gate-Source Voltage
GS
T= 25 C
A
°
T = 125 C
A
°
0
3
6
9
12
15
-50
-25
0
25
50
125
100
75
150
T , JUNCTION TEMPERATURE (°C)
Figure 12 On-Resistance vs. Junction Temperature
J
V
= -10V
I = -0.13A
GS
D


Similar Part No. - BSS8402DW-7-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BSS8402DW-7-F DIODES-BSS8402DW-7-F Datasheet
570Kb / 5P
   COMPLEMENTARY PAIR ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30380 Rev. 8 - 2
BSS8402DW-7-F DIODES-BSS8402DW-7-F Datasheet
179Kb / 5P
   COMPLEMENTARY PAIR ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30380 Rev. 12 - 2
More results

Similar Description - BSS8402DW-7-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMG1016UDW DIODES-DMG1016UDW_15 Datasheet
270Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4015SSD DIODES-DMC4015SSD_15 Datasheet
556Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1030UFDB DIODES-DMC1030UFDB_15 Datasheet
357Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4029SSD DIODES-DMC4029SSD_15 Datasheet
412Kb / 8P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMG1029SV DIODES-DMG1029SV_15 Datasheet
286Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1018UPD DIODES-DMC1018UPD Datasheet
508Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC3028LSDXQ DIODES-DMC3028LSDXQ Datasheet
490Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC3032LSD DIODES-DMC3032LSD_14 Datasheet
246Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
BCD Semiconductor Manuf...
DMC1028UFDB BCDSEMI-DMC1028UFDB Datasheet
666Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMC10H172SSD DIODES-DMC10H172SSD Datasheet
598Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
March 2022
DMC3730UVT DIODES-DMC3730UVT Datasheet
494Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
July 2018 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com