Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSS8402DW Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BSS8402DW
Description  COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BSS8402DW Datasheet(HTML) 2 Page - Diodes Incorporated

  BSS8402DW_15 Datasheet HTML 1Page - Diodes Incorporated BSS8402DW_15 Datasheet HTML 2Page - Diodes Incorporated BSS8402DW_15 Datasheet HTML 3Page - Diodes Incorporated BSS8402DW_15 Datasheet HTML 4Page - Diodes Incorporated BSS8402DW_15 Datasheet HTML 5Page - Diodes Incorporated BSS8402DW_15 Datasheet HTML 6Page - Diodes Incorporated BSS8402DW_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
BSS8402DW
Document number: DS30380 Rev. 21 - 2
2 of 7
www.diodes.com
February 2014
© Diodes Incorporated
BSS8402DW
Maximum Ratings – Total Device (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Power Dissipation (Note 5)
PD
200
mW
Thermal Resistance, Junction to Ambient
RθJA
625
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Maximum Ratings N-CHANNEL – Q1, 2N7002 Section (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
60
V
Drain-Gate Voltage RGS ≤ 1.0MΩ
VDGR
60
V
Gate-Source Voltage
Continuous
Pulsed
VGSS
±20
±40
V
Drain Current (Note 5)
Continuous
Continuous @ +100°C
Pulsed
ID
115
73
800
mA
Maximum Ratings P-CHANNEL – Q2, BSS84 Section (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
-50
V
Drain-Gate Voltage RGS ≤ 20KΩ
VDGR
-50
V
Gate-Source Voltage
Continuous
VGSS
±20
V
Drain Current (Note 5)
Continuous
ID
-130
mA
Note:
5. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout document AP02001,
which can be found on our website at http://www.diodes.com.


Similar Part No. - BSS8402DW_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BSS8402DW DIODES-BSS8402DW_1 Datasheet
570Kb / 5P
   COMPLEMENTARY PAIR ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30380 Rev. 8 - 2
logo
Pan Jit International I...
BSS8402DW PANJIT-BSS8402DW_14 Datasheet
276Kb / 8P
   COMPLIMENTARY PAIR ENHANCEMENT MODE MOSFETS
More results

Similar Description - BSS8402DW_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMG1016UDW DIODES-DMG1016UDW_15 Datasheet
270Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4015SSD DIODES-DMC4015SSD_15 Datasheet
556Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1030UFDB DIODES-DMC1030UFDB_15 Datasheet
357Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4029SSD DIODES-DMC4029SSD_15 Datasheet
412Kb / 8P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMG1029SV DIODES-DMG1029SV_15 Datasheet
286Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1018UPD DIODES-DMC1018UPD Datasheet
508Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC3028LSDXQ DIODES-DMC3028LSDXQ Datasheet
490Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC3032LSD DIODES-DMC3032LSD_14 Datasheet
246Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
BCD Semiconductor Manuf...
DMC1028UFDB BCDSEMI-DMC1028UFDB Datasheet
666Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMC10H172SSD DIODES-DMC10H172SSD Datasheet
598Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
March 2022
DMC3730UVT DIODES-DMC3730UVT Datasheet
494Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
July 2018 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com