Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M2V64S20BTP-8A Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # M2V64S20BTP-8A
Description  64M bit Synchronous DRAM
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M2V64S20BTP-8A Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  M2V64S20BTP-8A Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M2V64S20BTP-8A Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M2V64S20BTP-8A Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M2V64S20BTP-8A Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M2V64S20BTP-8A Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M2V64S20BTP-8A Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M2V64S20BTP-8A Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M2V64S20BTP-8A Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M2V64S20BTP-8A Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
Apr. '99
MITSUBISHI LSIs
MITSUBISHI ELECTRIC
SDRAM (Rev.1.2)
M2V64S20BTP-7,-7L,-8,-8L,-8A,-10,-10L (4-BANK x 4194304-WORD x 4-BIT)
M2V64S30BTP-7,-7L,-8,-8L,-8A,-10,-10L (4-BANK x 2097152-WORD x 8-BIT)
M2V64S40BTP-7,-7L,-8,-8L,-8A,-10,-10L (4-BANK x 1048576-WORD x 16-BIT)
64M bit Synchronous DRAM
4
PIN FUNCTION
CLK
Input
Master Clock: All other inputs are referenced to the rising edge of CLK.
CKE
Input
Clock Enable: CKE controls internal clock. When CKE is low, internal clock
for the following cycle is ceased. CKE is also used to select auto / self
refresh. After self refresh mode is started, CKE becomes asynchronous
input. Self refresh is maintained as long as CKE is low.
/CS
Input
Chip Select: When /CS is high, any command means No Operation.
/RAS, /CAS, /WE
Input
Combination of /RAS, /CAS, /WE defines basic commands.
A0-11
Input
A0-11 specify the Row / Column Address in conjunction with BA0,1. The
Row Address is specified by A0-11. The Column Address is specified by
A0-A9(x4), A0-A8(x8), A0-7(x16) . A10 is also used to indicate precharge
option. When A10 is high at a read / write command, an auto precharge
is performed. When A10 is high at a precharge command, all banks are
precharged.
BA0,1
Input
Bank Address: BA0,1 specifies one of four banks to which a command is
applied. BA0,1 must be set with ACT, PRE, READ, WRITE commands.
DQ0-3(x4),
DQ0-7(x8),
DQ0-15(x16)
Input / Output
Data In and Data out are referenced to the rising edge of CLK.
DQM(x4,x8),
DQMU/L(x16)
Input
Din Mask / Output Disable: When DQMU/L is high in burst write, Din for the
current cycle is masked. When DQMU/L is high in burst read,
Dout is disabled at the next but one cycle.
Vdd, Vss
Power Supply
Power Supply for the memory array and peripheral circuitry.
VddQ, VssQ
Power Supply
VddQ and VssQ are supplied to the Output Buffers only.


Similar Part No. - M2V64S20BTP-8A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M2V64S20BTP-6 MITSUBISHI-M2V64S20BTP-6 Datasheet
655Kb / 52P
   64M bit Synchronous DRAM
More results

Similar Description - M2V64S20BTP-8A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M2V64S20BTP-6 MITSUBISHI-M2V64S20BTP-6 Datasheet
655Kb / 52P
   64M bit Synchronous DRAM
M2V64S20DTP-6 MITSUBISHI-M2V64S20DTP-6 Datasheet
426Kb / 51P
   64M Synchronous DRAM
M2V64S20DTP MITSUBISHI-M2V64S20DTP Datasheet
471Kb / 51P
   64M Synchronous DRAM
logo
NEC
UPD4564323 NEC-UPD4564323 Datasheet
1Mb / 84P
   64M-bit Synchronous DRAM 4-bank, LVTTL
logo
Alliance Semiconductor ...
AS4C64M4SA-7TCN ALSC-AS4C64M4SA-7TCN Datasheet
1Mb / 55P
   64M x 4 bit Synchronous DRAM (SDRAM)
logo
Elpida Memory
UPD4564163 ELPIDA-UPD4564163 Datasheet
919Kb / 85P
   64M-bit Synchronous DRAM 4-bank, LVTTL
logo
Etron Technology, Inc.
EM68C16CWQE-18H ETRON-EM68C16CWQE-18H Datasheet
1Mb / 58P
   64M x 16 bit DDRII Synchronous DRAM (SDRAM)
EM68C16CWQE-18IH ETRON-EM68C16CWQE-18IH Datasheet
1,005Kb / 56P
   64M x 16 bit DDRII Synchronous DRAM (SDRAM)
EM68C16CWQG-18IH ETRON-EM68C16CWQG-18IH Datasheet
1Mb / 60P
   64M x 16 bit DDRII Synchronous DRAM (SDRAM)
EM6GC16EWKE-15H ETRON-EM6GC16EWKE-15H Datasheet
835Kb / 85P
   64M x 16 bit DDR3 Synchronous DRAM (SDRAM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com